Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC75397E Arkusz danych(PDF) 11 Page - Sanyo Semicon Device

Numer części LC75397E
Szczegółowy opis  Single Chip Electronic Volume and Tone Control System
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75397E Arkusz danych(HTML) 11 Page - Sanyo Semicon Device

Back Button LC75397E Datasheet HTML 7Page - Sanyo Semicon Device LC75397E Datasheet HTML 8Page - Sanyo Semicon Device LC75397E Datasheet HTML 9Page - Sanyo Semicon Device LC75397E Datasheet HTML 10Page - Sanyo Semicon Device LC75397E Datasheet HTML 11Page - Sanyo Semicon Device LC75397E Datasheet HTML 12Page - Sanyo Semicon Device LC75397E Datasheet HTML 13Page - Sanyo Semicon Device LC75397E Datasheet HTML 14Page - Sanyo Semicon Device LC75397E Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
No. 6108-11/26
LC75397E
Continued from preceding page.
Pin No.
Pin
Function
Equivalent circuit
• A capacitor with a value of a few tens of µF must be inserted
between Vref and AVSS (VSS) to reduce power supply ripple
in the 0.5
× VDD voltage generator block used for analog
ground.
21
Vref
• Chip enable
When this pin goes from high to low, data is written to an
internal latch and the analog switches operate. Data transfers
are enables when this pin is at the high level.
25
CE
• Electronic volume control test pin.
This pin must be held at the VSS potential.
22
TEST
• Unused pins. These pins must either be left open or
connected to VSS.
16
17
20
27
28
29
57
NC
• Serial data and clock inputs for chip control
24
23
DI
CL
Ground
56
VSS
Power supply
26
VDD


Podobny numer części - LC75397E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC75391 SANYO-LC75391 Datasheet
322Kb / 13P
   Single-Chip Electronic Volume Control System
LC75391M SANYO-LC75391M Datasheet
322Kb / 13P
   Single-Chip Electronic Volume Control System
LC75392 SANYO-LC75392 Datasheet
271Kb / 12P
   Single-Chip Electronic Volume Control System
LC75392M SANYO-LC75392M Datasheet
271Kb / 12P
   Single-Chip Electronic Volume Control System
LC75394 SANYO-LC75394 Datasheet
380Kb / 17P
   Single-Chip Electronic Volume Control System
More results

Podobny opis - LC75397E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC75348 SANYO-LC75348 Datasheet
215Kb / 21P
   Single-Chip Electronic Volume and Tone Control System
LC75342 SANYO-LC75342 Datasheet
306Kb / 20P
   Single-Chip Volume and Tone Control System
LC75341 SANYO-LC75341 Datasheet
295Kb / 20P
   Single-Chip Volume and Tone Control System
LC75394NE SANYO-LC75394NE Datasheet
380Kb / 17P
   Single-Chip Electronic Volume Control System
LC75395E SANYO-LC75395E Datasheet
457Kb / 17P
   Single-Chip Electronic Volume Control System
LC75396NE SANYO-LC75396NE Datasheet
471Kb / 19P
   Single-Chip Electronic Volume Control System
LC75392 SANYO-LC75392 Datasheet
271Kb / 12P
   Single-Chip Electronic Volume Control System
LC75391 SANYO-LC75391 Datasheet
322Kb / 13P
   Single-Chip Electronic Volume Control System
LC75371M SANYO-LC75371M Datasheet
523Kb / 17P
   Car Stereo Electronic Tone and Volume Control
LC75347E SANYO-LC75347E Datasheet
602Kb / 17P
   Six-Channel Single-Chip Electronic Volume Control System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com