Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI4368DY Arkusz danych(PDF) 1 Page - Vishay Siliconix

Numer części SI4368DY
Szczegółowy opis  N-Channel Reduced Qg, Fast Switching WFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4368DY Arkusz danych(HTML) 1 Page - Vishay Siliconix

  SI4368DY Datasheet HTML 1Page - Vishay Siliconix SI4368DY Datasheet HTML 2Page - Vishay Siliconix SI4368DY Datasheet HTML 3Page - Vishay Siliconix SI4368DY Datasheet HTML 4Page - Vishay Siliconix SI4368DY Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES
D Extremely Low Qgd WFET Technology for
Switching Losses Improvement
D TrenchFETr Gen II Power MOSFET
D 100% Rg Tested
APPLICATIONS
D Low-Side DC/DC Conversion
− Notebook, Server, VRM Module
D Fixed Telecom
Si4368DY
Vishay Siliconix
New Product
Document Number: 72704
S-40105—Rev. A, 02-Feb-04
www.vishay.com
1
N-Channel Reduced Qg, Fast Switching WFETt
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
30
0.0032 @ VGS = 10 V
25
30
0.0036 @ VGS = 4.5 V
22
SO-8
SD
SD
SD
GD
5
6
7
8
Top View
2
3
4
1
D
G
S
N-Channel MOSFET
Ordering Information: Si4368DY—E3
Si4368DY-T1—E3 (Lead Free with Tape and Reel)
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
10 secs
Steady State
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
"12
V
Continuous Drain Current (TJ = 150_C)a
TA = 25_C
ID
25
17
Continuous Drain Current (TJ = 150_C)a
TA = 70_C
ID
20
13
Pulsed Drain Current (10 ms Pulse Width)
IDM
70
A
Continuous Source Current (Diode Conduction)a
IS
2.9
1.3
Avalanch Current
L= 0.1 mH
iAS
50
Maximum Power Dissipationa
TA = 25_C
PD
3.5
1.6
W
Maximum Power Dissipationa
TA = 70_C
PD
2.2
1
W
Operating Junction and Storage Temperature Range
TJ, Tstg
−55 to 150
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Mi
J
ti
t A bi ta
t v 10 sec
R
29
35
Maximum Junction-to-Ambienta
Steady State
RthJA
67
80
_C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
13
16
C/W
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.


Podobny numer części - SI4368DY

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI4368DY VISHAY-SI4368DY_V01 Datasheet
167Kb / 8P
   N-Channel Reduced Qg, Fast Switching MOSFET
01-Jan-2022
More results

Podobny opis - SI4368DY

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI4392DY VISHAY-SI4392DY Datasheet
55Kb / 5P
   N-Channel Reduced Qg, Fast Switching WFET
Rev. D, 26-Jul-04
SI7392DP VISHAY-SI7392DP Datasheet
56Kb / 5P
   N-Channel Reduced Qg, Fast Switching WFET
Rev. D, 26-Jul-04
SI7392ADP VISHAY-SI7392ADP Datasheet
234Kb / 3P
   N-Channel Reduced Qg, Fast Switching WFET
Rev. B, 26-Jun-06
SI4392DY VISHAY-SI4392DY_06 Datasheet
101Kb / 6P
   N-Channel Reduced Qg, Fast Switching WFET®
Rev. E, 12-Jun-06
SI4390DY VISHAY-SI4390DY Datasheet
44Kb / 5P
   N-Channel Qg, Fast Switching WFET
Rev. B, 19-May-03
SI4394DY VISHAY-SI4394DY Datasheet
70Kb / 5P
   N-Channel Reduced Qdg, Fast Switching WFET
Rev. A, 15-Mar-04
SI4860DY VISHAY-SI4860DY Datasheet
39Kb / 4P
   N-Channel Reduced Qg, Fast Switching MOSFE
Rev. C, 14-Apr-03
SI7860DP-T1 VISHAY-SI7860DP-T1 Datasheet
147Kb / 7P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. E, 09-Feb-09
SI4872DY VISHAY-SI4872DY Datasheet
57Kb / 4P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. A, 17-Jul-00
SI4850EY VISHAY-SI4850EY Datasheet
61Kb / 4P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. D, 29-Mar-04
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com