Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HCPL-M454 Arkusz danych(PDF) 5 Page - Agilent(Hewlett-Packard)

Numer części HCPL-M454
Szczegółowy opis  Ultra High CMR, Small Outline, 5 Lead, High Speed Optocoupler
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HP [Agilent(Hewlett-Packard)]
Strona internetowa  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-M454 Arkusz danych(HTML) 5 Page - Agilent(Hewlett-Packard)

  HCPL-M454 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-M454 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-M454 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-M454 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-M454 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-M454 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-M454 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-M454 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-M454 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
SwitchingSpecifications
Over recommended temperature (TA = 0°C to 70°C) unless otherwise specified
Parameter
Sym.
Min. Typ. Max. Units
TestConditions
Fig. Note
Propagation
tPHL
0.2
0.3
µsT
A = 25°C
Pulse: f = 20 kHz
8, 9
9
DelayTime
Duty Cycle = 10%
to Logic
0.2
0.5
IF = 16 mA
VCC = 5.0 V
Low at
RL = 1.9 kΩ
CL = 15 pF
Output
VTHHL = 1.5 V
0.2
0.5
0.7
TA = 25°C Pulse: f = 10 kHz
10-
10
Duty Cycle = 50%
14
0.1
0.5
1.0
IF = 12 mA
VCC = 15.0 V
RL = 20 kΩ
CL = 100 pF
VTHHL = 1.5 V
Propagation
tPLH
0.3
0.5
µsT
A = 25°C
Pulse: f = 20 kHz
8, 9
9
DelayTime
Duty Cycle = 10%
to Logic
0.3
0.7
IF = 16 mA
VCC = 5.0 V
Highat
RL = 1.9 kΩ
CL = 15 pF
Output
VTHLH = 1.5 V
0.3
0.8
1.1
TA = 25°C Pulse: f = 10 kHz
10-
10
Duty Cycle = 50%
14
0.2
0.8
1.4
IF = 12 mA
VCC = 15.0 V
RL = 20 kΩ
CL = 100 pF
VTHLH = 2.0 V
Propagation
tPLH-
-0.4
0.3
0.9
µsT
A = 25°C
Pulse: f = 10 kHz
10-
13
Delay
tPHL
Duty Cycle = 50%
14
Difference
-0.7
0.3
1.3
IF = 12 mA
VCC = 15.0 V
Between
RL = 20 kΩ
CL = 100 pF
Any 2 Parts
VTHHL = 1.5 V VTHLH = 2.0 V
Common
|CMH|
15
30
kV/
µsT
A = 25°CVCC = 5.0 V
RL = 1.9 kΩ
77,9
Mode
CL = 15 pF
IF = 0 mA
Transient
VCM = 1500 VP-P
Immunity
at Logic
15
30
TA = 25°CVCC = 15.0 V
RL = 20 kΩ
78,10
HighLevel
CL = 100 pF
IF = 0 mA
Output
VCM = 1500 VP-P
Common
|CML|
15
30
kV/
µsT
A = 25°CVCC = 5.0 V
RL = 1.9 kΩ
77,9
Mode
CL = 15 pF
IF = 16 mA
Transient
VCM = 1500 VP-P
Immunity
at Logic
10
30
TA = 25°CVCC = 15.0 V
RL = 20 kΩ
78,10
Low Level
CL = 100 pF
IF = 12 mA
Output
VCM = 1500 VP-P
15
30
TA = 25°CVCC = 15.0 V
RL = 20 kΩ
78,10
CL = 100 pF
IF = 16 mA
VCM = 1500 VP-P


Podobny numer części - HCPL-M454

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-M454 AVAGO-HCPL-M454 Datasheet
235Kb / 12P
   Ultra High CMR, Small Outline, 5 Lead, High Speed Optocoupler
More results

Podobny opis - HCPL-M454

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-M454 AVAGO-HCPL-M454 Datasheet
235Kb / 12P
   Ultra High CMR, Small Outline, 5 Lead, High Speed Optocoupler
HCPL-M611-500E AVAGO-HCPL-M611-500E Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M611 AVAGO-HCPL-M611 Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M601-000E AVAGO-HCPL-M601-000E Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-M611 HP-HCPL-M611 Datasheet
261Kb / 10P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-M600 AVAGO-HCPL-M600 Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M601-500E AVAGO-HCPL-M601-500E Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M600500 AVAGO-HCPL-M600500 Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
ACPL-M60L-500E AVAGO-ACPL-M60L-500E Datasheet
285Kb / 11P
   Small Outline, 5 Leads, High CMR, High Speed, Description
HCPL-M453-000E AVAGO-HCPL-M453-000E Datasheet
152Kb / 9P
   Small Outline, 5 Lead, High Speed Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com