Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADT7518ARQ-REEL Arkusz danych(PDF) 6 Page - Analog Devices

Numer części ADT7518ARQ-REEL
Szczegółowy opis  SPI/I2C Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output DAC
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADT7518ARQ-REEL Arkusz danych(HTML) 6 Page - Analog Devices

Back Button ADT7518ARQ-REEL Datasheet HTML 2Page - Analog Devices ADT7518ARQ-REEL Datasheet HTML 3Page - Analog Devices ADT7518ARQ-REEL Datasheet HTML 4Page - Analog Devices ADT7518ARQ-REEL Datasheet HTML 5Page - Analog Devices ADT7518ARQ-REEL Datasheet HTML 6Page - Analog Devices ADT7518ARQ-REEL Datasheet HTML 7Page - Analog Devices ADT7518ARQ-REEL Datasheet HTML 8Page - Analog Devices ADT7518ARQ-REEL Datasheet HTML 9Page - Analog Devices ADT7518ARQ-REEL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
ADT7518
Rev. A | Page 6 of 40
DAC AC CHARACTERISTICS1
Table 2. VDD = 2.7 V to 5.5 V, RL = 4.7 kΩ to GND; CL = 200 pF to GND; 4.7 kΩ to VDD; all specifications TMIN to TMAX, unless
otherwise noted.
Parameter2
Min
Typ3
Max
Unit
Conditions/Comments
Output Voltage Settling Time
VREF = VDD = 5 V
ADT7518
6
8
µs
1/4 scale to 3/4 scale change (40h to C0h)
Slew Rate
0.7
V/µs
Major-Code Change Glitch Energy
12
nV-s
1 LSB change around major carry
Digital Feedthrough
0.5
nV-s
Digital Crosstalk
1
nV-s
Analog Crosstalk
0.5
nV-s
DAC-to-DAC Crosstalk
3
nV-s
Multiplying Bandwidth
200
kHz
VREF = 2 V ±0.1 V p-p
Total Harmonic Distortion
–70
dB
VREF = 2.5 V ±0.1 V p-p. Frequency = 10 kHz.
1 Guaranteed by design and characterization, not production tested.
2 See the
section.
Terminology
3 @ 25°C.
SCL
t4
t2
t1
t3
t5
t6
SDA
DATA IN
SDA
DATA OUT
Figure 2. I2C Bus Timing Diagram
t1
t2
t3
t5
t6
t4
t7
t8
D7
CS
SCLK
DIN
DOUT
D6
D5
D4
D3
D2
D1
D0
X
X
X
X
X
X
X
X
X
X
X
X
XXXX
D7
D6
D5
D4
D3
D2
D1
D0
Figure 3. SPI Bus Timing Diagram
200
µAI
OH
1.6V
TO OUTPUT
PIN
CL
50pF
200
µAI
OL
Figure 4. Load Circuit for Access Time and Bus Relinquish Time
4.7k
4.7k
VDD
TO DAC
OUTPUT
200pF
Figure 5. Load Circuit for DAC Outputs


Podobny numer części - ADT7518ARQ-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADT7518 AD-ADT7518_15 Datasheet
898Kb / 40P
   SPI/IC Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output DAC
Rev. A
More results

Podobny opis - ADT7518ARQ-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADT7516 AD-ADT7516 Datasheet
1Mb / 44P
   SPI/I2C Compatible, Temperature Sensor, Four Channel ADC and Quad Voltage Output DAC
REV. A
ADT7516 AD-ADT7516_06 Datasheet
1Mb / 44P
   SPI-/I2C-Compatible, Temperature Sensor,4-Channel ADC and Quad Voltage Output
REV. B
ADT7518 AD-ADT7518_15 Datasheet
898Kb / 40P
   SPI/IC Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output DAC
Rev. A
ADT7516 AD-ADT7516_15 Datasheet
3Mb / 44P
   SPI-/IC-Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output
Rev. B
ADT7517 AD-ADT7517_15 Datasheet
3Mb / 44P
   SPI-/IC-Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output
Rev. B
ADT7519 AD-ADT7519_15 Datasheet
3Mb / 44P
   SPI-/IC-Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output
Rev. B
ADT7316 AD-ADT7316 Datasheet
340Kb / 32P
   SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and Quad Voltage Output 12/10/8-Bit DAC
REV. PrN 02/02
ADT7411 AD-ADT7411 Datasheet
456Kb / 36P
   SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
REV. A
ADT7411 AD-ADT7411_15 Datasheet
1Mb / 36P
   SPI-/IC-Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
Rev. B
logo
Texas Instruments
DAC532A3W TI1-DAC532A3W Datasheet
2Mb / 88P
[Old version datasheet]   DAC53xAxW 10-Bit Three-Channel and Two-Channel Voltage-Output and Current- Output Smart DAC With I2C or SPI
NOVEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com