Zakładka z wyszukiwarką danych komponentów |
|
93AA66AEOTG Arkusz danych(PDF) 11 Page - Microchip Technology |
|
93AA66AEOTG Arkusz danych(HTML) 11 Page - Microchip Technology |
11 / 24 page 2003 Microchip Technology Inc. DS21795B-page 11 93AA66A/B/C, 93LC66A/B/C, 93C66A/B/C 3.0 PIN DESCRIPTIONS TABLE 3-1: PIN DESCRIPTIONS 3.1 Chip Select (CS) A high level selects the device; a low level deselects the device and forces it into Standby mode. However, a programming cycle which is already in progress will be completed, regardless of the Chip Select (CS) input signal. If CS is brought low during a program cycle, the device will go into Standby mode as soon as the programming cycle is completed. CS must be low for 250 ns minimum (TCSL) between consecutive instructions. If CS is low, the internal control logic is held in a Reset status. 3.2 Serial Clock (CLK) The Serial Clock is used to synchronize the communi- cation between a master device and the 93XX series device. Opcodes, address and data bits are clocked in on the positive edge of CLK. Data bits are also clocked out on the positive edge of CLK. CLK can be stopped anywhere in the transmission sequence (at high or low level) and can be continued anytime with respect to clock high time (TCKH) and clock low time (TCKL). This gives the controlling master freedom in preparing opcode, address and data. CLK is a “Don't Care” if CS is low (device deselected). If CS is high, but the Start condition has not been detected (DI = 0), any number of clock cycles can be received by the device without changing its status (i.e., waiting for a Start condition). CLK cycles are not required during the self-timed Write (i.e., auto ERASE/WRITE) cycle. After detection of a Start condition the specified number of clock cycles (respectively low-to-high transitions of CLK) must be provided. These clock cycles are required to clock in all required opcode, address and data bits before an instruction is executed. CLK and DI then become don't care inputs waiting for a new Start condition to be detected. 3.3 Data In (DI) Data In (DI) is used to clock in a Start bit, opcode, address and data synchronously with the CLK input. 3.4 Data Out (DO) Data Out (DO) is used in the READ mode to output data synchronously with the CLK input (TPD after the positive edge of CLK). This pin also provides READY/BUSY status informa- tion during ERASE and WRITE cycles. READY/BUSY status information is available on the DO pin if CS is brought high after being low for minimum Chip Select low time (TCSL) and an Erase or Write operation has been initiated. The Status signal is not available on DO, if CS is held low during the entire ERASE or WRITE cycle. In this case, DO is in the HIGH-Z mode. If status is checked after the ERASE/WRITE cycle, the data line will be high to indicate the device is ready. Note: Issuing a Start bit and then taking CS low will clear the READY/BUSY status from DO. 3.5 Organization (ORG) When the ORG pin is connected to VCC or Logic HI, the (x16) memory organization is selected. When the ORG pin is tied to VSS or Logic LO, the (x8) memory organization is selected. For proper operation, ORG must be tied to a valid logic level. 93XX66A devices are always x8 organization and 93XX66B devices are always x16 organization. Name SOIC/PDIP/ MSOP/TSSOP SOT-23 Rotated SOIC Function CS 1 5 3 Chip Select CLK 2 4 4 Serial Clock DI 3 3 5 Data In DO 4 1 6 Data Out VSS 52 7 Ground ORG/NC 6 N/A 8 Organization / 93XX66C No Internal Connection / 93XX66A/B NC 7 N/A 1 No Internal Connection VCC 8 6 2 Power Supply |
Podobny numer części - 93AA66AEOTG |
|
Podobny opis - 93AA66AEOTG |