Zakładka z wyszukiwarką danych komponentów |
|
CD216A-B120RLF Arkusz danych(PDF) 3 Page - Bourns Electronic Solutions |
|
CD216A-B120RLF Arkusz danych(HTML) 3 Page - Bourns Electronic Solutions |
3 / 7 page Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. CD216A-B120L ~ B140 MITE Chip Diode Rating and Characteristic Curves: CD216A-B120L Derating Curve Capacitance Between Terminals Forward Characteristics Reverse Characteristics 10 0.1 0.0 0.2 0.4 0.6 0.8 Forward Voltage (Volts) 1 Ta = 25 °C Pulsewidth: 300 µs 25 °C 100 °C 125 °C 100 0.001 0 5 10 15 20 25 Reverse Voltage (Volts) 0.01 0.1 1 10 125 °C 100 °C 25 °C 1.25 1.00 0.75 0.50 0.25 0.00 25 50 75 100 125 150 Lead Temperature (°C) Single Phase Half Wave 60 Hz Resistive or Inductive Load 200 20 40 60 80 100 120 140 160 180 0 010 20 30 40 Reverse Voltage (Volts) F = 1 MHz Ta = 25 °C |
Podobny numer części - CD216A-B120RLF |
|
Podobny opis - CD216A-B120RLF |