Zakładka z wyszukiwarką danych komponentów |
|
SN74AUP1G34 Arkusz danych(PDF) 2 Page - Texas Instruments |
|
|
SN74AUP1G34 Arkusz danych(HTML) 2 Page - Texas Instruments |
2 / 13 page SN74AUP1G34 LOW POWER SINGLE BUFFER GATE SCES603B – AUGUST 2004 – REVISED JUNE 2005 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 description/ordering information (continued) This single buffer gate performs the Boolean function Y = A in positive logic. NanoStar and NanoFree package technology is a major breakthrough in IC packaging concepts, using the die as the package. This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs, preventing damaging current backflow through the device when it is powered down. ORDERING INFORMATION TA PACKAGE† ORDERABLE PART NUMBER TOP-SIDE MARKING‡ NanoStar − WCSP (DSBGA) 0.23-mm Large Bump − YEP Tape and reel SN74AUP1G34YEPR _ _ _H9_ −40 °C to 85°C NanoFree − WCSP (DSBGA) 0.23-mm Large Bump − YZP (Pb-free) Tape and reel SN74AUP1G34YZPR _ _ _H9_ −40 °C to 85°C SOT (SOT-23) − DBV Tape and reel SN74AUP1G34DBVR H34_ SOT (SC-70) − DCK Tape and reel SN74AUP1G34DCKR H9_ SOT (SOT-553) − DRL Reel of 4000 SN74AUP1G34DRLR H9_ † Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. ‡ DBV/DCK/DRL: The actual top-side marking has one additional character that designates the assembly/test site. YEP/YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following character to designate the assembly/test site. Pin 1 identifier indicates solder-bump composition (1 = SnPb, • = Pb-free). FUNCTION TABLE INPUT A OUTPUT Y H H L L logic diagram (positive logic) AY 24 |
Podobny numer części - SN74AUP1G34 |
|
Podobny opis - SN74AUP1G34 |