Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL278 Datasheet(Arkusz danych) 9 Page - Analog Devices

Numer części ADXL278
Szczegółowy opis  Dual-Axis, High-g, MEMS Accelerometers
Pobierz  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 
 9 page
background image
ADXL278
Rev. A | Page 9 of 12
OUTLINE DIMENSIONS
BOTTOM VIEW
1
3
5
7
0.64
1.90
2.50
2.50
0.38 DIAMETER
0.50 DIAMETER
1.27
1.27
1.27
4.50
SQ
5.00
SQ
TOP VIEW
R 0.38
0.20
1.78
R 0.20
Figure 6. 8-Terminal Ceramic Leadless Chip Carrier [LCC]
(E-8)
Dimensions shown in millimeters
AXL278 ORDERING GUIDE
Model1
Parts
per Reel
Measurement
Range
Specified
Voltage (V)
Temperature
Range
Package Description
Package
Option
AD22284-A-R2
250
±35 g/±35 g
5
−40°C to +105°C
8-Lead Ceramic Leadless Chip Carrier
E-8
AD22284-A
3000
±35 g/±35 g
5
−40°C to +105°C
8-Lead Ceramic Leadless Chip Carrier
E-8
AD22285-R2
250
±50 g/±50 g
5
−40°C to +105°C
8-Lead Ceramic Leadless Chip Carrier
E-8
AD22285
3000
±50 g/±50 g
5
−40°C to +105°C
8-Lead Ceramic Leadless Chip Carrier
E-8
AD22286-R2
250
±70 g/±35 g
5
−40°C to +105°C
8-Lead Ceramic Leadless Chip Carrier
E-8
AD22286
3000
±70 g/±35 g
5
−40°C to +105°C
8-Lead Ceramic Leadless Chip Carrier
E-8
1 All models are on tape and reel and are Pb-free parts.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
LIS2L02ALMEMS INERTIAL SENSOR: 2-axis - +/-2g ULTRACOMPACT LINEAR ACCELEROMETER 1 2 3 4 5 MoreSTMicroelectronics
ADXL150+-5 g to +-50 g Low Noise Low Power Single/Dual Axis iMEMS Accelerometers 1 2 3 4 5 MoreAnalog Devices
LIS3L06ALMEMS INERTIAL SENSOR: 3-axis - +/-2g/6g ULTRACOMPACT LINEAR ACCELEROMETER 1 2 3 4 5 MoreSTMicroelectronics
ADXL202Low Cost +-2 g/+-10 g Dual Axis iMEMS Accelerometers with Digital Output 1 2 3 4 5 MoreAnalog Devices
LIS2L06ALMEMS INERTIAL SENSOR: 2-axis - +/- 2g/6g ULTRACOMPACT LINEAR ACCELEROMETER 1 2 3 4 5 MoreSTMicroelectronics
KD29Sto®Beschleunigungsaufnehmer Shock Accelerometers 1 2 List of Unclassifed Manufacturers
LIS3LV02DLMEMS INERTIAL SENSOR 3-Axis - ±2g/±6g Digital Output Low Voltage Linear Accelerometer 1 2 3 4 5 MoreSTMicroelectronics
KXPA4Accelerometers and Inclinometers Multiplexed Analog Output 1 2 3 List of Unclassifed Manufacturers
LIS3L02AS4MEMS INERTIAL SENSOR 3-Axis - ±2g/±6g LINEAR ACCELEROMETER 1 2 3 4 5 MoreSTMicroelectronics
ADXL202ELow-Cost +-2 g Dual-Axis Accelerometer with Duty Cycle Output 1 2 3 4 5 MoreAnalog Devices