Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


CTA1 Datasheet(Arkusz danych) 2 Page - List of Unclassifed Manufacturers

Numer części CTA1
Szczegółowy opis  Switch Ccapacity up to 25A, Small size and light weight, PCB pin qiock connect mounting available
Pobierz  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo 

   
 2 page
background image
Distributor: Electro-Stock www.electrostock.com
Tel: 630-682-1542
Fax: 630-682-1562
ORDERING INFORMATION
1. Series:
CTA1
CTA1
2.Contact Arrangement:
1A=SPST N.O.
1C=SPDT
1A
3. Sealing Options:
S = Sealed
C = Dust Cover
S
4. Termination:
P = PCB Pins
Q = Quick Connect
Q
5. Coil Voltage:
6VDC
12VDC
24VDC
48VDC
12
6. Coil Power:
1.2 = 1.2W
1.5 = 1.5W
1.2
7. Coil Suppression:
Blank = Standard
D = Diode (1N4005)
R = Resistor (680 Ohms)
** Consult factory if other values
are needed.
DIMENSIONS (Units = mm)
PC PIN DIMENSIONS (Units = mm)
SCHEMATICS & PC LAYOUT (BOTTOM VIEWS)
1A
1C
CTA1




Html Pages

1  2 


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
CTA12Switching capacity up to 20A Small size and light weight 1 2 CIT Relay & Switch
CA1AUTOMOTIVE POWER RELAYS SMALL SIZE LIGHT WEIGHT AND COMPLETELY WATER TIGHT 1 2 3 4 5 Nais(Matsushita Electric Works)
NT90Small size light weight. Low coil power consumption heavy contact load. Strong anti-shock and anti-vibration high reliability long life. 1 2 3 DB Lectro Inc
NT90TPSmall size light weight. Low coil power consumption heavy contact load. Strong anti-shock and anti-vibration high reliability long life. 1 2 DB Lectro Inc
JMX-94FMagnet latching relay Small size light weight 1 2 DB Lectro Inc
JZC-7FSmall size light weight Low price. Low coil power consumption 1 2 DB Lectro Inc
JZC-22FSmall size light weight .Low coil power consumption. Switching capacity can reach 20A 1 2 DB Lectro Inc
NVFSSmall size and light weight. Heavy contact load 30A 1 2 DB Lectro Inc
NT90TSmall size light weight. Low coil power consumption heavy contact load. Strong anti-shock and anti-vibration high reliability long life. 1 2 3 4 DB Lectro Inc
NT73-2Small size light weight heavy reverse power. / Low coil power consumption. 1 2 DB Lectro Inc

Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl