Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CX65105-11 Arkusz danych(PDF) 4 Page - List of Unclassifed Manufacturers

Numer części CX65105-11
Szczegółowy opis  1700 - 2200 MHz Linear Power Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

CX65105-11 Arkusz danych(HTML) 4 Page - List of Unclassifed Manufacturers

  CX65105-11 Datasheet HTML 1Page - List of Unclassifed Manufacturers CX65105-11 Datasheet HTML 2Page - List of Unclassifed Manufacturers CX65105-11 Datasheet HTML 3Page - List of Unclassifed Manufacturers CX65105-11 Datasheet HTML 4Page - List of Unclassifed Manufacturers CX65105-11 Datasheet HTML 5Page - List of Unclassifed Manufacturers CX65105-11 Datasheet HTML 6Page - List of Unclassifed Manufacturers CX65105-11 Datasheet HTML 7Page - List of Unclassifed Manufacturers CX65105-11 Datasheet HTML 8Page - List of Unclassifed Manufacturers CX65105-11 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
DATA SHEET • CX65105
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
4
October 15, 2004 • Skyworks Proprietary and Confidential information • Products and Product Information are Subject to Change Without Notice • 101476F
0
5
10
15
20
25
30
1700
1800
1900
2000
2100
2200
Freq (MHz)
85C
25C
-30C
Figure 5. Typical Small Signal Gain vs Frequency Over
Temperature
0
10
20
30
40
50
1700
1800
1900
2000
2100
2200
Freq (MHz)
85C
25C
-30C
Figure 7. Typical OIP3 vs Frequency Over Temperature
0
1
2
3
4
5
6
7
8
1700
1800
1900
2000
2100
2200
Freq (MHz)
85C
25C
-30C
Figure 6. Typical Noise Figure vs Frequency Over Temperature
0
5
10
15
20
25
30
35
1700
1800
1900
2000
2100
2200
Freq (MHz)
-30C
25C
85C
Figure 8. Typical POUT vs Frequency Over Temperature
Evaluation Board Description
Skyworks CX65105 Evaluation Board is used to test the
performance of the CX65105 PA. The Evaluation Board schematic
diagram is shown in Figure 9. The schematic shows the basic
design of the board for the 1700 to 2200 MHz range. Figure 10
provides the Evaluation Board assembly diagram. Figure 11
provides the Evaluation Board layer detail.
Circuit Design Considerations
The following design considerations are general in nature and
must be followed regardless of final use or configuration
1. Paths to ground should be made as short as possible.
2. The ground pad of the CX65105 PA has special electrical and
thermal grounding requirements. This pad is the main thermal
conduit for heat dissipation. Since the circuit board acts as the
heat sink, it must shunt as much heat as possible from the
amplifier. As such, design the connection to the ground pad to
dissipate the maximum wattage produced to the circuit board.
Multiple vias to the grounding layer are required.
3. Two external output bypass capacitors (0.01
µF and 4.7 µF)
are required on the VCC1 (pin 8) supply input. The same two
capacitors are also required on the VCC2 (pin 4) supply input.
Both capacitors should be placed in parallel between the
supply line and ground. Also, a bypass capacitor of 0.01
µF is
required on the VREF input (pin 3). See Figure 9 for a detailed
diagram.
4. VCC1 (pin 8) and VCC2 (pin 4) may be connected together at
the supply.
5. At the RF input (pin 2), a DC blocking capacitor is required.
6. The RF output includes an onboard internal DC blocking
capacitor. All impedance matching is provided internally.
Therefore, the application only needs to provide a good 50
load.
Testing Procedure
Use the following procedure to set up the CX65105 Evaluation
Board for testing. Refer to Figure 12 for guidance:


Podobny numer części - CX65105-11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Skyworks Solutions Inc.
CX65100 SKYWORKS-CX65100 Datasheet
185Kb / 9P
   700 - 1000 MHz Linear Power Amplifier
CX65100-11 SKYWORKS-CX65100-11 Datasheet
185Kb / 9P
   700 - 1000 MHz Linear Power Amplifier
logo
List of Unclassifed Man...
CX65104 ETC-CX65104 Datasheet
166Kb / 9P
   700 - 1000 MHz Linear Power Amplifier
CX65104-11 ETC-CX65104-11 Datasheet
166Kb / 9P
   700 - 1000 MHz Linear Power Amplifier
More results

Podobny opis - CX65105-11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Skyworks Solutions Inc.
SKY65105 SKYWORKS-SKY65105 Datasheet
169Kb / 11P
   1700 - 2200 MHz Linear Power Amplifier
logo
Stealth Microwave, Inc.
SM1720-41L STEALTH_MICROWAVE-SM1720-41L Datasheet
104Kb / 2P
   1700-2000 MHz 12 Watt Linear Power Amplifier
SM1720-37HS STEALTH_MICROWAVE-SM1720-37HS Datasheet
89Kb / 3P
   1700-2000 MHz 5 Watt Linear Power Amplifier
SM1727-34HSQ STEALTH_MICROWAVE-SM1727-34HSQ Datasheet
96Kb / 2P
   1700-2700 MHz 3 Watt Linear Power Amplifier
SM1727-37SQ STEALTH_MICROWAVE-SM1727-37SQ Datasheet
94Kb / 2P
   1700-2700 MHz 5 Watt Linear Power Amplifier
SM1727-37S STEALTH_MICROWAVE-SM1727-37S Datasheet
94Kb / 2P
   1700-2700 MHz 5 Watt Linear Power Amplifier
SM1720-37H STEALTH_MICROWAVE-SM1720-37H Datasheet
93Kb / 2P
   1700-2000 MHz 5 Watt Linear Power Amplifier
SM1720-50L STEALTH_MICROWAVE-SM1720-50L Datasheet
150Kb / 3P
   1700-2000 MHz 100 Watt Linear Power Amplifier
logo
Yantel Corporation
DC1800U10-123 YANTEL-DC1800U10-123 Datasheet
408Kb / 4P
   Directional Coupler 1700 MHz-2200 MHz
logo
Stealth Microwave, Inc.
SM1720-34HS STEALTH_MICROWAVE-SM1720-34HS Datasheet
64Kb / 2P
   1700-2000 MHz 3 Watt Linear Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com