Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVCZ161284ATTR Arkusz danych(PDF) 1 Page - STMicroelectronics

Numer części 74LVCZ161284ATTR
Szczegółowy opis  LOW VOLTAGE HIGH SPEED IEEE 1284 TRANSCEIVER WITH ERROR-FREE POWER-UP
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVCZ161284ATTR Arkusz danych(HTML) 1 Page - STMicroelectronics

  74LVCZ161284ATTR Datasheet HTML 1Page - STMicroelectronics 74LVCZ161284ATTR Datasheet HTML 2Page - STMicroelectronics 74LVCZ161284ATTR Datasheet HTML 3Page - STMicroelectronics 74LVCZ161284ATTR Datasheet HTML 4Page - STMicroelectronics 74LVCZ161284ATTR Datasheet HTML 5Page - STMicroelectronics 74LVCZ161284ATTR Datasheet HTML 6Page - STMicroelectronics 74LVCZ161284ATTR Datasheet HTML 7Page - STMicroelectronics 74LVCZ161284ATTR Datasheet HTML 8Page - STMicroelectronics 74LVCZ161284ATTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
July 2005
I
HIGH SPEED: tPD = 9ns (MAX.) at VCC = 3V
I
LOW POWER DISSIPATION:
ICC=20µA (MAX) at VCC=3.6V TA=85°C
I
TTL COMPATIBLE INPUTS
VIH=2V (MIN) VIL=0.8(MAX)
I
OPERATING VOLTAGE RANGE:
VCC(OPR) = 3.0V to 3.6V
I
A PORT HAVE STANDARD 4mA TOTEM
POLE OUTPUT
I
B PORT HIGH DRIVE SOURCE/SINK
CAPABILITY OF 14mA
I
AUTO POWER-UP FEATURE TO PREVENT
PRINTER ERRORS
I
SUPPORT IEEE STD 1284-I (LEVEL 1 TYPE)
AND IEEE STD 1284-II (LEVEL 2 TYPE) FOR
BIDIRECTIONAL PARALLEL
COMMUNICATIONS BETWEEN PERSONAL
COMPUTER ANT PRINTING PERIPHERALS
I
TRANSLATION CAPABILITY ALLOW
OUTPUTS ON CABLE SIDE TO INTERFACE
WITH 5V SIGNAL
I
PULL-UP RESISTOR INTEGRATED ON ALL
OPEN-DRAIN OUTPUT ELIMINATE THE
NEED FOR DISCRETE RESISTOR
I
REPLACE THE FUNCTION OF TWO
74LVC1284 DEVICES
DESCRIPTION
The 74LVCZ161284A contains eight high speed
non inverting bidirectional buffers and eleven
control/status non-inverting buffers with open
drain outputs fabricated in silicon gate C2MOS
technology. It’s intended to provide a standard
signaling
method
for
a
bi-direction
parallel
peripheral in an Extended Capabilities Port Mode
(ECP). The HD (Active HIGH) input pin enables
the Cable port to switch from Open Drain to a high
drive totem pole output, capable of sourcing 14mA
on all thirteen buffer and 84mA on PERI LOGIC
OUTPUT buffer. The DIR input determines the
direction of data flow on the bidirectional buffers.
DIR (Active HIGH) enables data flow from A port
to B port. DIR (Active LOW) enables data flow
from B port to A port. The Y output (Y9-Y13) stay
in the high state after power-on until an associated
input A9-A13) goes high. When an associated
input goes high, all Y outputs are active, and non
74LVCZ161284A
LOW VOLTAGE HIGH SPEED IEEE1284 TRANSCEIVER
WITH ERROR-FREE POWER-UP
ORDER CODES
PACKAGE
TUBE
T & R
TSSOP
74LVCZ161284ATTR
TSSOP
PIN CONNECTION


Podobny numer części - 74LVCZ161284ATTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
74LVCZ161284AGRG4 TI-74LVCZ161284AGRG4 Datasheet
277Kb / 13P
[Old version datasheet]   19-BIT IEEE STD 1284 TRANSLATION TRANSCEIVER WITH ERROR-FREE POWER UP
More results

Podobny opis - 74LVCZ161284ATTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74LVCZ161284A TI-SN74LVCZ161284A Datasheet
159Kb / 10P
[Old version datasheet]   19-BIT IEEE 1284 TRANSLATION TRANSCEIVER WITH ERROR-FREE POWER UP
SN74LVCE161284 TI-SN74LVCE161284 Datasheet
238Kb / 14P
[Old version datasheet]   19 BIT IEEE 1284 TRANSLATION TRANSCEIVER WITH ERROR FREE POWER UP
SN74LVCZ161284A TI-SN74LVCZ161284A_05 Datasheet
140Kb / 11P
[Old version datasheet]   19-BIT IEEE STD 1284 TRANSLATION TRANSCEIVER WITH ERROR-FREE POWER UP
SN74LVCE161284 TI-SN74LVCE161284_08 Datasheet
365Kb / 16P
[Old version datasheet]   19-BIT IEEE STD 1284 TRANSLATION TRANSCEIVER WITH ERROR-FREE POWER UP
SN74LVCZ161284A TI-SN74LVCZ161284A_08 Datasheet
277Kb / 13P
[Old version datasheet]   19-BIT IEEE STD 1284 TRANSLATION TRANSCEIVER WITH ERROR-FREE POWER UP
SN74LVCE161284 TI-SN74LVCE161284_07 Datasheet
336Kb / 16P
[Old version datasheet]   19-BIT IEEE STD 1284 TRANSLATION TRANSCEIVER WITH ERROR-FREE POWER UP
logo
Fairchild Semiconductor
74ACT1284 FAIRCHILD-74ACT1284 Datasheet
226Kb / 7P
   IEEE 1284 Transceiver
74VHC161284 FAIRCHILD-74VHC161284 Datasheet
205Kb / 11P
   IEEE 1284 Transceiver
74ACT1284 FAIRCHILD-74ACT1284_00 Datasheet
265Kb / 7P
   IEEE 1284 Transceiver
74LVXZ161284 FAIRCHILD-74LVXZ161284 Datasheet
340Kb / 11P
   Low Voltage IEEE 161284 Translating Transceiver with Power-Up Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com