Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXA2726GA Arkusz danych(PDF) 9 Page - Sony Corporation

Numer części CXA2726GA
Szczegółowy opis  PDIC for DVD-RW and RAM
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SONY [Sony Corporation]
Strona internetowa  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2726GA Arkusz danych(HTML) 9 Page - Sony Corporation

Back Button CXA2726GA Datasheet HTML 5Page - Sony Corporation CXA2726GA Datasheet HTML 6Page - Sony Corporation CXA2726GA Datasheet HTML 7Page - Sony Corporation CXA2726GA Datasheet HTML 8Page - Sony Corporation CXA2726GA Datasheet HTML 9Page - Sony Corporation CXA2726GA Datasheet HTML 10Page - Sony Corporation CXA2726GA Datasheet HTML 11Page - Sony Corporation CXA2726GA Datasheet HTML 12Page - Sony Corporation CXA2726GA Datasheet HTML 13Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
CXA2726GA
- 9 -
Electrical and Optical Characteristics 2 (Mode-2: Read Mode/High Gain)
(VCC = 5.0V, VC = 1.4V, VSW1 = 0V, VSW2 = 3.3V, Ta = 25°C)
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Current consumption
ICC
In the dark
44.0
57.5
mA
Output offset voltage
(A to D)
Voff
In the dark, VC reference
–30
0
30
mV
Output offset voltage
(E+I to H+L)
Voff
In the dark, VC reference
–35
0
35
mV
Output offset voltage
(WPP1, WPP2)
Voff
In the dark, VC reference
–30
0
30
mV
Output offset voltage
(RF+)
Voff
In the dark, VC reference
–110
0
110
mV
Output offset voltage
(RF–)
Voff
In the dark, VCC – VC reference
–110
0
110
mV
Output offset matrix
∆Voff
(A + B) – (C + D), In the dark
–30
0
30
mV
(A + D) – (B + C), In the dark
–30
0
30
mV
(A + C) – (B + D), In the dark
–30
0
30
mV
(G + H + K + L) – (E + F + I + J),
In the dark
–30
0
30
mV
A + B + C + D, In the dark
–50
0
50
mV
E + F + G + H + I + J + K + L,
In the dark
–50
0
50
mV
(RF+) – (RF–), In the dark
–160
0
160
mV
Offset temperature drift
(A to D) *
∆Voff/T
In the dark
–100
0
100
µV/°C
Offset temperature drift
(E+I to H+L) *
∆Voff/T
In the dark
–150
0
150
µV/°C
Offset temperature drift
(WPP1, WPP2) *
∆Voff/T
In the dark
–100
0
100
µV/°C
Offset temperature drift
(RF+, RF–) *
∆Voff/T
In the dark
–1
0
1
mV/°C
Output voltage
(A to D) *
Vo
λ = 650nm, 780nm, Po = 10µW
16.8
22.4
28.0
mV/
µW
Output voltage
(E+I to H+L) *
Vo
λ = 650nm, 780nm, Po = 10µW
67.5
90.0
112.5
mV/
µW
Output voltage
(WPP1, WPP2) *
Vo
λ = 650nm, 780nm, Po = 10µW
2.793.734.67
mV/
µW
Output voltage
(RF+) *
Vo
λ = 650nm, 780nm, Po = 10µW
15.0
20.1
25.1
mV/
µW
Output voltage
(RF–) *
Vo
λ = 650nm, 780nm, Po = 10µW
–25.1
–20.1
–15.0
mV/
µW
Output voltage ratio
(E+I to H+L)/(A to D) *
VOR
λ = 650nm, 780nm, Po = 10µW
3.884.084.28
Output voltage ratio
((RF+) + (RF–))/(A to D) *
VOR
λ = 650nm, 780nm, Po = 10µW
1.791.881.97
Maximum output
potential
(A to D, E+I to H+L)
Vomax
λ = 650nm, 780nm, Po = 1mW
3.8
4.0
V


Podobny numer części - CXA2726GA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA2701GA SONY-CXA2701GA Datasheet
50Kb / 2P
   Optical Pickup Chipset with Photodetector ICs Supports High-Speed Writing to CD and DVD
CXA2702GA SONY-CXA2702GA Datasheet
50Kb / 2P
   Optical Pickup Chipset with Photodetector ICs Supports High-Speed Writing to CD and DVD
CXA2716GA SONY-CXA2716GA Datasheet
50Kb / 2P
   Optical Pickup Chipset with Photodetector ICs Supports High-Speed Writing to CD and DVD
CXA2765ER SONY-CXA2765ER Datasheet
388Kb / 32P
   5-channel 3-LD Driver for Optical Disk Drive
More results

Podobny opis - CXA2726GA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BB6390KU ROHM-BB6390KU Datasheet
178Kb / 6P
   Control IC for CD-R/RW, DVDR/RW, DVD-RAM drive
BD7771EFS ROHM-BD7771EFS Datasheet
173Kb / 5P
   7ch Power Driver for DVD(RW, RAM)
logo
Sony Corporation
CXA2598M SONY-CXA2598M Datasheet
71Kb / 8P
   PDIC for CD-R/RW
CXA2586M SONY-CXA2586M Datasheet
91Kb / 8P
   PDIC for CD-ROM/DVD-ROM
logo
Rohm
BA6668FM ROHM-BA6668FM Datasheet
893Kb / 3P
   3-Phase Motor Driver For CD-ROM/R-RW,DVD-ROM/RAM
logo
ON Semiconductor
LV8282PV ONSEMI-LV8282PV Datasheet
195Kb / 14P
   CD/DVD-ROM/RW 4.5ch Driver
April, 2018 ??Rev. 1
logo
Sharp Corporation
LT051PS SHARP-LT051PS Datasheet
43Kb / 3P
   High Power Red Laser Diode for DVD-R/DVD-RW Drive(635nm-30mW)
logo
Rohm
BH6546KV ROHM-BH6546KV Datasheet
124Kb / 3P
   One chip driver for slim CD-ROM/RW, DVD-ROM
logo
List of Unclassifed Man...
DA-3380 ETC-DA-3380 Datasheet
183Kb / 2P
   DVD-RAM MASTERING GENERATOR
logo
Maxim Integrated Produc...
MAX9483 MAXIM-MAX9483 Datasheet
650Kb / 15P
   Dual-Output, Multimode CD-RW/DVD Laser-Diode Drivers
Rev 0; 5/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com