Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KA3021DTF Arkusz danych(PDF) 8 Page - Fairchild Semiconductor

Numer części KA3021DTF
Szczegółowy opis  4-Channel Motor Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA3021DTF Arkusz danych(HTML) 8 Page - Fairchild Semiconductor

Back Button KA3021DTF Datasheet HTML 4Page - Fairchild Semiconductor KA3021DTF Datasheet HTML 5Page - Fairchild Semiconductor KA3021DTF Datasheet HTML 6Page - Fairchild Semiconductor KA3021DTF Datasheet HTML 7Page - Fairchild Semiconductor KA3021DTF Datasheet HTML 8Page - Fairchild Semiconductor KA3021DTF Datasheet HTML 9Page - Fairchild Semiconductor KA3021DTF Datasheet HTML 10Page - Fairchild Semiconductor KA3021DTF Datasheet HTML 11Page - Fairchild Semiconductor KA3021DTF Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
KA3021D
8
Application Information
1. REFERENCE INPUT & ALL MUTE FUNCTION
Pin 23 (REF) is a reference input pin.
• Reference input
The applied voltage at the reference input pin must be between 1.4V and 6.5V, when VCC=8.5V.
• Mute input
The following input conditions must be satisfied for the normal mute function.
2. PROTECTION FUNCTION
Thermal shutdown (TSD)
• If the chip temperature rises above 175
°C, the thermal shutdown (TSD) circuit is activated and the output circuit is in the
mute state, that is off state. The thermal shutdown(TSD) circuit has a temperature hysteresis of 25
°C
All mute on voltage
Below 1V
Mute function operation
All mute off voltage
Above 1.4V
Normal operation


Podobny numer części - KA3021DTF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KA3022D FAIRCHILD-KA3022D Datasheet
199Kb / 12P
   4-Channel Motor Driver
KA3022D3 FAIRCHILD-KA3022D3 Datasheet
199Kb / 12P
   4-Channel Motor Driver
KA3022D3TF FAIRCHILD-KA3022D3TF Datasheet
199Kb / 12P
   4-Channel Motor Driver
KA3022DTF FAIRCHILD-KA3022DTF Datasheet
199Kb / 12P
   4-Channel Motor Driver
KA3027D2 FAIRCHILD-KA3027D2 Datasheet
282Kb / 14P
   4-Channel Motor Driver
More results

Podobny opis - KA3021DTF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
D5954 ETC1-D5954 Datasheet
419Kb / 6P
   4 CHANNEL DRIVER MOTOR DRIVER
logo
Fairchild Semiconductor
FAN8024ED FAIRCHILD-FAN8024ED Datasheet
187Kb / 12P
   4-Channel Motor Driver
KA3012D FAIRCHILD-KA3012D Datasheet
238Kb / 13P
   4-Channel Motor Driver
FAN8024BD FAIRCHILD-FAN8024BD Datasheet
160Kb / 10P
   4-Channel Motor Driver
FAN8040 FAIRCHILD-FAN8040 Datasheet
514Kb / 17P
   4-Channel Motor Driver
FAN8024CD FAIRCHILD-FAN8024CD Datasheet
179Kb / 12P
   4-Channel Motor Driver
KA3022D FAIRCHILD-KA3022D Datasheet
199Kb / 12P
   4-Channel Motor Driver
KA3027D2 FAIRCHILD-KA3027D2 Datasheet
282Kb / 14P
   4-Channel Motor Driver
FAN8024D FAIRCHILD-FAN8024D Datasheet
192Kb / 11P
   4-Channel Motor Driver
logo
Mitsubishi Electric Sem...
M56754SP MITSUBISHI-M56754SP Datasheet
898Kb / 7P
   4-CHANNEL ACTUATOR MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com