Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KM68V1000BLRI-7L Arkusz danych(PDF) 8 Page - Samsung semiconductor

Numer części KM68V1000BLRI-7L
Szczegółowy opis  128K X 8bit Low Power and Low Voltage CMOS Statinc RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAMSUNG [Samsung semiconductor]
Strona internetowa  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM68V1000BLRI-7L Arkusz danych(HTML) 8 Page - Samsung semiconductor

Back Button KM68V1000BLRI-7L Datasheet HTML 2Page - Samsung semiconductor KM68V1000BLRI-7L Datasheet HTML 3Page - Samsung semiconductor KM68V1000BLRI-7L Datasheet HTML 4Page - Samsung semiconductor KM68V1000BLRI-7L Datasheet HTML 5Page - Samsung semiconductor KM68V1000BLRI-7L Datasheet HTML 6Page - Samsung semiconductor KM68V1000BLRI-7L Datasheet HTML 7Page - Samsung semiconductor KM68V1000BLRI-7L Datasheet HTML 8Page - Samsung semiconductor KM68V1000BLRI-7L Datasheet HTML 9Page - Samsung semiconductor KM68V1000BLRI-7L Datasheet HTML 10Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
KM68V1000B, KM68U1000B Family
CMOS SRAM
Revision 2.0
March 1998
DATA RETENTION WAVE FORM
CS1 controlled
VCC
3.0/2.7V1)
2.2V
VDR
CS1
GND
Data Retention Mode
CS1
≥VCC - 0.2V
tSDR
tRDR
TIMING WAVEFORM OF WRITE CYCLE(3) (CS1 Controlled)
Address
CS1
tAW
NOTES (WRITE CYCLE)
1. A write occurs during the overlap of a low CS1, a high CS2 and a low WE. A write begins at the latest transition among CS1 goes low,
CS2 going high and WE going low : A write end at the earliest transition among CS1 going high, CS2 going low and WE going high,
tWP is measured from the begining of write to the end of write.
2. tCW is measured from the CS1 going low or CS2 going high to the end of write.
3. tAS is measured from the address valid to the beginning of write.
4. tWR is measured from the end of write to the address change. tWR(1) applied in case a write ends as CS1 or WE going high tWR(2)
applied in case a write ends as CS2 going to low.
CS2
tCW(2)
WE
Data in
Data Valid
Data out
High-Z
High-Z
tCW(2)
tWR(4)
tWP(1)
tDW
tDH
tAS(3)
tWC
CS2 controlled
VCC
3.0/2.7V1)
0.4V
VDR
CS2
GND
Data Retention Mode
tSDR
tRDR
1. 3.0V for KM68V1000B Family , 2.7V for KM68U1000B Family
CS2
≤0.2V


Podobny numer części - KM68V1000BLRI-7L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
KM68V1000C SAMSUNG-KM68V1000C Datasheet
149Kb / 11P
   128K x8 bit Low Power and Low Voltage CMOS Static RAM
More results

Podobny opis - KM68V1000BLRI-7L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integrated Silicon Solu...
IS62LV1288LL ISSI-IS62LV1288LL Datasheet
77Kb / 10P
   128K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
IS62WV1288DALL ISSI-IS62WV1288DALL Datasheet
468Kb / 16P
   128K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV12816ALL ISSI-IS62WV12816ALL Datasheet
112Kb / 17P
   128K x 16 LOW VOLTAGE ULTRA LOW POWER CMOS STATIC RAM
IS65WV12816ALL ISSI-IS65WV12816ALL Datasheet
133Kb / 19P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IS62LV12816L ICSI-IS62LV12816L Datasheet
462Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62WV1288ALL ISSI-IS62WV1288ALL Datasheet
111Kb / 15P
   128K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62LV12816BLL ISSI-IS62LV12816BLL Datasheet
94Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV12816DALL ISSI-IS62WV12816DALL Datasheet
429Kb / 17P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC62LV12816L ICSI-IC62LV12816L Datasheet
139Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15M1024A TMT-T15M1024A Datasheet
85Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com