Zakładka z wyszukiwarką danych komponentów |
|
HLMP-EJ30-PS000 Arkusz danych(PDF) 6 Page - Agilent(Hewlett-Packard) |
|
HLMP-EJ30-PS000 Arkusz danych(HTML) 6 Page - Agilent(Hewlett-Packard) |
6 / 12 page 6 Typical Viewing Color and Luminous Angle Dominant Lamps Without Standoffs Lamps With Standoffs Intensity Iv (mcd) [1,2] 2 θθθθθ1/2 Wavelength on Leads on Leads @ 20 mA (Deg.)[4] (nm), Typ.[3] (Outline Drawing A) (Outline Drawing B) Min. Max. HLMP-EL30-STK00* 1900 3200 Amber HLMP-EL30-SV000 1900 5500 HLMP-EL30-SVK00* 1900 5500 HLMP-EL32-SV000 1900 5500 HLMP-EJ30-MQ000 520 1500 Orange 605 HLMP-EJ30-NR000 HLMP-EJ32-NR000 680 1900 HLMP-EJ30-PS000 HLMP-EJ32-PS000 880 2500 HLMP-EH30-MQ000 HLMP-EH32-MQ000 520 1500 30 ° HLMP-EH30-NR000 HLMP-EH32-NR000 680 1900 Red-Orange 615 HLMP-EH30-PS000 HLMP-EH32-PS000 880 2500 HLMP-EH30-QT000 HLMP-EH32-QT000 1150 3200 HLMP-EH30-RU000 HLMP-EH32-RU000 1500 4200 HLMP-EG30-KN000 310 880 HLMP-EG30-MQ000 HLMP-EG32-MQ000 520 1500 HLMP-EG30-NQ000 680 1500 HLMP-EG30-NR000 HLMP-EG32-NR000 680 1900 Red 626 HLMP-EG30-PQ000 880 1500 HLMP-EG30-PR000 880 1900 HLMP-EG30-PS000 HLMP-EG32-PS000 880 2500 HLMP-EG30-QT000 HLMP-EG32-QT000 1150 3200 Device Selection Guide (Continued) Notes: 1. The luminous intensity is measured on the mechanical axis of the lamp package. 2. The optical axis is closely aligned with the package mechanical axis. 3. The dominant wavelength, λ d, is derived from the CIE Chromaticity Diagram and represents the color of the lamp. 4. θ 1/2 is the off-axis angle where the luminous intensity is one half the on-axis intensity. 5. The intensity of narrow viewing angle lamps is measured at the intensity peak. Part numbers in bold are recommended for new designs. *HLMP-xLxx-xxK00 are selected to amber color bins 2 and 4 only. **HLMP-xLxx-xx400 are selected to amber color bin 4 only. |
Podobny numer części - HLMP-EJ30-PS000 |
|
Podobny opis - HLMP-EJ30-PS000 |