Zakładka z wyszukiwarką danych komponentów |
|
HLMP-EH24-SV000 Arkusz danych(PDF) 8 Page - Agilent(Hewlett-Packard) |
|
HLMP-EH24-SV000 Arkusz danych(HTML) 8 Page - Agilent(Hewlett-Packard) |
8 / 12 page 8 NOTES: 1. ALL DIMENSIONS ARE IN MILLIMETERS (INCHES). 2. LEADS ARE MILD STEEL, SOLDER DIPPED. 3. TAPERS SHOWN AT TOP OF LEADS (BOTTOM OF LAMP PACKAGE) INDICATE AN EPOXY MENISCUS THAT MAY EXTEND ABOUT 1 mm (0.040 in.) DOWN THE LEADS. 4. RECOMMENDED PC BOARD HOLE DIAMETERS: • LAMP PACKAGE A WITHOUT STAND-OFFS: FLUSH MOUNTING AT BASE OF LAMP PACKAGE = 1.143/1.067 (0.044/0.042). • LAMP PACKAGE B WITH STAND-OFFS: MOUNTING AT LEAD STAND-OFFS = 0.965/0.889 (0.038/0.035). 5. FOR DOME HEIGHTS ABOVE LEAD STAND-OFF SEATING PLANE, d, LAMP PACKAGE B, SEE TABLE. B Package Dimensions A 1.14 ± 0.20 (0.045 ± 0.008) 5.80 ± 0.20 (0.228 ± 0.008) 5.00 ± 0.20 (0.197 ± 0.008) 31.60 (1.244) MIN. 0.70 (0.028) MAX. 1.00 (0.039) MIN. 8.71 ± 0.20 (0.343 ± 0.008) 2.54 ± 0.38 (0.100 ± 0.015) 0.50 ± 0.10 (0.020 ± 0.004) SQ. TYP. CATHODE LEAD 2.35 (0.093) MAX. CATHODE FLAT 1.14 ± 0.20 (0.045 ± 0.008) 5.80 ± 0.20 (0.228 ± 0.008) 5.00 ± 0.20 (0.197 ± 0.008) 31.60 (1.244) MIN. 0.70 (0.028) MAX. 1.00 (0.039) MIN. 8.71 ± 0.20 (0.343 ± 0.008) 2.54 ± 0.38 (0.100 ± 0.015) 0.50 ± 0.10 (0.020 ± 0.004) SQ. TYP. CATHODE LEAD CATHODE FLAT d 1.50 ± 0.15 (0.059 ± 0.006) PART NO. d HLMP-XX10 12.37 ± 0.25 (0.487 ± 0.010) HLMP-XX17 12.42 ± 0.25 (0.489 ± 0.010) HLMP-XX26 12.52 ± 0.25 (0.493 ± 0.010) HLMP-XX32 11.96 ± 0.25 (0.471 ± 0.010) |
Podobny numer części - HLMP-EH24-SV000 |
|
Podobny opis - HLMP-EH24-SV000 |