Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MJ15015 Arkusz danych(PDF) 2 Page - ON Semiconductor

Numer części MJ15015
Szczegółowy opis  COMPLEMENTARY SILICON POWER TRANSISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJ15015 Arkusz danych(HTML) 2 Page - ON Semiconductor

  MJ15015 Datasheet HTML 1Page - ON Semiconductor MJ15015 Datasheet HTML 2Page - ON Semiconductor MJ15015 Datasheet HTML 3Page - ON Semiconductor MJ15015 Datasheet HTML 4Page - ON Semiconductor MJ15015 Datasheet HTML 5Page - ON Semiconductor MJ15015 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2N3055A MJ15015 MJ2955A MJ15016
2
Motorola Bipolar Power Transistor Device Data
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS (1)
*Collector–Emitter Sustaining Voltage
2N3055A, MJ2955A
(IC = 200 mAdc, IB = 0)
MJ15015, MJ15016
VCEO(sus)
60
120
Vdc
Collector Cutoff Current
(VCE = 30 Vdc, VBE(off) = 0 Vdc)
2N3055A, MJ2955A
(VCE = 60 Vdc, VBE(off) = 0 Vdc)
MJ15015, MJ15016
ICEO
0.7
0.1
mAdc
*Collector Cutoff Current
2N3055A, MJ2955A
(VCEV = Rated Value, VBE(off) = 1.5 Vdc)
MJ15015, MJ15016
ICEV
5.0
1.0
mAdc
Collector Cutoff Current
(VCEV = Rated Value, VBE(off) = 1.5 Vdc,
2N3055A, MJ2955A
TC = 150_C)
MJ15015, MJ15016
ICEV
30
6.0
mAdc
Emitter Cutoff Current
2N3055A, MJ2955A
(VEB = 7.0 Vdc, IC = 0)
MJ15015, MJ15016
IEBO
5.0
0.2
mAdc
*SECOND BREAKDOWN
Second Breakdown Collector Current with Base Forward Biased
(t = 0.5 s non–repetitive)
2N3055A, MJ2955A
(VCE = 60 Vdc)
MJ15015, MJ15016
IS/b
1.95
3.0
Adc
*ON CHARACTERISTICS (1)
DC Current Gain
(IC = 4.0 Adc, VCE = 2.0 Vdc)
(IC = 4.0 Adc, VCE = 4.0 Vdc)
(IC = 10 Adc, VCE = 4.0 Vdc)
hFE
10
20
5.0
70
70
Collector–Emitter Saturation Voltage
(IC = 4.0 Adc, IB = 400 mAdc)
(IC = 10 Adc, IB = 3.3 Adc)
(IC = 15 Adc, IB = 7.0 Adc)
VCE(sat)
1.1
3.0
5.0
Vdc
Base–Emitter On Voltage
(IC = 4.0 Adc, VCE = 4.0 Vdc)
VBE(on)
0.7
1.8
Vdc
*DYNAMIC CHARACTERISTICS
Current–Gain — Bandwidth Product
2N3055A, MJ15015
(IC = 1.0 Adc, VCE = 4.0 Vdc, f = 1.0 MHz)
MJ2955A, MJ15016
fT
0.8
2.2
6.0
18
MHz
Output Capacitance
(VCB = 10 Vdc, IE = 0, f = 1.0 MHz)
Cob
60
600
pF
*SWITCHING CHARACTERISTICS (2N3055A only)
RESISTIVE LOAD
Delay Time
v 2%
td
0.5
µs
Rise Time
(VCC = 30 Vdc, IC = 4.0 Adc,
IB1 = IB2 = 0.4 Adc,
tp = 25 µs Duty Cycle v 2%
tr
4.0
µs
Storage Time
IB1 = IB2 = 0.4 Adc,
tp = 25 µs Duty Cycle v 2%
ts
3.0
µs
Fall Time
p = 25 µs Duty Cycle v 2%
tf
6.0
µs
(1) Pulse Test: Pulse Width = 300
µs, Duty Cycle v 2%.
* Indicates JEDEC Registered Data. (2N3055A)


Podobny numer części - MJ15015

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mospec Semiconductor
MJ15015 MOSPEC-MJ15015 Datasheet
193Kb / 4P
   POWER TRANSISTORS(15A)
logo
Motorola, Inc
MJ15015 MOTOROLA-MJ15015 Datasheet
235Kb / 6P
   15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 120 VOLTS 115, 180 WATTS
logo
Wing Shing Computer Com...
MJ15015 WINGS-MJ15015 Datasheet
188Kb / 1P
   Silicon Epitaxial Planar Transistor
logo
Boca Semiconductor Corp...
MJ15015 BOCA-MJ15015 Datasheet
200Kb / 4P
   COMPLEMENTARY SILICON HIGH-POWER TRANSISTORS
logo
ON Semiconductor
MJ15015 ONSEMI-MJ15015 Datasheet
89Kb / 6P
   Complementary Silicon High-Power Transistors
April, 2006 ??Rev. 6
More results

Podobny opis - MJ15015

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
D44E MOTOROLA-D44E Datasheet
84Kb / 2P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
STMicroelectronics
MJE172 STMICROELECTRONICS-MJE172_03 Datasheet
52Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
D44H ONSEMI-D44H_06 Datasheet
68Kb / 5P
   Complementary Silicon Power Transistors
February, 2006 ??Rev. 9
logo
STMicroelectronics
TIP31A STMICROELECTRONICS-TIP31A Datasheet
64Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP33B ONSEMI-TIP33B Datasheet
102Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1996 REV 1
MJE4343 ONSEMI-MJE4343 Datasheet
142Kb / 6P
   POWER TRANSISTORS COMPLEMENTARY SILICON
1998
MJF15030 ONSEMI-MJF15030 Datasheet
246Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1995
logo
STMicroelectronics
BD235 STMICROELECTRONICS-BD235 Datasheet
75Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
BD241A STMICROELECTRONICS-BD241A Datasheet
66Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
June 1997
BD243B STMICROELECTRONICS-BD243B Datasheet
34Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
September 1999
logo
Motorola, Inc
TIP35A MOTOROLA-TIP35A Datasheet
157Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com