Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2N3772 Arkusz danych(PDF) 3 Page - ON Semiconductor

Numer części 2N3772
Szczegółowy opis  POWER TRANSISTORS (NPN SILICON)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N3772 Arkusz danych(HTML) 3 Page - ON Semiconductor

  2N3772 Datasheet HTML 1Page - ON Semiconductor 2N3772 Datasheet HTML 2Page - ON Semiconductor 2N3772 Datasheet HTML 3Page - ON Semiconductor 2N3772 Datasheet HTML 4Page - ON Semiconductor 2N3772 Datasheet HTML 5Page - ON Semiconductor 2N3772 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2N3771 2N3772
3
Motorola Bipolar Power Transistor Device Data
Figure 2. Thermal Response — 2N3771, 2N3772
t, TIME (ms)
1.0
0.01
0.02
0.7
0.5
0.3
0.2
0.1
0.07
0.05
0.03
0.02
0.05
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
200
500
2000
θJC(t) = r(t) θJC
θJC = 0.875°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) – TC = P(pk) θJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
D = 0.5
0.2
0.05
0.01
SINGLE PULSE
0.1
0.02
1000
40
1.0
Figure 3. Active–Region Safe Operating Area
— 2N3771, 2N3772
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
30
20
10
2.0
2.0
3.0
5.0
10
30
50
70 100
7.0
dc
5.0
7.0
3.0
100
µs
1.0 ms
20
2N3771
2N3772, (dc)
40
µs
100 ms
500 ms
PULSE CURVES APPLY
FOR ALL DEVICES
2N3771
2N3772
200
µs
BONDING WIRE LIMITED
THERMALLY LIMITED
(SINGLE PULSE)
SECOND BREAKDOWN LIMITED
CURVES APPLY BELOW RATED VCEO
TC = 25°C
There are two limitations on the power handling ability of a
transistor: average junction temperature and second break-
down. Safe operating area curves indicate IC – VCE limits of
the transistor that must be observed for reliable operation:
i.e., the transistor must not be subjected to greater dissipa-
tion than the curves indicate.
Figure 3 is based on JEDEC registered Data. Second
breakdown pulse limits are valid for duty cycles to 10%
provided TJ(pk) < 200_C. TJ(pk) may be calculated from the
data of Figure 2. Using data of Figure 2 and the pulse power
limits of Figure 3, TJ(pk) will be found to be less than TJ(max)
for pulse widths of 1 ms and less. When using Motorola
transistors, it is permissible to increase the pulse power limits
until limited by TJ(max).
Figure 4. Switching Time Test Circuit
+11 V
25
µs
0
– 9.0 V
RB
– 4 V
D1
SCOPE
VCC
+ 30 V
RC
tr, tf ≤ 10 ns
DUTY CYCLE = 1.0%
51
D1 MUST BE FAST RECOVERY TYPE, e.g.:
1N5825 USED ABOVE IB ≈ 100 mA
MSD6100 USED BELOW IB ≈ 100 mA
RB AND RC ARE VARIED TO OBTAIN DESIRED CURRENT LEVELS
10
0.3
Figure 5. Turn–On Time
IC, COLLECTOR CURRENT (AMP)
5.0
2.0
1.0
0.5
0.2
0.1
0.01
0.5 0.7 1.0
2.0
5.0 7.0
30
VCC = 30
IC/IB = 10
TJ = 25°C
0.05
td
tr
3.0
0.02
10
20
VBE(off) = 5.0 V


Podobny numer części - 2N3772

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mospec Semiconductor
2N3772 MOSPEC-2N3772 Datasheet
132Kb / 3P
   POWER TRANSISTORS(150W)
logo
Dc Components
2N3772 DCCOM-2N3772 Datasheet
233Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
logo
STMicroelectronics
2N3772 STMICROELECTRONICS-2N3772 Datasheet
64Kb / 4P
   HIGH POWER NPN SILICON TRANSISTOR
June 1997
logo
Inchange Semiconductor ...
2N3772 ISC-2N3772 Datasheet
48Kb / 2P
   isc Silicon NPN Power Transistor
logo
Wing Shing Computer Com...
2N3772 WINGS-2N3772 Datasheet
48Kb / 1P
   NPN PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
More results

Podobny opis - 2N3772

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com