Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT147 Arkusz danych(PDF) 3 Page - NXP Semiconductors

Numer części 74HCT147
Szczegółowy opis  10-TO-4 LINE PRIORITY ENCODER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT147 Arkusz danych(HTML) 3 Page - NXP Semiconductors

  74HCT147 Datasheet HTML 1Page - NXP Semiconductors 74HCT147 Datasheet HTML 2Page - NXP Semiconductors 74HCT147 Datasheet HTML 3Page - NXP Semiconductors 74HCT147 Datasheet HTML 4Page - NXP Semiconductors 74HCT147 Datasheet HTML 5Page - NXP Semiconductors 74HCT147 Datasheet HTML 6Page - NXP Semiconductors 74HCT147 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
December 1990
3
Philips Semiconductors
Product specification
10-to-4 line priority encoder
74HC/HCT147
PIN DESCRIPTION
PIN NO.
SYMBOL
NAME AND FUNCTION
8
GND
ground (0 V)
9, 7, 6, 14
Y0 to Y3
BCD address outputs (active LOW)
11, 12, 13, 1, 2, 3, 4, 5, 10
A0 to A8
decimal data inputs (active LOW)
15
n.c.
not connected
16
VCC
positive supply voltage
Fig.1 Pin configuration.
Fig.2 Logic symbol.
Fig.3 IEC logic symbol.


Podobny numer części - 74HCT147

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT147 PHILIPS-74HCT147 Datasheet
120Kb / 23P
   10-to-4 line priority encoder
2003 Oct 30
More results

Podobny opis - 74HCT147

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
MM54HC147 NSC-MM54HC147 Datasheet
108Kb / 4P
   10-to-4 Line Priority Encoder
logo
Hitachi Semiconductor
HD74HC147 HITACHI-HD74HC147 Datasheet
43Kb / 8P
   10-to-4-line Priority Encoder
logo
NXP Semiconductors
74HC147 PHILIPS-74HC147 Datasheet
120Kb / 23P
   10-to-4 line priority encoder
2003 Oct 30
logo
Renesas Technology Corp
HD74HC147 RENESAS-HD74HC147 Datasheet
77Kb / 6P
   10-to-4-line Priority Encoder
logo
STMicroelectronics
M54HC147 STMICROELECTRONICS-M54HC147 Datasheet
241Kb / 10P
   10 TO 4 LINE PRIORITY ENCODER
logo
National Semiconductor ...
MM54HCT147 NSC-MM54HCT147 Datasheet
105Kb / 4P
   10-to-4 Line Priority Encoder
logo
STMicroelectronics
HCC40147B STMICROELECTRONICS-HCC40147B Datasheet
275Kb / 12P
   10 TO 4 LINE BCD PRIORITY ENCODER
logo
Intersil Corporation
CD40147BMS INTERSIL-CD40147BMS Datasheet
81Kb / 8P
   10 Line to 4 Line BCD Priority Encoder
December 1992
logo
Texas Instruments
CD40147B TI-CD40147B Datasheet
436Kb / 10P
[Old version datasheet]   10-LINE TO 4-LINE BCD PRIORITY ENCODER
logo
Intersil Corporation
ACS147MS INTERSIL-ACS147MS Datasheet
39Kb / 2P
   Radiation Hardened 10-to-4 Line Priority Encoder
July 1999
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com