Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS82032T-5I Arkusz danych(PDF) 6 Page - List of Unclassifed Manufacturers

Numer części GS82032T-5I
Szczegółowy opis  64K x 32 2M Synchronous Burst SRAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

GS82032T-5I Arkusz danych(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button GS82032T-5I Datasheet HTML 2Page - List of Unclassifed Manufacturers GS82032T-5I Datasheet HTML 3Page - List of Unclassifed Manufacturers GS82032T-5I Datasheet HTML 4Page - List of Unclassifed Manufacturers GS82032T-5I Datasheet HTML 5Page - List of Unclassifed Manufacturers GS82032T-5I Datasheet HTML 6Page - List of Unclassifed Manufacturers GS82032T-5I Datasheet HTML 7Page - List of Unclassifed Manufacturers GS82032T-5I Datasheet HTML 8Page - List of Unclassifed Manufacturers GS82032T-5I Datasheet HTML 9Page - List of Unclassifed Manufacturers GS82032T-5I Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Rev: 1.04 2/2001
6/23
© 2000, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary
GS82032T/Q-150/138/133/117/100/66
Synchronous Truth Table
Operation
Address
Used
State
Diagram
Key5
E1
E2
ADSP ADSC
ADV
W3
DQ4
Deselect Cycle, Power Down
None
X
H
X
X
L
X
X
High-Z
Deselect Cycle, Power Down
None
X
L
F
L
X
X
X
High-Z
Deselect Cycle, Power Down
None
X
L
F
H
L
X
X
High-Z
Read Cycle, Begin Burst
External
R
L
T
L
X
X
X
Q
Read Cycle, Begin Burst
External
R
L
T
H
L
X
F
Q
Write Cycle, Begin Burst
External
W
L
T
H
L
X
T
D
Read Cycle, Continue Burst
Next
CR
X
X
H
H
L
F
Q
Read Cycle, Continue Burst
Next
CR
H
X
X
H
L
F
Q
Write Cycle, Continue Burst
Next
CW
X
X
H
H
L
T
D
Write Cycle, Continue Burst
Next
CW
H
X
X
H
L
T
D
Read Cycle, Suspend Burst
Current
X
X
H
H
H
F
Q
Read Cycle, Suspend Burst
Current
H
X
X
H
H
F
Q
Write Cycle, Suspend Burst
Current
X
X
H
H
H
T
D
Write Cycle, Suspend Burst
Current
H
X
X
H
H
T
D
Notes:
1. X = Don’t Care, H = High, L = Low.
2. E = T (True) if E2 = 1 and E3 = 0; E = F (False) if E2 = 0 or E3 = 1.
3. W = T (True) and F (False) is defined in the Byte Write Truth Table preceding.
4. G is an asynchronous input. G can be driven high at any time to disable active output drivers. G low can only enable active drivers (shown
as “Q” in the Truth Table above).
5. All input combinations shown above are tested and supported. Input combinations shown in gray boxes need not be used to accomplish
basic synchronous or synchronous burst operations and may be avoided for simplicity.
6. Tying ADSP high and ADSC low allows simple non-burst synchronous operations. See BOLD items above.
7. Tying ADSP high and ADV low while using ADSC to load new addresses allows simple burst operations. See ITALIC items above.


Podobny numer części - GS82032T-5I

ProducentNumer częściArkusz danychSzczegółowy opis
logo
GSI Technology
GS82032 GSI-GS82032 Datasheet
677Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
logo
List of Unclassifed Man...
GS82032A ETC1-GS82032A Datasheet
345Kb / 23P
   2M Synchronous Burst SRAM
logo
GSI Technology
GS82032AGT-100 GSI-GS82032AGT-100 Datasheet
577Kb / 22P
   64K x 32 2Mb Synchronous Burst SRAM
GS82032AGT-100I GSI-GS82032AGT-100I Datasheet
577Kb / 22P
   64K x 32 2Mb Synchronous Burst SRAM
GS82032AGT-133 GSI-GS82032AGT-133 Datasheet
577Kb / 22P
   64K x 32 2Mb Synchronous Burst SRAM
More results

Podobny opis - GS82032T-5I

ProducentNumer częściArkusz danychSzczegółowy opis
logo
GSI Technology
GS820H32AT GSI-GS820H32AT Datasheet
344Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
GS820H32T GSI-GS820H32T Datasheet
344Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
GS82032 GSI-GS82032 Datasheet
677Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
GS82032AT GSI-GS82032AT Datasheet
577Kb / 22P
   64K x 32 2Mb Synchronous Burst SRAM
GS820E32AT GSI-GS820E32AT Datasheet
547Kb / 21P
   64K x 32 2Mb Synchronous Burst SRAM
logo
List of Unclassifed Man...
UT6164C32 ETC-UT6164C32 Datasheet
224Kb / 15P
   64K X 32 SYNCHRONOUS PIPELINED BURST CMOS SRAM
logo
Alliance Semiconductor ...
AS7C3364PFD32B ALSC-AS7C3364PFD32B Datasheet
549Kb / 19P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C3364PFS36A ALSC-AS7C3364PFS36A Datasheet
235Kb / 11P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C3364PFS32B ALSC-AS7C3364PFS32B Datasheet
548Kb / 19P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
logo
Cypress Semiconductor
CY7C1297A CYPRESS-CY7C1297A Datasheet
162Kb / 13P
   64K X 18 Synchronous Burst SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com