Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL213 Datasheet(Arkusz danych) 1 Page - Analog Devices

Numer części ADXL213
Szczegółowy opis  Low Cost 1.2 g Dual Axis Accelerometer
Pobierz  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 
 1 page
background image
Low Cost ±1.2 g Dual
Axis Accelerometer
ADXL213
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
Dual axis accelerometer on a single IC chip
5 mm × 5 mm × 2 mm LCC package
1 mg resolution at 60 Hz
Low power: 700 µA at VS = 5 V (typical)
High zero g bias stability
High sensitivity accuracy
Pulse width modulated digital outputs
X and Y axes aligned to within 0.1° (typical)
BW adjustment with a single capacitor
Single-supply operation
3500 g shock survival
APPLICATIONS
Automotive tilt alarms
Data projectors
Navigation
Platform stabilization/leveling
Alarms and motion detectors
High accuracy, 2-axis tilt sensing
GENERAL DESCRIPTION
The ADXL213 is a low cost, low power, complete dual axis
accelerometer with signal conditioned, duty cycle modulated
outputs, all on a single monolithic IC. The ADXL213 measures
acceleration with a full-scale range of ±1.2 g (typical). The
ADXL213 can measure both dynamic acceleration (e.g.,
vibration) and static acceleration (e.g., gravity).
The outputs are digital signals whose duty cycles (ratio of pulse
width to period) are proportional to acceleration (30%/g). The
duty cycle outputs can be directly measured by a microcontrol-
ler without an A/D converter or glue logic.
Innovative design techniques are used to ensure high zero g bias
stability (typically better than 0.25 mg/°C), as well as tight sensi-
tivity stability (typically better than 50 ppm/°C).
The typical noise floor is 160 µg/√Hz, allowing signals below
1 mg (0.06° of inclination) to be resolved in tilt sensing applica-
tions using narrow bandwidths (<60 Hz).
The user selects the bandwidth of the accelerometer using
capacitors CX and CY at the XFILT and YFILT pins. Bandwidths of
0.5 Hz to 250 Hz may be selected to suit the application.
The ADXL213 is available in a 5 mm × 5 mm × 2 mm, 8-pad
hermetic LCC package.
FUNCTIONAL BLOCK DIAGRAM
ADXL213
SENSOR
32k
32k
+VS
OUTPUT
AMP
OUTPUT
AMP
DCM
COM
ST
XFILT
YFILT
+VS
CDC
CX
DEMOD
CY
T2
YOUT
XOUT
RSET
AC
AMP
A(g) = (T1/T2 – 0.5)/30%
0g = 50% DUTY CYCLE
T2(s) = RSET/125MΩ
T2
T1
Figure 1.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
MXD7210GLLow Cost Low Noise +-10 g Dual Axis Accelerometer with Digital Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXD202Low Cost 2.0g Dual Axis Accelerometer with Digital Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXR7202GLow Cost Low Noise ±2 g Dual Axis Accelerometer with Ratiometric Analog Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXA2312ALow Cost +2 -2 g Dual Axis Accelerometer with Analog Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXR7210GLow Cost Low Noise ±10 g Dual Axis Accelerometer with Ratiometric Analog Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MX205QLow Cost 5.0g Dual Axis Accelerometer with Analog Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXR7311GLLow Cost Low Noise ±2 g Dual Axis Accelerometer with Ratiometric Analog Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXD7202GLLow Cost Low Noise ±2 g Dual Axis Accelerometer with Digital Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MX210QLow Cost 10g Dual Axis Accelerometer with Analog Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXA2500JUltra Low Cost ±1.0 g Dual Axis Accelerometer with Absolute Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl