Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL213AE Datasheet(Arkusz danych) 6 Page - Analog Devices

Numer części ADXL213AE
Szczegółowy opis  Low Cost 1.2 g Dual Axis Accelerometer
Pobierz  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 6 page
background image
ADXL213
Rev. 0 | Page 6 of 12
TEMPERATURE (°C)
46.0
53.0
52.5
52.0
51.5
51.0
50.0
50.5
49.0
49.5
48.0
48.5
47.0
46.5
47.5
53.5
54.0
Figure 9. Zero g Bias vs. Temperature – Parts Soldered to PCB
0
40.0
25.0
30.0
35.0
20.0
15.0
10.0
5.0
NOISE DENSITY (
µg√Hz)
Figure 10. X Axis Noise Density at 25°C
PERCENT SENSITIVITY (%)
0
30
25
20
15
10
5
35
40
Figure 11. Z vs. X Cross-Axis Sensitivity
TEMPERATURE (°C)
28.50
31.00
30.75
30.50
30.00
30.25
29.75
29.25
29.50
28.75
29.00
31.25
31.50
Figure 12. Sensitivity vs. Temperature – Parts Soldered to PCB
0
40.0
25.0
30.0
35.0
20.0
15.0
10.0
5.0
NOISE DENSITY (
µg√Hz)
Figure 13. Y Axis Noise Density at 25°C
PERCENT SENSITIVITY (%)
0
30
25
20
15
10
5
35
40
Figure 14. Z vs. Y Cross-Axis Sensitivity




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
MXD7210GLLow Cost Low Noise +-10 g Dual Axis Accelerometer with Digital Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXD202Low Cost 2.0g Dual Axis Accelerometer with Digital Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXR7202GLow Cost Low Noise ±2 g Dual Axis Accelerometer with Ratiometric Analog Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXA2312ALow Cost +2 -2 g Dual Axis Accelerometer with Analog Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXR7210GLow Cost Low Noise ±10 g Dual Axis Accelerometer with Ratiometric Analog Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MX205QLow Cost 5.0g Dual Axis Accelerometer with Analog Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXR7311GLLow Cost Low Noise ±2 g Dual Axis Accelerometer with Ratiometric Analog Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXD7202GLLow Cost Low Noise ±2 g Dual Axis Accelerometer with Digital Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MX210QLow Cost 10g Dual Axis Accelerometer with Analog Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXA2500JUltra Low Cost ±1.0 g Dual Axis Accelerometer with Absolute Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl