Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL213EB Datasheet(Arkusz danych) 5 Page - Analog Devices

Numer części ADXL213EB
Szczegółowy opis  Low Cost 1.2 g Dual Axis Accelerometer
Pobierz  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 
 5 page
background image
ADXL213
Rev. 0 | Page 5 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
(VS = 5 V for all graphs, unless otherwise noted.)
0
25.0
20.0
15.0
10.0
5.0
DUTY CYCLE OUTPUT (%)
Figure 3. X Axis Zero g Bias Deviation from Ideal at 25°C
0
30.0
20.0
25.0
15.0
10.0
5.0
TEMPCO (mg/°C)
Figure 4. X Axis Zero g Bias Tempco
0
30.0
20.0
25.0
15.0
10.0
5.0
DUTY CYCLE OUTPUT (% per g)
Figure 5. X Axis Sensitivity at 25°C
0
25.0
20.0
15.0
10.0
5.0
DUTY CYCLE OUTPUT (%)
Figure 6. Y Axis Zero g Bias Deviation from Ideal at 25°C
0
40.0
20.0
25.0
30.0
35.0
15.0
10.0
5.0
TEMPCO (mg/°C)
Figure 7. Y Axis Zero g Bias Tempco
0
30.0
20.0
25.0
15.0
10.0
5.0
DUTY CYCLE OUTPUT (% per g)
Figure 8. Y Axis Sensitivity at 25°C




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
MXD7210GLLow Cost Low Noise +-10 g Dual Axis Accelerometer with Digital Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXD202Low Cost 2.0g Dual Axis Accelerometer with Digital Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXR7202GLow Cost Low Noise ±2 g Dual Axis Accelerometer with Ratiometric Analog Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXA2312ALow Cost +2 -2 g Dual Axis Accelerometer with Analog Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXR7210GLow Cost Low Noise ±10 g Dual Axis Accelerometer with Ratiometric Analog Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MX205QLow Cost 5.0g Dual Axis Accelerometer with Analog Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXR7311GLLow Cost Low Noise ±2 g Dual Axis Accelerometer with Ratiometric Analog Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXD7202GLLow Cost Low Noise ±2 g Dual Axis Accelerometer with Digital Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MX210QLow Cost 10g Dual Axis Accelerometer with Analog Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXA2500JUltra Low Cost ±1.0 g Dual Axis Accelerometer with Absolute Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl