Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

4N31SD Arkusz danych(PDF) 7 Page - Fairchild Semiconductor

Numer części 4N31SD
Szczegółowy opis  GENERAL PURPOSE 6-PIN PHOTODARLINGTON OPTOCOUPLERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

4N31SD Arkusz danych(HTML) 7 Page - Fairchild Semiconductor

  4N31SD Datasheet HTML 1Page - Fairchild Semiconductor 4N31SD Datasheet HTML 2Page - Fairchild Semiconductor 4N31SD Datasheet HTML 3Page - Fairchild Semiconductor 4N31SD Datasheet HTML 4Page - Fairchild Semiconductor 4N31SD Datasheet HTML 5Page - Fairchild Semiconductor 4N31SD Datasheet HTML 6Page - Fairchild Semiconductor 4N31SD Datasheet HTML 7Page - Fairchild Semiconductor 4N31SD Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MARKING INFORMATION
Reflow Profile (Black Package, No Suffix)
4N29
V XX YY K
1
2
6
4
3
5
Definitions
1
Fairchild logo
2
Device number
3
VDE mark (Note: Only appears on parts ordered with VDE
option – See order entry table)
4
Two digit year code, e.g., ‘03’
5
Two digit work week ranging from ‘01’ to ‘53’
6
Assembly package code
• Peak reflow temperature: 225
°C (package surface temperature)
• Time of temperature higher than 183
°C for 60–150 seconds
• One time soldering reflow is recommended
215
°C, 10–30 s
225 C peak
Time (Minute)
0
300
250
200
150
100
50
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
Time above 183
°C, 60–150 sec
Ramp up = 3C/sec


Podobny numer części - 4N31SD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Everlight Electronics C...
4N31S(TA)-V EVERLIGHT-4N31S(TA)-V Datasheet
331Kb / 13P
   6 PIN PHOTODARLINGTON
4N31S(TB)-V EVERLIGHT-4N31S(TB)-V Datasheet
331Kb / 13P
   6 PIN PHOTODARLINGTON
4N31S1(TA)-V EVERLIGHT-4N31S1(TA)-V Datasheet
331Kb / 13P
   6 PIN PHOTODARLINGTON
4N31S1(TB)-V EVERLIGHT-4N31S1(TB)-V Datasheet
331Kb / 13P
   6 PIN PHOTODARLINGTON
4N31S1TA-V EVERLIGHT-4N31S1TA-V Datasheet
327Kb / 13P
   6 PIN PHOTODARLINGTON PHOTOCOUPLER
More results

Podobny opis - 4N31SD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
QT Optoelectronics
4N29 QT-4N29 Datasheet
136Kb / 6P
   GENERAL PURPOSE 6-PIN PHOTODARLINGTON OPTOCOUPLERS
logo
Fairchild Semiconductor
4N30 FAIRCHILD-4N30_07 Datasheet
222Kb / 13P
   General Purpose 6-Pin Photodarlington Optocoupler
4N29SR2M FAIRCHILD-4N29SR2M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N29SM FAIRCHILD-4N29SM Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N30SM FAIRCHILD-4N30SM Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N29M FAIRCHILD-4N29M Datasheet
233Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N33SR2M FAIRCHILD-4N33SR2M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
H11B1VM FAIRCHILD-H11B1VM Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
H11B1SR2M FAIRCHILD-H11B1SR2M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
MOC8204 FAIRCHILD-MOC8204 Datasheet
115Kb / 6P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com