Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL213AE-REEL Datasheet(Arkusz danych) 8 Page - Analog Devices

Numer części ADXL213AE-REEL
Szczegółowy opis  Low Cost 1.2 g Dual Axis Accelerometer
Pobierz  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 
 8 page
background image
ADXL213
Rev. 0 | Page 8 of 12
THEORY OF OPERATION
EARTH'S SURFACE
TOP VIEW
(Not to Scale)
PIN 8
XOUT = 50%
YOUT = 80%
XOUT = 50%
YOUT = 50%
PIN 8
XOUT = 50%
YOUT = 20%
PIN 8
XOUT = 80%
YOUT = 50%
PIN 8
XOUT = 20%
YOUT = 50%
Figure 21. Output Response vs. Orientation
The ADXL213 is a complete dual axis acceleration measure-
ment system on a single monolithic IC. It contains a polysilicon
surface-micromachined sensor and signal conditioning
circuitry to implement an open-loop acceleration measurement
architecture. The output signals are duty cycle modulated digital
signals proportional to acceleration. The ADXL213 is capable of
measuring both positive and negative accelerations to ±1.2 g.
The accelerometer can measure static acceleration forces such
as gravity, allowing the ADXL213 to be used as a tilt sensor.
The sensor is a surface-micromachined polysilicon structure
built on top of the silicon wafer. Polysilicon springs suspend the
structure over the surface of the wafer and provide a resistance
against acceleration forces. Deflection of the structure is mea-
sured using a differential capacitor that consists of independent
fixed plates and plates attached to the moving mass. The fixed
plates are driven by 180° out-of-phase square waves. Accelera-
tion deflects the beam and unbalances the differential capacitor,
resulting in an output square wave whose amplitude is propor-
tional to acceleration. Phase sensitive demodulation techniques
are then used to rectify the signal and determine the direction
of the acceleration.
The output of the demodulator is amplified and brought off-
chip through a 32 kΩ resistor. At this point, the user can set the
signal bandwidth of the device by adding a capacitor. This
filtering improves measurement resolution and helps prevent
aliasing.
After being low-pass filtered, the duty cycle modulator converts
the analog signals to duty cycle modulated outputs that can be
read by a counter. A single resistor (RSET) sets the period for a
complete cycle. A 0 g acceleration produces a 50% nominal duty
cycle. The acceleration can be determined by measuring the
length of the positive pulse width (t1) and the period (t2). The
nominal transfer function of the ADXL213 is
Acceleration = ((t1/t2) – Zero g Bias)/Sensitivity
Where in the case of the ADXL213
Zero g Bias = 50% nominal
Sensitivity = 30%/g nominal
t2 = RSET/125 MΩ
PERFORMANCE
Rather than using additional temperature compensation
circuitry, innovative design techniques have been used to ensure
that high performance is built in. As a result, there is essentially
no quantization error or nonmonotonic behavior, and
temperature hysteresis is very low (typically less than 10 mg
over the –40°C to +85°C temperature range).
Figure 9 shows the zero g output performance of eight parts (X
and Y axis) over a –40°C to +85°C temperature range.
Figure 12 demonstrates the typical sensitivity shift over
temperature for VS = 5 V. Sensitivity stability is optimized for
VS = 5 V, but is still very good over the specified range; it is
typically better than ±2% over temperature at VS = 3 V.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
MXD7210GLLow Cost Low Noise +-10 g Dual Axis Accelerometer with Digital Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXD202Low Cost 2.0g Dual Axis Accelerometer with Digital Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXR7202GLow Cost Low Noise ±2 g Dual Axis Accelerometer with Ratiometric Analog Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXA2312ALow Cost +2 -2 g Dual Axis Accelerometer with Analog Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXR7210GLow Cost Low Noise ±10 g Dual Axis Accelerometer with Ratiometric Analog Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MX205QLow Cost 5.0g Dual Axis Accelerometer with Analog Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXR7311GLLow Cost Low Noise ±2 g Dual Axis Accelerometer with Ratiometric Analog Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXD7202GLLow Cost Low Noise ±2 g Dual Axis Accelerometer with Digital Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MX210QLow Cost 10g Dual Axis Accelerometer with Analog Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXA2500JUltra Low Cost ±1.0 g Dual Axis Accelerometer with Absolute Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl