Zakładka z wyszukiwarką danych komponentów |
|
4N29300W Arkusz danych(PDF) 2 Page - Fairchild Semiconductor |
|
4N29300W Arkusz danych(HTML) 2 Page - Fairchild Semiconductor |
2 / 8 page 4/25/00 200038B GENERAL PURPOSE 6-PIN PHOTODARLINGTON OPTOCOUPLERS Parameter Test Conditions Symbol Min Typ Max Unit EMITTER (IF = 10 mA) VF 1.2 1.5 V *Input Forward Voltage *Reverse Leakage Current (VR = 3.0 V) IR 0.001 100 µA *Capacitance (VF = 0 V, f = 1.0 MHz) C 150 pF DETECTOR (IC = 100 µA, IB = 0) BVCEO 30 60 V *Collector-Emitter Breakdown Voltage *Collector-Base Breakdown Voltage (IC = 100 µA, IE = 0) BVCBO 30 100 V *Emitter-Collector Breakdown Voltage (IE = 100 µA, IB = 0) BVECO 5.0 8 V *Collector-Emitter Dark Current (VCE = 10 V, Base Open) ICEO 1 100 nA DC Current Gain (VCE = 5.0 V, IC = 500 µA) hFE 5000 INDIVIDUAL COMPONENT CHARACTERISTICS ELECTRICAL CHARACTERISTICS (T A = 25°C Unless otherwise specified.) DC Characteristic Test Conditions Symbol Min Typ Max Units *Collector Output Current(1,2) (4N32, 4N33) 50 (500) (4N29, 4N30) (IF = 10 mA, VCE = 10 V, IB = 0) IC (CTR) 10 (100) mA (%) (4N31) 5 (50) *Saturation Voltage(2) (4N29, 4N30, 4N32, 4N33) (IF = 8.0 mA, IC = 2.0 mA) VCE(sat) 1.0 V (4N31) 1.2 TRANSFER CHARACTERISTICS Characteristic Test Conditions Symbol Min Typ Max Units Input-Output Isolation Voltage(6) (II-O 1 µA, Vrms, t = 1 min.) 5300 Vac(rms) (4N29, 4N30, 4N31, 4N32, 4N33) VISO *(4N32) VDC 2500 V *(4N33) VDC 1500 Isolation Resistance(6) (VI-O = 500 VDC) RISO 1011 Isolation Capacitance(6) (VI-O = , f = 1 MHz) CISO 0.8 pf ISOLATION CHARACTERISTICS AC Characteristic Test Conditions Symbol Min Typ Max Units Turn-on Time(3) (IF = 200 mA, IC = 50 mA, VCC = 10 V) ton 5.0 Turn-off Time(3) (4N32, 4N33) (Fig.7) toff 100 µs (4N29, 4N30, 4N31) 40 Bandwidth(4,5) BW 30 KHz TRANSFER CHARACTERISTICS 4N29 4N30 4N31 4N32 4N33 |
Podobny numer części - 4N29300W |
|
Podobny opis - 4N29300W |