Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADP3168 Arkusz danych(PDF) 9 Page - Analog Devices

Numer części ADP3168
Szczegółowy opis  6-Bit, Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADP3168 Arkusz danych(HTML) 9 Page - Analog Devices

Back Button ADP3168 Datasheet HTML 5Page - Analog Devices ADP3168 Datasheet HTML 6Page - Analog Devices ADP3168 Datasheet HTML 7Page - Analog Devices ADP3168 Datasheet HTML 8Page - Analog Devices ADP3168 Datasheet HTML 9Page - Analog Devices ADP3168 Datasheet HTML 10Page - Analog Devices ADP3168 Datasheet HTML 11Page - Analog Devices ADP3168 Datasheet HTML 12Page - Analog Devices ADP3168 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
ADP3168
Rev. B | Page 9 of 24
THEORY OF OPERATION
The ADP3168 combines a multimode, fixed frequency PWM
control with multiphase logic outputs for use in 2-, 3-, and
4-phase synchronous buck CPU core supply power converters.
The internal 6-bit VID DAC conforms to Intel’s VRD/VRM 10
specifications. Multiphase operation is important for producing
the high currents and low voltages demanded by today’s
microprocessors. Handling the high currents in a single-phase
converter would place high thermal demands on system
components such as inductors and MOSFETs.
The multimode control of the ADP3168 ensures a stable, high
performance topology for
Balancing currents and thermals between phases
High speed response at the lowest possible switching
frequency and output decoupling
Minimizing thermal switching losses due to lower
frequency operation
Tight load-line regulation and accuracy
High current output resulting from having up to a 4-phase
operation
Reduced output ripple due to multiphase cancellation
PC board layout noise immunity
Ease of use and design due to independent component
selection
Flexibility in operation for tailoring design to low cost or
high performance
NUMBER OF PHASES
The number of operational phases and their phase relationship
is determined by the internal circuitry that monitors the PWM
outputs. Normally, the ADP3168 operates as a 4-phase PWM
controller. Grounding the PWM4 pin programs 3-phase
operation; grounding the PWM3 and PWM4 pins programs
2-phase operation.
When the ADP3168 is enabled, the controller outputs a voltage
on PWM3 and PWM4 of approximately 550 mV. An internal
comparator checks each pin’s voltage vs. a threshold of 400 mV.
If the pin is grounded, the voltage is below the threshold and
the phase is disabled. The output resistance of the PWM pin is
approximately 5 kΩ during this detection time. Any external
pull-down resistance connected to the PWM pin should be at
least 25 kΩ to ensure proper operation. The phase detection is
made during the first two clock cycles of the internal oscillator.
After this time, if the PWM output is not grounded, the 5 kΩ
resistance is removed and switches between 0 V and 5 V. If the
PWM output was grounded, it remains off.
The PWM outputs become logic-level devices once normal
operation starts. The detection is normal and is intended for
driving external gate drivers such as the ADP3418. Because
each phase is monitored independently, operation approaching
100% duty cycle is possible. Also, more than one output can be
on at any given time for overlapping phases.
MASTER CLOCK FREQUENCY
The clock frequency of the ADP3168 is set with an external
resistor connected from the RT pin to ground. The frequency
follows the graph in Figure 3. To determine the frequency per
phase, the clock is divided by the number of phases in use. If
PWM4 is grounded, divide the master clock by 3 for the
frequency of the remaining phases. If PWM3 and PWM4 are
grounded, divide by 2. If all phases are in use, divide by 4.
OUTPUT VOLTAGE DIFFERENTIAL SENSING
The ADP3168 combines differential sensing with a high
accuracy VID DAC and reference and a low offset error amp-
lifier to maintain a worst-case specification of ±10 mV differ-
ential sensing error with a VID input of 1.6000 V over its full
operating output voltage and temperature range. The output
voltage is sensed between the FB and FBRTN pins. FB should
be connected through a resistor to the regulation point, usually
the remote sense pin of the microprocessor. FBRTN should be
connected directly to the remote sense ground point. The
internal VID DAC and precision reference are referenced to
FBRTN, which has a minimal current of 90 µA to allow
accurate remote sensing. The internal error amplifier compares
the output of the DAC to the FB pin to regulate the output
voltage.
OUTPUT CURRENT SENSING
The ADP3168 provides a dedicated current sense amplifier
(CSA) to monitor the total output current for proper voltage
positioning vs. load current and for current limit detection.
Sensing the load current at the output gives the total average
current being delivered to the load, which is an inherently more
accurate method than peak current detection or sampling the
current across a sense element such as the low-side MOSFET.
This amplifier can be configured several ways, depending on
the objectives of the system:
Output inductor ESR sensing without thermistor for lowest
cost
Output inductor ESR sensing with thermistor for improved
accuracy with tracking of inductor temperature
Sense resistors for most accurate measurements


Podobny numer części - ADP3168

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADP3160 AD-ADP3160 Datasheet
292Kb / 16P
   5-Bit Programmable 2-Phase Synchronous Buck Controller
REV. B
ADP3160JR AD-ADP3160JR Datasheet
292Kb / 16P
   5-Bit Programmable 2-Phase Synchronous Buck Controller
REV. B
ADP3161 AD-ADP3161 Datasheet
164Kb / 12P
   4-Bit Programmable 2-Phase Synchronous Buck Controller
REV. 0
ADP3161JR AD-ADP3161JR Datasheet
164Kb / 12P
   4-Bit Programmable 2-Phase Synchronous Buck Controller
REV. 0
ADP3162 AD-ADP3162 Datasheet
151Kb / 12P
   5-Bit Programmable 2-Phase Synchronous Buck Controller
REV. A
More results

Podobny opis - ADP3168

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADP3190 AD-ADP3190 Datasheet
832Kb / 28P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
REV. 0
ADP3188 AD-ADP3188 Datasheet
956Kb / 28P
   6-Bit Programmable 2-/3-/4-Phase Synchronous Buck Controller
REV. A
ADP3191 AD-ADP3191 Datasheet
842Kb / 28P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
REV. 0
ADP3194 AD-ADP3194 Datasheet
649Kb / 32P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
ADP3180 AD-ADP3180 Datasheet
529Kb / 20P
   6-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV. 0
ADP3197 AD-ADP3197 Datasheet
689Kb / 32P
   6-Bit Programmable 2-/3-Phase Synchronous Buck Controller
REV. 0
ADP3181 AD-ADP3181 Datasheet
541Kb / 24P
   5-Bit or 6-Bit Programmable 2-,3-,4-Phase Synchronous Buck Controller
REV. A
logo
ON Semiconductor
ADP3196 ONSEMI-ADP3196 Datasheet
364Kb / 18P
   6-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
January 2008 ??Rev. 1
logo
Analog Devices
ADP3196 AD-ADP3196 Datasheet
539Kb / 20P
   6-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
REV. 0
ADP3166 AD-ADP3166 Datasheet
351Kb / 20P
   5-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com