Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KM718V987 Arkusz danych(PDF) 11 Page - Samsung semiconductor

Numer części KM718V987
Szczegółowy opis  256Kx36 & 512Kx18 Synchronous SRAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAMSUNG [Samsung semiconductor]
Strona internetowa  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM718V987 Arkusz danych(HTML) 11 Page - Samsung semiconductor

Back Button KM718V987 Datasheet HTML 7Page - Samsung semiconductor KM718V987 Datasheet HTML 8Page - Samsung semiconductor KM718V987 Datasheet HTML 9Page - Samsung semiconductor KM718V987 Datasheet HTML 10Page - Samsung semiconductor KM718V987 Datasheet HTML 11Page - Samsung semiconductor KM718V987 Datasheet HTML 12Page - Samsung semiconductor KM718V987 Datasheet HTML 13Page - Samsung semiconductor KM718V987 Datasheet HTML 14Page - Samsung semiconductor KM718V987 Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
KM718V987
256Kx36 & 512Kx18 Synchronous SRAM
- 11 -
Rev 4.0
May 1999
KM736V887
AC TIMING CHARACTERISTICS(VDD=3.3V+0.165V/-0.165V, TA=0
°C to +70°C)
Notes : 1. All address inputs must meet the specified setup and hold times for all rising clock edges whenever ADSC and/or ADSP is sampled low and
CS is sampled low. All other synchronous inputs must meet the specified setup and hold times whenever this device is chip selected.
2. Both chip selects must be active whenever ADSC or ADSP is sampled low in order for the this device to remain enabled.
3. ADSC or ADSP must not be asserted for at least 2 Clock after leaving ZZ state.
PARAMETER
SYMBOL
-7
-8
-9
-10
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
Cycle Time
tCYC
8.5
-
10
-
12
-
12
-
ns
Clock Access Time
tCD
-
7.5
-
8.5
-
9.0
-
10
ns
Output Enable to Data Valid
tOE
-
3.5
-
3.5
-
3.5
-
3.5
ns
Clock High to Output Low-Z
tLZC
2.5
-
2.5
-
2.5
-
2.5
-
ns
Output Hold from Clock High
tOH
2.5
-
2.5
-
2.5
-
2.5
-
ns
Output Enable Low to Output Low-Z
tLZOE
0
-
0
-
0
-
0
-
ns
Output Enable High to Output High-Z
tHZOE
-
3.5
-
3.5
-
3.5
-
4.0
ns
Clock High to Output High-Z
tHZC
-
4.0
-
5.0
-
5.0
-
6.0
ns
Clock High Pulse Width
tCH
2.5
-
3.0
-
3.0
-
3.0
-
ns
Clock Low Pulse Width
tCL
2.5
-
3.0
-
3.0
-
3.0
-
ns
Address Setup to Clock High
tAS
2.0
-
2.0
-
2.0
-
2.0
-
ns
Address Status Setup to Clock High
tSS
2.0
-
2.0
-
2.0
-
2.0
-
ns
Data Setup to Clock High
tDS
2.0
-
2.0
-
2.0
-
2.0
-
ns
Write Setup to Clock High (GW, BW, WEX)
tWS
2.0
-
2.0
-
2.0
-
2.0
-
ns
Address Advance Setup to Clock High
tADVS
2.0
-
2.0
-
2.0
-
2.0
-
ns
Chip Select Setup to Clock High
tCSS
2.0
-
2.0
-
2.0
-
2.0
-
ns
Address Hold from Clock High
tAH
0.5
-
0.5
-
0.5
-
0.5
-
ns
Address Status Hold from Clock High
tSH
0.5
-
0.5
-
0.5
-
0.5
-
ns
Data Hold from Clock High
tDH
0.5
-
0.5
-
0.5
-
0.5
-
ns
Write Hold from Clock High (GW, BW, WEX)
tWH
0.5
-
0.5
-
0.5
-
0.5
-
ns
Address Advance Hold from Clock High
tADVH
0.5
-
0.5
-
0.5
-
0.5
-
ns
Chip Select Hold from Clock High
tCSH
0.5
-
0.5
-
0.5
-
0.5
-
ns
ZZ High to Power Down
tPDS
2
-
2
-
2
-
2
-
cycle
ZZ Low to Power Up
tPUS
2
-
2
-
2
-
2
-
cycle
Output Load(B),
(for tLZC, tLZOE, tHZOE & tHZC)
Dout
353
Ω / 1538Ω
5pF*
+3.3V for 3.3V I/O
319
Ω / 1667Ω
Fig. 1
* Including Scope and Jig Capacitance
Output Load(A)
Dout
Zo=50
RL=50
VL=1.5V for 3.3V I/O
VDDQ/2 for 2.5V I/O
/+2.5V for 2.5V I/O


Podobny numer części - KM718V987

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
KM718V089 SAMSUNG-KM718V089 Datasheet
536Kb / 20P
   512Kx36 & 1Mx18 Synchronous SRAM
KM718V887 SAMSUNG-KM718V887 Datasheet
470Kb / 16P
   256Kx18 Synchronous SRAM
More results

Podobny opis - KM718V987

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
K7A803600M SAMSUNG-K7A803600M Datasheet
542Kb / 20P
   256Kx36 & 512Kx18 Synchronous SRAM
K7A803600B SAMSUNG-K7A803600B_06 Datasheet
422Kb / 19P
   256Kx36 & 512Kx18 Synchronous SRAM
K7A803609B SAMSUNG-K7A803609B_06 Datasheet
420Kb / 19P
   256Kx36 & 512Kx18 Synchronous SRAM
DS_K7A803600B SAMSUNG-DS_K7A803600B Datasheet
401Kb / 18P
   256Kx36 & 512Kx18 Synchronous SRAM
K7B801825M SAMSUNG-K7B801825M Datasheet
582Kb / 21P
   256Kx36 & 512Kx18 Synchronous SRAM
K7A803601M SAMSUNG-K7A803601M Datasheet
466Kb / 17P
   256Kx36 & 512Kx18 Synchronous SRAM
K7B803625B SAMSUNG-K7B803625B Datasheet
460Kb / 20P
   256Kx36 & 512Kx18 Synchronous SRAM
K7A803609A SAMSUNG-K7A803609A Datasheet
372Kb / 20P
   256Kx36 & 512Kx18 Synchronous SRAM
K7D803671B SAMSUNG-K7D803671B Datasheet
270Kb / 16P
   256Kx36 & 512Kx18 SRAM
K7P803611M SAMSUNG-K7P803611M Datasheet
221Kb / 13P
   256Kx36 & 512Kx18 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com