Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ILC7010AIC5285X Arkusz danych(PDF) 4 Page - Fairchild Semiconductor

Numer części ILC7010AIC5285X
Szczegółowy opis  80mA SC70 Low Noise CMOS RF-LDO Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ILC7010AIC5285X Arkusz danych(HTML) 4 Page - Fairchild Semiconductor

  ILC7010AIC5285X Datasheet HTML 1Page - Fairchild Semiconductor ILC7010AIC5285X Datasheet HTML 2Page - Fairchild Semiconductor ILC7010AIC5285X Datasheet HTML 3Page - Fairchild Semiconductor ILC7010AIC5285X Datasheet HTML 4Page - Fairchild Semiconductor ILC7010AIC5285X Datasheet HTML 5Page - Fairchild Semiconductor ILC7010AIC5285X Datasheet HTML 6Page - Fairchild Semiconductor ILC7010AIC5285X Datasheet HTML 7Page - Fairchild Semiconductor ILC7010AIC5285X Datasheet HTML 8Page - Fairchild Semiconductor ILC7010AIC5285X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ILC7010/7011
PRODUCT SPECIFICATION
4
REV. 1.0.5 3/21/02
Electrical Specifications
VIN=VOUT+1V, IOUT=1mA, VEN=2V and TA = +25°C using circuit in Figure 1 with CIN=COUT=1µF, CN=0,
unless otherwise specified
Notes:
1. For 2.5V < VOUT < 2.8V refer to diagram “Dropout Voltage vs. Output Voltage.”
2. Dropout voltage is defined as the input to output differential voltage at which the output voltage drops 2% below the nominal
value measured with 1V differential.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Output Voltage
VOUT
0.99
VOUTnom
VOUTnom
1.01
VOUTnom
V
Ground pin Current
IGND
IOUT=10mA
70
90
µA
IOUT=80mA
90
110
Line Regulation
∆VOUT/VOUT/
∆VIN
VIN: VOUT+1V to VOUT+2V
0.017
0.075
%/V
Load
Regulation
∆VOUT/VOUT IOUT=1 to 80mA
0.12
0.2
%
Dropout Voltage1,2
VDO
IOUT=10mA, VOUT>2.8V
25
30
mV
IOUT=20mA, VOUT>2.8V
50
60
IOUT=80mA, VOUT>2.8V
220
250
Shutdown
(OFF) current
IOFF
VEN=0
10
40
nA
EN Input Voltage
VEN
High = ON state
Low = OFF state
2
0.6
V
EN Input Current
IEN
VEN=0.6V
0.3
µA
VEN=2V
1
Output Noise
Voltage ILC7011
eN
BW=300Hz to 50kHz
CIN=COUT=2.2uF, CN=10nF
IOUT=10mA
40
µV
RMS
Ripple Rejection
PSRR
COUT=4.7uF, 120Hz
IOUT=80mA
65
dB
Dynamic Line
Regulation
VOUT
(line)
∆VIN=1V,IOUT=80mA,
tr/tf=2uS
10
mV
Dynamic Load
Regulation
∆VOUT
(load)
∆IOUT=80mA, tr<5mS
15
mV
Resistance
Discharge in OFF
state
RDISC
VEN=0
1.5
k


Podobny numer części - ILC7010AIC5285X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Impala Linear Corporati...
ILC7010 IMPALA-ILC7010 Datasheet
50Kb / 4P
   80MA SC70 ULTRA LOW NOISE CMOS RF-LDO REGULATOR
ILC7010C5-28 IMPALA-ILC7010C5-28 Datasheet
50Kb / 4P
   80MA SC70 ULTRA LOW NOISE CMOS RF-LDO REGULATOR
ILC7010C5-30 IMPALA-ILC7010C5-30 Datasheet
50Kb / 4P
   80MA SC70 ULTRA LOW NOISE CMOS RF-LDO REGULATOR
ILC7010C5-33 IMPALA-ILC7010C5-33 Datasheet
50Kb / 4P
   80MA SC70 ULTRA LOW NOISE CMOS RF-LDO REGULATOR
ILC7010C5-36 IMPALA-ILC7010C5-36 Datasheet
50Kb / 4P
   80MA SC70 ULTRA LOW NOISE CMOS RF-LDO REGULATOR
More results

Podobny opis - ILC7010AIC5285X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Impala Linear Corporati...
ILC7010 IMPALA-ILC7010 Datasheet
50Kb / 4P
   80MA SC70 ULTRA LOW NOISE CMOS RF-LDO REGULATOR
ILC7011 IMPALA-ILC7011 Datasheet
46Kb / 4P
   80mA SC70 Ultra Low Noise CMOS RF-LDO??Regulator
logo
Taiwan Semiconductor Co...
TS5204 TSC-TS5204_13 Datasheet
205Kb / 9P
   80mA Low Noise LDO Voltage Regulator
TS5213 TSC-TS5213_15 Datasheet
310Kb / 8P
   80mA Low Noise LDO Voltage Regulator with Enable Function
TS5213 TSC-TS5213_10 Datasheet
550Kb / 8P
   80mA Low Noise LDO Voltage Regulator with Enable Function
TS5213 TSC-TS5213 Datasheet
411Kb / 8P
   80mA Low Noise LDO Voltage Regulator with Enable Function
logo
National Semiconductor ...
LMS5213 NSC-LMS5213 Datasheet
271Kb / 10P
   80mA, uCap, Low Dropout Voltage Regulator in SC70
logo
Fairchild Semiconductor
ILC7083 FAIRCHILD-ILC7083 Datasheet
472Kb / 16P
   150mA SOT-23 Low Noise CMOS RF-LDO??Regulator
logo
Exar Corporation
SP6260 EXAR-SP6260_11 Datasheet
738Kb / 13P
   200mA RF Low Noise LDO Regulator
logo
Global Mixed-mode Techn...
AT1203 GMT-AT1203 Datasheet
199Kb / 2P
   Low Noise, 300mA CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com