Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LK1AF-5V Arkusz danych(PDF) 1 Page - Mitsubishi Electric Semiconductor

Numer części LK1AF-5V
Szczegółowy opis  SLIM POWER RELAY WITH HIGH INRUSH CURRENT CAPABILITY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MITSUBISHI [Mitsubishi Electric Semiconductor]
Strona internetowa  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

LK1AF-5V Arkusz danych(HTML) 1 Page - Mitsubishi Electric Semiconductor

  LK1AF-5V Datasheet HTML 1Page - Mitsubishi Electric Semiconductor LK1AF-5V Datasheet HTML 2Page - Mitsubishi Electric Semiconductor LK1AF-5V Datasheet HTML 3Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
59
LK-RELAYS
VDE
SLIM POWER RELAY WITH
HIGH INRUSH CURRENT
CAPABILITY
mm inch
24.0
.945
11.0
.433
25.0
.984
FEATURES
1. High inrush current capability
1) Operating load capability:
inrush 100 A, steady 5 A
2) UL/CSA, TV-5
2. High insulation resistance between
contact and coil
1) Creepage distance and clearances
between contact and coil: Min. 6 mm .236
inch (In compliance with IEC65)
2) Surge withstand voltage between con-
tact and coil: 10,000 V or more
3. High noise immunity realized by the
card separation structure between
contact and coil
4. Popular terminal pitch in AV equip-
ment field
mm inch
Coil
COM
16.5
.650
20
.787
N.O.
7.5
.295
1
.039
1
.039
5. Space-saving slim type
Base area: Width 11
× Length 24 mm
Width .433
× Length .945 inch
6. Conforms to the various safety stan-
dards
UL, CSA, VDE, TÜV, SEMKO, SEV, BSI
approved
Creepage distance and clear-
ances in compliance with IEC65
Card
Partition wall
SPECIFICATIONS
Contact
Coil
Characteristics
Arrangement
1 Form A
Initial contact resistance, max.
(By voltage drop 6 V DC 1 A)
Max. 100 m
Contact material
Silver alloy
Rating
(resistive
load)
Nominal switching capacity
5 A 277 V AC, 5 A 30 V DC
Max. switching power
1,385 VA, 150 W
Max. switching voltage
277 V AC, 30 V DC
Max. switching current
5A (AC), 5 A (DC)
Expected
life (min.
ope.)
Mechanical (at 180 cpm)
2
× 106
Electrical (at 20 cpm)
(at rated load)
105
Nominal operating power
530 mW
Max. operating speed
20 cpm
Initial insulation resistance*1
Min. 1,000 M
Ω (at 500 V DC)
Initial
breakdown
voltage*2
Between open contacts
1,000 Vrms for 1 min
Between contacts and coil
4,000 Vrms for 1 min
Initial surge voltage between con-
tact and coil*3
Min. 10,000 V
Operate time*4 (at nominal voltage)
Approx. 7 ms (at 20
°C 68°F)
Release time (without diode)*4
(at nominal voltage)
Approx. 2 ms (at 20
°C 68°F)
Temperature rise (at 70
°C)
Max. 35
°C with nominal coil voltage
at 5A contact carrying current
(resistance method)
Shock
resistance
Functional*5
Min. 200 m/s2
Destructive*6
Min. 1,000 m/s2
Vibration
resistance
Functional*7
10 to 55 Hz
at double amplitude of 1.5 mm
Destructive
10 to 55 Hz
at double amplitude of 1.5 mm
Conditions for operation,
transport and storage*8
(Not freezing and condens-
ing at low temperature)
Ambient temp.
–40 to +70
°C -40 to +158°F
Humidity
5 to 85%R.H.
Air pressure
86 to 106 kPa
Unit weight
Approx. 12 g .42 oz
Remarks
* Specifications will vary with foreign standards certification ratings.
*1 Measurement at same location as "Initial breakdown voltage" section.
*2 Detection current: 10mA
*3 Wave is standard shock voltage of
±1.2 × 50µs according to JEC-212-1981
*4 Excluding contact bounce time.
*5 Half-wave pulse of sine wave: 11 ms; detection time: 10
µs
*6 Half-wave pulse of sine wave: 6 ms
*7 Detection time: 10
µs
*8 Refer to 5. Conditions for operation, transport and storage mentioned in
AMBIENT ENVIRONMENT (Page 24).
TYPICAL APPLICATIONS
• AV equipment: TV’s, VTR’s, etc.
• OA equipment
• HA equipment
ORDERING INFORMATION
1a: 1 Form A
F: Flux-resistant type
5, 9, 12, 24 V
Contact arrangement
Protective construction
Coil voltage (DC)
Ex.
LK
1a
F
24V
UL/CSA, TÜV, SEMKO, TV-5 approved type is standard.
(Note) Standard packing Carton: 100 pcs. Case: 500 pcs.


Podobny numer części - LK1AF-5V

ProducentNumer częściArkusz danychSzczegółowy opis
logo
M-System Co.,Ltd.
LK1 MSYSTEM-LK1 Datasheet
106Kb / 2P
   TRANSMISSION LEVEL CONVERTER
LK1-1-K MSYSTEM-LK1-1-K Datasheet
106Kb / 2P
   TRANSMISSION LEVEL CONVERTER
LK1-1-R MSYSTEM-LK1-1-R Datasheet
106Kb / 2P
   TRANSMISSION LEVEL CONVERTER
LK1-2-K MSYSTEM-LK1-2-K Datasheet
106Kb / 2P
   TRANSMISSION LEVEL CONVERTER
LK1-2-R MSYSTEM-LK1-2-R Datasheet
106Kb / 2P
   TRANSMISSION LEVEL CONVERTER
More results

Podobny opis - LK1AF-5V

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Siemens Semiconductor G...
B25667-A2157-A375 SIEMENS-B25667-A2157-A375 Datasheet
565Kb / 31P
   Compact design Enhanced inrush current withstand capability
logo
Panasonic Semiconductor
JC1AF-DC6V-F PANASONIC-JC1AF-DC6V-F Datasheet
155Kb / 5P
   Wide variation 1a 15A, 2a 10A power relays High inrush current capability
logo
Fujitsu Component Limit...
JS-12MN-KS FUJITSU-JS-12MN-KS Datasheet
546Kb / 7P
   POWER RELAY 1 POLE-8A (65 A HIGH INRUSH CURRENT)
logo
Tyco Electronics
2-1393240-5 MACOM-2-1393240-5 Datasheet
603Kb / 3P
   Power PCB Relay RT1 Inrush
logo
Zilog, Inc.
IXRD1002 ZILOG-IXRD1002 Datasheet
1Mb / 15P
   High Power Digital Inrush Current Controller
logo
ZETTLER Electronics
AZ762T ZETTLER-AZ762T Datasheet
52Kb / 2P
   16 AMP HIGH INRUSH MINIATURE POWER RELAY
logo
Tyco Electronics
RTS3L005 MACOM-RTS3L005 Datasheet
236Kb / 4P
   Power PCB Relay RT1 Inrush Power
logo
Nais(Matsushita Electri...
JK1APF-12V NAIS-JK1APF-12V Datasheet
54Kb / 3P
   SLIM TYPE POWER RELAY
logo
Tyco Electronics
RT33K012 MACOM-RT33K012 Datasheet
265Kb / 3P
   Power PCB Relay RT1 Inrush
2-1393240-6 MACOM-2-1393240-6 Datasheet
603Kb / 3P
   Power PCB Relay RT1 Inrush
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com