Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADSP-TS202SABP-X Arkusz danych(PDF) 8 Page - Analog Devices

Numer części ADSP-TS202SABP-X
Szczegółowy opis  TigerSHARC Embedded Processor
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADSP-TS202SABP-X Arkusz danych(HTML) 8 Page - Analog Devices

Back Button ADSP-TS202SABP-X Datasheet HTML 4Page - Analog Devices ADSP-TS202SABP-X Datasheet HTML 5Page - Analog Devices ADSP-TS202SABP-X Datasheet HTML 6Page - Analog Devices ADSP-TS202SABP-X Datasheet HTML 7Page - Analog Devices ADSP-TS202SABP-X Datasheet HTML 8Page - Analog Devices ADSP-TS202SABP-X Datasheet HTML 9Page - Analog Devices ADSP-TS202SABP-X Datasheet HTML 10Page - Analog Devices ADSP-TS202SABP-X Datasheet HTML 11Page - Analog Devices ADSP-TS202SABP-X Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
Rev. PrB
|
Page 8 of 40
|
December 2003
ADSP-TS202S
Preliminary Technical Data
LINK PORTS (LVDS)
The DSP’s four full-duplex link ports each provide additional
four-bit receive and four-bit transmit I/O capability, using Low-
Voltage, Differential-Signal (LVDS) technology. With the abil-
ity to operate at a double data rate—latching data on both the
rising and falling edges of the clock—running at 500 MHz, each
link port can support up to 500M bytes per second per direc-
tion, for a combined maximum throughput of 4G bytes per
second.
The link ports provide an optional communications channel
that is useful in multiprocessor systems for implementing point-
to-point interprocessor communications. Applications can also
use the link ports for booting.
Each link port has its own triple-buffered quad-word input and
double-buffered quad-word output registers. The DSP’s core
can write directly to a link port’s transmit register and read from
a receive register, or the DMA controller can perform DMA
transfers through eight (four transmit and four receive) dedi-
cated link port DMA channels.
Each link port direction has three signals that control its opera-
tion. For the transmitter, LxCLKOUT is the output transmit
clock, LxACKI is the handshake input to control the data flow,
and the LxBCMPO output indicates that the block transfer is
complete. For the receiver, LxCLKIN is the input receive clock,
LxACKO is the handshake output to control the data flow, and
Figure 4. ADSP-TS202S Shared Memory Multiprocessing System
CLKS/REFS
ADDR31–0
DATA63–0
BR1
BR7–2,0
ADDR31–0
DATA63–0
BR0
BR7–1
BMS
CONTROL
ADSP-TS202S #0
CONTROL
ADSP-TS202S #1
ADSP-TS202S #7
ADSP-TS202S #6
ADSP-TS202S #5
ADSP-TS202S #4
ADSP-TS202S #3
ADSP-TS202S #2
RESET
RST_IN
ID2–0
CLKS/REFS
SCLK_VREF
VREF
SCLK
SCLKRAT2–0
000
CLOCK
REFERENCE
ADDR
DATA
HOST
PROCESSOR
INTERFACE
(OPTIONAL)
ACK
GLOBAL
MEMORY
AND
PERIPHERALS
(OPTIONAL)
OE
ADDR
DATA
CS
ADDR
DATA
BOOT
EPROM
(OPTIONAL)
RD
MS1–0
ACK
ID2–0
001
HBG
HBR
BOFF
BRST
CS
WE
WRH/L
SDRAM
MEMORY
(OPTIONAL)
MSSD3–0
IORD
IOEN
RAS
CAS
LDQM
HDQM
SDWE
SDCKE
SDA10
CS
RAS
CAS
DQM
WE
CKE
A10
ADDR
DATA
CLK
MSH
DMAR3–0
DPA
CPA
LINK
DEVICES
(4 MAX)
(OPTIONAL)
LxCLKINP/N
LxACKO
LxDATI3–0P/N
LxBCMPI
LxBCMPO
LxDATO3–0P/N
LxCLKOUTP/N
LxACKI
TMR0E
BM
CONTROLIMP1–0
LINK
IRQ3–0
FLAG3–0
LINK
RST_IN
BUSLOCK
CLOCK
DS2–0
IOWR
JTAG
POR_IN
RST_OUT
REFERENCE
LINK
DEVICES


Podobny numer części - ADSP-TS202SABP-X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADSP-TS202SABP-050 AD-ADSP-TS202SABP-050 Datasheet
1Mb / 48P
   TigerSHARC Embedded Processor
REV. C
More results

Podobny opis - ADSP-TS202SABP-X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADSP-TS101SAB1Z100 AD-ADSP-TS101SAB1Z100 Datasheet
685Kb / 48P
   TigerSHARC Embedded Processor
REV. C
ADSP-TS203S AD-ADSP-TS203S Datasheet
609Kb / 40P
   TigerSHARC Embedded Processor
Rev. PrB
ADSP-2101BS-100 AD-ADSP-2101BS-100 Datasheet
667Kb / 48P
   TigerSHARC Embedded Processor
REV. B
ADSP-TS101S AD-ADSP-TS101S_09 Datasheet
685Kb / 48P
   TigerSHARC Embedded Processor
REV. C
ADSP-TS101S AD-ADSP-TS101S_15 Datasheet
685Kb / 48P
   TigerSHARC Embedded Processor
Rev. C
ADSP-TS202S AD-ADSP-TS202S_06 Datasheet
1Mb / 48P
   TigerSHARC Embedded Processor
REV. C
ADSP-TS201S AD-ADSP-TS201S_06 Datasheet
1Mb / 48P
   TigerSHARC-R Embedded Processor
Rev. C
ADSP-TS201S AD-ADSP-TS201S Datasheet
547Kb / 40P
   TigerSHARC-R Embedded Processor
Rev. PrH
ADSP-BF542 AD-ADSP-BF542 Datasheet
1Mb / 64P
   Embedded Processor
Rev. PrG
logo
Applied Micro Circuits ...
405EXR AMCC-405EXR Datasheet
176Kb / 2P
   Embedded Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com