Zakładka z wyszukiwarką danych komponentów
  Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

CS4271 Arkusz danych(PDF) 6 Page - Cirrus Logic

Numer części CS4271
Szczegółowy opis  24-Bit, 192 kHz Stereo Audio CODEC
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CIRRUS [Cirrus Logic]
Strona internetowa  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4271 Arkusz danych(HTML) 6 Page - Cirrus Logic

Back Button CS4271 Datasheet HTML 2Page - Cirrus Logic CS4271 Datasheet HTML 3Page - Cirrus Logic CS4271 Datasheet HTML 4Page - Cirrus Logic CS4271 Datasheet HTML 5Page - Cirrus Logic CS4271 Datasheet HTML 6Page - Cirrus Logic CS4271 Datasheet HTML 7Page - Cirrus Logic CS4271 Datasheet HTML 8Page - Cirrus Logic CS4271 Datasheet HTML 9Page - Cirrus Logic CS4271 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 53 page
background image
CS4271
6
DS592F1
Pin Name
#
Pin Description
XTO
XTI
1,2
Crystal Connections (Input/Output) - I/O pins for an external crystal which may be used to generate
MCLK. See “Crystal Applications (XTI/XTO)” on page 24 or “Crystal Applications (XTI/XTO)” on page 27.
MCLK
3
Master Clock (Input/Output) -Clock source for the delta-sigma modulators. See “Crystal Applications
(XTI/XTO)” on page 24 or “Crystal Applications (XTI/XTO)” on page 27.
LRCK
4
Left Right Clock (Input/Output) - Determines which channel, Left or Right, is currently active on the
serial audio data line.
SCLK
5
Serial Clock (Input/Output) - Serial clock for the serial audio interface.
SDOUT
6
Serial Audio Data Output (Output) - Output for two’s complement serial audio data.
SDIN
7
Serial Audio Data Input (Input) - Input for two’s complement serial audio data.
DGND
8
Digital Ground (Input) - Ground reference for the internal digital section.
VD
9
Digital Power (Input) - Positive power for the internal digital section.
VL
10
Logic Power (Input) - Positive power for the digital input/output interface.
SCL/CCLK
11
Serial Control Port Clock (Input) - Serial clock for the serial control port.
SDA/CDIN
12
Serial Control Data (Input/Output) - SDA is a data I/O in I²C mode. CDIN is the input data line for the
control port interface in SPI mode.
AD0/CS
13
Address Bit 0 (I²C) / Control Port Chip Select (SPI) (Input) - AD0 is a chip address pin in I²C mode; CS
is the chip select signal for SPI format.
RST
14
Reset (Input) - The device enters a low power mode when this pin is driven low.
VQ1
15
Quiescent Voltage (Output) - Filter connection for internal quiescent reference voltage.
VQ2
16
Quiescent Voltage (Input) - Connection for internal quiescent reference voltage.
AINA
AINB
17,
18
Analog Input (Input) - The full scale input level is specified in the ADC Analog Characteristics specifica-
tion table.
VQ3
19
Quiescent Voltage (Input) - Connection for internal quiescent reference voltage.
VA
20
Analog Power (Input) - Positive power for the internal analog section.
AGND
21
Analog Ground (Input) - Ground reference for the internal analog section.
FILT+
22
Positive Voltage Reference (Output) - Positive reference voltage for the internal sampling circuits.
AMUTEC
23
Channel A Mute Control (Output) - This pin is active during power-up initialization, reset, muting, when
master clock to left/right clock frequency ratio is incorrect, or power-down.
AOUTA-
AOUTA+
AOUTB+
AOUTB-
24,
25,
26,
27
Differential Analog Audio Output (Output) - The full scale differential output level is specified in the
DAC Analog Characteristics specification table.
BMUTEC
28
Channel B Mute Control (Output) - This pin is active during power-up initialization, reset, muting, when
master clock to left/right clock frequency ratio is incorrect, or power-down.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53 


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn