Zakładka z wyszukiwarką danych komponentów
  Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

CS4271 Arkusz danych(PDF) 4 Page - Cirrus Logic

Numer części CS4271
Szczegółowy opis  24-Bit, 192 kHz Stereo Audio CODEC
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CIRRUS [Cirrus Logic]
Strona internetowa  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4271 Arkusz danych(HTML) 4 Page - Cirrus Logic

  CS4271 Datasheet HTML 1Page - Cirrus Logic CS4271 Datasheet HTML 2Page - Cirrus Logic CS4271 Datasheet HTML 3Page - Cirrus Logic CS4271 Datasheet HTML 4Page - Cirrus Logic CS4271 Datasheet HTML 5Page - Cirrus Logic CS4271 Datasheet HTML 6Page - Cirrus Logic CS4271 Datasheet HTML 7Page - Cirrus Logic CS4271 Datasheet HTML 8Page - Cirrus Logic CS4271 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 53 page
background image
CS4271
4
DS592F1
6.1 SPI Mode ......................................................................................................................... 35
6.2 I²C Mode .......................................................................................................................... 36
7. REGISTER QUICK REFERENCE .......................................................................................... 37
8. REGISTER DESCRIPTION .................................................................................................... 38
8.1 Mode Control 1 - Address 01h ......................................................................................... 38
8.1.1 Functional Mode (Bits 7:6) .................................................................................. 38
8.1.2 Ratio Select (Bits 5:4) ......................................................................................... 38
8.1.3 Master / Slave Mode (Bit 3) ................................................................................. 38
8.1.4 DAC Digital Interface Format (Bits 2:0) ............................................................... 38
8.2 DAC Control - Address 02h ............................................................................................. 39
8.2.1 Auto-Mute (Bit 7) ................................................................................................. 39
8.2.2 Interpolation Filter Select (Bit 6) .......................................................................... 39
8.2.3 De-Emphasis Control (Bits 5:4) ........................................................................... 39
8.2.4 Soft Volume Ramp-Up After Error (Bit 3) ............................................................ 40
8.2.5 Soft Ramp-Down Before Filter Mode Change (Bit 2) .......................................... 40
8.2.6 Invert Signal Polarity (Bits 1:0) ............................................................................ 40
8.3 DAC Volume & Mixing Control - Address 03h ................................................................. 40
8.3.1 Channel B Volume = Channel A Volume (Bit 6) ................................................. 40
8.3.2 Soft Ramp or Zero Cross Enable (Bits 5:4) ......................................................... 40
8.3.3 ATAPI Channel Mixing and Muting (Bits 3:0) ...................................................... 41
8.4 DAC Channel A Volume Control - Address 04h .............................................................. 42
8.5 DAC Channel B Volume Control - Address 05h .............................................................. 42
8.5.1 Mute (Bit 7) .......................................................................................................... 42
8.5.2 Volume Control (Bits 6:0) .................................................................................... 42
8.6 ADC Control - Address 06h ............................................................................................. 43
8.6.1 Dither for 16-Bit Data (Bit 5) ................................................................................ 43
8.6.2 ADC Digital Interface Format (Bit 4) .................................................................... 43
8.6.3 ADC Channel A & B Mute (Bits 3:2) .................................................................... 43
8.6.4 Channel A & B High Pass Filter Disable (Bits 1:0) .............................................. 43
8.7 Mode Control 2 - Address 07h ......................................................................................... 43
8.7.1 Digital Loopback (Bit 4) ....................................................................................... 43
8.7.2 AMUTEC = BMUTEC (Bit 3) ............................................................................... 43
8.7.3 Freeze (Bit 2) ...................................................................................................... 44
8.7.4 Control Port Enable (Bit 1) .................................................................................. 44
8.7.5 Power Down (Bit 0) ............................................................................................. 44
8.8 Chip ID - Register 08h .....................................................................................................44
8.8.1 Chip ID (Bits 7:4) ................................................................................................. 44
8.8.2 Chip Revision (Bits 3:0) ....................................................................................... 44
9. PARAMETER DEFINITIONS .................................................................................................. 45
10. PACKAGE DIMENSIONS ..................................................................................................... 46
11. APPENDIX ............................................................................................................................ 47


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53 


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn