Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDC10-48S15 Arkusz danych(PDF) 2 Page - List of Unclassifed Manufacturers

Numer części FDC10-48S15
Szczegółowy opis  10 watts of output power from a 2 x 1 x 0.4 inch package
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

FDC10-48S15 Arkusz danych(HTML) 2 Page - List of Unclassifed Manufacturers

  FDC10-48S15 Datasheet HTML 1Page - List of Unclassifed Manufacturers FDC10-48S15 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model
Number
Input
Range
Output
Voltage
Output
Current
Input
Current
(7)
Eff
(8)
(%)
Capacitor
Load max
(9)
FDC10-12S33
9 – 18 VDC
3.3 VDC
2000mA
724mA
80
6800uF
FDC10-12S05
9 – 18 VDC
5 VDC
2000mA
1082mA
81
4700uF
FDC10-12S12
9 – 18 VDC
12 VDC
830mA
1064mA
82
690uF
FDC10-12S15
9 – 18 VDC
15 VDC
670mA
1088mA
81
470uF
FDC10-12D05
9 – 18 VDC
± 5 VDC
± 1000mA
1068mA
82
± 680uF
FDC10-12D12
9 – 18 VDC
± 12 VDC
± 416mA
1053mA
83
± 330uF
FDC10-12D15
9 – 18 VDC
± 15 VDC
± 333mA
1041mA
84
± 110uF
FDC10-24S33
18 – 36 VDC
3.3 VDC
2000mA
362mA
80
6800uF
FDC10-24S05 (W)
18 – 36 (9 – 36) VDC
5 VDC
2000mA
534 (548mA)
82 (80)
4700uF
FDC10-24S12 (W)
18 – 36 (9 – 36) VDC
12 VDC
830mA
519 (532mA)
84 (82)
690uF
FDC10-24S15 (W)
18 – 36 (9 – 36) VDC
15 VDC
670mA
523 (551mA)
84 (80)
470uF
FDC10-24D05 (W)
18 – 36 (9 – 36) VDC
± 5 VDC
± 1000mA
548 (548mA)
80 (80)
± 680uF
FDC10-24D12 (W)
18 – 36 (9 – 36) VDC
± 12 VDC
± 416mA
520 (547mA)
84 (80)
± 330uF
FDC10-24D15 (W)
18 – 36 (9 – 36) VDC
± 15 VDC
± 333mA
520 (548mA)
84 (80)
± 110uF
FDC10-48S33
36 – 75 VDC
3.3 VDC
2000mA
183mA
79
6800uF
FDC10-48S05 (W)
36 – 75 (18 – 75) VDC
5 VDC
2000mA
260 (274mA)
84 (80)
4700uF
FDC10-48S12 (W)
36 – 75 (18 – 75) VDC
12 VDC
830mA
253 (259mA)
86 (84)
690uF
FDC10-48S15 (W)
36 – 75 (18 – 75) VDC
15 VDC
670mA
258 (262mA)
85 (84)
470uF
FDC10-48D05 (W)
36 – 75 (18 – 75) VDC
± 5 VDC
± 1000mA
267 (271mA)
82 (81)
± 680uF
FDC10-48D12 (W)
36 – 75 (18 – 75) VDC
± 12 VDC
± 416mA
254 (281mA)
86 (78)
± 330uF
FDC10-48D15 (W)
36 – 75 (18 – 75) VDC
± 15 VDC
± 333mA
260 (270mA)
84 (81)
± 110uF
PIN CONNECTION
PIN
SINGLE
DUAL
1
+ INPUT
+ INPUT
2
- INPUT
- INPUT
3
+ OUTPUT
+ OUTPUT
4
NO PIN
COMMON
5
- OUTPUT
- OUTPUT
6
CTRL (Option)
CTRL (Option)
1.25
1.5
1.75
2
0.5
1
50
65
OUTPUT LOAD (A)
FDC10-48S05
Efficiency VS Output load
82
81
80
79
78
77
76
75
70
1. All dimensions in Inches (mm)
2. Pin Pitch tolerance
I0.014(0.35)
0.40
(10.2)
0.40
(10.2)
0.50
(12.7)
1.00(25.4)
0.10(2.5)
0.20(5.1)
0.22(5.6)
0.40
(10.2)
1
2
34
5
6
Bottom
View
Note
1.
The FDC10 (W) series required a minimum 10% loading on the output to maintain specified regulation.
Operation under no-load condition will not damage these devices, however they may not meet all listed
specification
2.
Simulated source impedance of 12uH. 12uH inductor in series with +Vin.
3.
The ON/OFF control is option function. There are positive logic and negative logic. The pin voltage is
referenced to negative input
To order positive logic ON-OFF control add the suffix-P (Ex: FDC10-24S05-P)
To order negative logic ON-OFF control add the suffix-N (Ex: FDC10-24S05-N)
4.
BELLCORE TR-NWT-000332. Case I: 50% Stress, Temperature at 40ºC. (Ground fixed and controlled
environment)
5.
M1 version is more efficient, therefore, it can be operated in a more extensive temperature range than
standard and M2 version.
6.
Heat sink is optional and P/N: 7G-0020A.
7.
Maximum value at nominal input voltage and full load of standard type.
8.
Typical value at nominal input voltage and full load.
9.
Test by minimum Vin and constant resistor load.
0
25
50
75
100
0
50 60 70 80 90 100
-40 -25 -10
AMBIENT TEMPERATURE (ºC)
FDC10-48S05 Derating Curve
Nature convection
50 60 70 80 90 100
-40 -25
0
-10
25
50
75
100
0
AMBIENT TEMPERATURE (ºC)
FDC10-48S05-M1 Derating Curve
Nature convection
50 60 70 80 90 100
-40 -25
0
-10
25
50
75
100
0
AMBIENT TEMPERATURE (ºC)
FDC10-48S05-M2 Derating Curve
Nature convection


Podobny numer części - FDC10-48S15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Astrodyne Corporation
FDC10-48S15 ASTRODYNE-FDC10-48S15 Datasheet
369Kb / 3P
   Isolated and Regulated 10 WATT Modular DC/DC Converters
logo
Power Mate Technology C...
FDC10-48S15 P-DUKE-FDC10-48S15 Datasheet
341Kb / 3P
   10 WATTS OUTPUT POWER
FDC10-48S15 P-DUKE-FDC10-48S15 Datasheet
425Kb / 3P
   10 WATTS DC-DC CONVERTER
logo
Astrodyne Corporation
FDC10-48S15 ASTRODYNE-FDC10-48S15 Datasheet
206Kb / 3P
   Isolated and Regulated 10 WATT Modular DC/DC Converters
More results

Podobny opis - FDC10-48S15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
PMKC03 ETC1-PMKC03 Datasheet
124Kb / 3P
   3 Watts of Output Power From a Package
logo
Recom International Pow...
RP10-123.3SE RECOM-RP10-123.3SE_06 Datasheet
101Kb / 5P
   10 Watt 2??x 1??Package Single & Dual Output
RP10-2405SEW RECOM-RP10-2405SEW_06 Datasheet
93Kb / 5P
   10 Watt 2??x 1??Package Single & Dual Output
logo
Emerson Network Power
BXA10 EMERSON-NETWORKPOWER-BXA10 Datasheet
238Kb / 4P
   1 x 2 x 0.395 inch package with stand-offs
logo
Bel Fuse Inc.
ABC75 BEL-ABC75_V01 Datasheet
1Mb / 7P
   3 x 2 x 1 Inch Form Factor 75 Watts with Convection Cooling
logo
DATEL, Inc.
AT22D12-0.62 DATEL-AT22D12-0.62 Datasheet
156Kb / 1P
   (2 inch X 1 inch), AT series, 짹12 Volts Output
AT22D15-1 DATEL-AT22D15-1 Datasheet
156Kb / 1P
   (2 inch X 1 inch), AT series, 짹15 Volts Output
AT45D12-1.25 DATEL-AT45D12-1.25 Datasheet
156Kb / 1P
   (2 inch X 1 inch), AT series, 짹12 Volts Output
AT22S3.3-7.5 DATEL-AT22S3.3-7.5 Datasheet
136Kb / 1P
   (2 inch X 1 inch), AT series, 3.3 Volts Output
AT45S5-6 DATEL-AT45S5-6 Datasheet
136Kb / 1P
   (2 inch X 1 inch), AT series, 5 Volts Output
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com