Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STK621-015 Arkusz danych(PDF) 6 Page - Sanyo Semicon Device

Numer części STK621-015
Szczegółowy opis  SANYO INVERTER POWER HYBRID MODULE SIP Full Molded Package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK621-015 Arkusz danych(HTML) 6 Page - Sanyo Semicon Device

  STK621-015 Datasheet HTML 1Page - Sanyo Semicon Device STK621-015 Datasheet HTML 2Page - Sanyo Semicon Device STK621-015 Datasheet HTML 3Page - Sanyo Semicon Device STK621-015 Datasheet HTML 4Page - Sanyo Semicon Device STK621-015 Datasheet HTML 5Page - Sanyo Semicon Device STK621-015 Datasheet HTML 6Page - Sanyo Semicon Device STK621-015 Datasheet HTML 7Page - Sanyo Semicon Device STK621-015 Datasheet HTML 8Page - Sanyo Semicon Device STK621-015 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SANYO INVERTER POWER HYBRID MODULE
SIP Full Molded Package
TENTATIVE
22
17
23
VD3 =15V
VD2 = 15V
VD1 =15V
VD4 =15V
Input signal
22
17
23
VD3 =15V
VD2 =15V
VD1 =15V
VD4 =15V
Input signal
13
Io
Fig 5 : ISD
Fig 6 :Switching Time
Input signal
Io
ISD
100 μS
CS
Vcc
Io
11
13
Input signal
Io
tON
tOFF
10 %
90 %
(0 ∼5 V )
SANYO Electric Co.,Ltd. Semiconductor Company Module Systems Division
Rev.
11.Oct.2002
6/9


Podobny numer części - STK621-015

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
STK621-017 SANYO-STK621-017 Datasheet
295Kb / 8P
   TENTATIVE
STK621-018 SANYO-STK621-018 Datasheet
293Kb / 8P
   TENTATIVE
More results

Podobny opis - STK621-015

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
STK412-770 SANYO-STK412-770 Datasheet
1Mb / 26P
   Sanyo IMST Hybrid Amplifiers
logo
Bel Fuse Inc.
APC78161 BEL-APC78161 Datasheet
95Kb / 1P
   High Density ADSL SIP Hybrid Module (Annex B)
logo
MORNSUN Science& Techno...
G0505S-2WR2 MORNSUN-G0505S-2WR2 Datasheet
1Mb / 5P
   SIP package
logo
RHOPOINT COMPONENTS
9001 RHOPOINT-9001 Datasheet
88Kb / 2P
   Molded SIP Reed Relays
logo
Bourns Electronic Solut...
4311T-101-2222BAAL BOURNS-4311T-101-2222BAAL Datasheet
203Kb / 2P
   Thin Film Molded SIP
logo
Bel Fuse Inc.
APC78160 BEL-APC78160 Datasheet
93Kb / 1P
   High Density ADSL SIP Hybrid Module (Annex A / C)
logo
Coto Technology
9001-05-00 COTO-9001-05-00 Datasheet
273Kb / 2P
   Molded SIP Reed Relays
logo
Bourns Electronic Solut...
SXT10A-3-5SA BOURNS-SXT10A-3-5SA Datasheet
1Mb / 13P
   SIP Non-Isolated Power Module
logo
Vishay Siliconix
MCN VISHAY-MCN Datasheet
89Kb / 2P
   Capacitor Networks, Molded SIP
Revision: 17-Mar-08
logo
Bourns Electronic Solut...
4300T BOURNS-4300T Datasheet
186Kb / 2P
   Thin Film Molded SIP
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com