Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BC848BLT1 Arkusz danych(PDF) 5 Page - ON Semiconductor

Numer części BC848BLT1
Szczegółowy opis  General Purpose Transistors(NPN Silicon)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC848BLT1 Arkusz danych(HTML) 5 Page - ON Semiconductor

  BC848BLT1 Datasheet HTML 1Page - ON Semiconductor BC848BLT1 Datasheet HTML 2Page - ON Semiconductor BC848BLT1 Datasheet HTML 3Page - ON Semiconductor BC848BLT1 Datasheet HTML 4Page - ON Semiconductor BC848BLT1 Datasheet HTML 5Page - ON Semiconductor BC848BLT1 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
BC846ALT1 Series
http://onsemi.com
5
ORDERING INFORMATION
Device
Marking
Package
Shipping
BC846ALT1
1A
SOT−23
3,000 / Tape & Reel
BC846ALT3
1A
SOT−23
10,000 / Tape & Reel
BC846BLT1
1B
SOT−23
3,000 / Tape & Reel
BC846BLT3
1B
SOT−23
10,000 / Tape & Reel
BC847ALT1
1E
SOT−23
BC847ALT1G
1E
SOT−23
(Pb−Free)
3,000 / Tape & Reel
BC847BLT1
1F
SOT−23
3,000 / Tape & Reel
BC847CLT1
1G
SOT−23
BC847CLT1G
1G
SOT−23
(Pb−Free)
3,000 / Tape & Reel
BC847CLT3
1G
SOT−23
BC847CLT3G
1G
SOT−23
(Pb−Free)
10,000 / Tape & Reel
BC848ALT1
1J
SOT−23
3,000 / Tape & Reel
BC848ALT1G
1J
SOT−23
(Pb−Free)
3,000 / Tape & Reel
BC848BLT1
1K
SOT−23
3,000 / Tape & Reel
BC848BLT3
1K
SOT−23
10,000 / Tape & Reel
BC848CLT1
1L
SOT−23
BC848CLT1G
1L
SOT−23
(Pb−Free)
3,000 / Tape & Reel
BC849BLT1
2B
SOT−23
3,000 / Tape & Reel
BC849BLT3
2B
SOT−23
10,000 / Tape & Reel
BC849CLT1
2C
SOT−23
3,000 / Tape & Reel
BC849CLT1G
2C
SOT−23
(Pb−Free)
3,000 / Tape & Reel
BC850BLT1
2F
SOT−23
3,000 / Tape & Reel
BC850CLT1
2G
SOT−23
BC850CLT1G
2G
SOT−23
(Pb−Free)
3,000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifi-
cations Brochure, BRD8011/D.


Podobny numer części - BC848BLT1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
BC848BLT1 MOTOROLA-BC848BLT1 Datasheet
220Kb / 6P
   CASE 318-08, STYLE 6 SOT-23 (TO-236AB)
logo
Leshan Radio Company
BC848BLT1 LRC-BC848BLT1 Datasheet
183Kb / 4P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
BC848BLT1G ONSEMI-BC848BLT1G Datasheet
137Kb / 13P
   General Purpose Transistors
October, 2010 ??Rev. 10
BC848BLT1G ONSEMI-BC848BLT1G Datasheet
178Kb / 13P
   General Purpose Transistors
November, 2011 ??Rev. 11
BC848BLT1G ONSEMI-BC848BLT1G Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results

Podobny opis - BC848BLT1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Leshan Radio Company
BC847BRLT1 LRC-BC847BRLT1 Datasheet
117Kb / 3P
   General Purpose Transistors(NPN Silicon)
BCW65ALT1 LRC-BCW65ALT1 Datasheet
52Kb / 2P
   General Purpose Transistors(NPN Silicon)
BCX70GLT1 LRC-BCX70GLT1 Datasheet
318Kb / 6P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4123 ONSEMI-2N4123_07 Datasheet
81Kb / 6P
   General Purpose Transistors NPN Silicon
March, 2007 ??Rev. 3
logo
Comchip Technology
MMBT2222LT1 COMCHIP-MMBT2222LT1_06 Datasheet
85Kb / 6P
   General Purpose Transistors NPN Silicon
logo
Leshan Radio Company
BC817-16LT1 LRC-BC817-16LT1 Datasheet
51Kb / 2P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4400 ONSEMI-2N4400 Datasheet
303Kb / 6P
   General Purpose Transistors(NPN Silicon)
1996 REV 1
BC818-40LT1G ONSEMI-BC818-40LT1G Datasheet
134Kb / 4P
   General Purpose Transistors NPN Silicon
August, 2009 ??Rev. 2
logo
Leshan Radio Company
L2SC2412KQMT1G LRC-L2SC2412KQMT1G Datasheet
147Kb / 4P
   General Purpose Transistors NPN Silicon
LBC846ALT1G LRC-LBC846ALT1G_11 Datasheet
573Kb / 13P
   General Purpose Transistors NPN Silicon
logo
ON Semiconductor
BC847ATT1 ONSEMI-BC847ATT1 Datasheet
75Kb / 6P
   General Purpose Transistors NPN Silicon
June, 2004 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com