Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BCP53T1 Arkusz danych(PDF) 2 Page - ON Semiconductor

Numer części BCP53T1
Szczegółowy opis  MEDIUM POWER PNP SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BCP53T1 Arkusz danych(HTML) 2 Page - ON Semiconductor

  BCP53T1 Datasheet HTML 1Page - ON Semiconductor BCP53T1 Datasheet HTML 2Page - ON Semiconductor BCP53T1 Datasheet HTML 3Page - ON Semiconductor BCP53T1 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BCP53T1
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristics
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector-Base Breakdown Voltage (IC = –100 µAdc, IE = 0)
V(BR)CBO
–100
Vdc
Collector-Emitter Breakdown Voltage (IC = –1.0 mAdc, IB = 0)
V(BR)CEO
–80
Vdc
Collector-Emitter Breakdown Voltage (IC = –100 µAdc, RBE = 1.0 kohm)
V(BR)CER
–100
Vdc
Emitter-Base Breakdown Voltage (IE = –10 µAdc, IC = 0)
V(BR)EBO
– 5.0
Vdc
Collector-Base Cutoff Current (VCB = – 30 Vdc, IE = 0)
ICBO
–100
nAdc
Emitter-Base Cutoff Current (VEB = – 5.0 Vdc, IC = 0)
IEBO
–10
µAdc
ON CHARACTERISTICS
DC Current Gain
(IC = – 5.0 mAdc, VCE = – 2.0 Vdc)
(IC = –150 mAdc, VCE = – 2.0 Vdc)
(IC = – 500 mAdc, VCE = – 2.0 Vdc)
hFE
25
40
25
250
Collector-Emitter Saturation Voltage (IC = – 500 mAdc, IB = – 50 mAdc)
VCE(sat)
– 0.5
Vdc
Base-Emitter On Voltage (IC = – 500 mAdc, VCE = – 2.0 Vdc)
VBE(on)
–1.0
Vdc
DYNAMIC CHARACTERISTICS
Current-Gain — Bandwidth Product
(IC = –10 mAdc, VCE = – 5.0 Vdc, f = 35 MHz)
fT
50
MHz
TYPICAL ELECTRICAL CHARACTERISTICS
500
200
100
50
20
1
3
5
10
30
50
100
300 500
1000
IC, COLLECTOR CURRENT (mA)
Figure 1. DC Current Gain
IC, COLLECTOR CURRENT (mA)
Figure 2. Current Gain Bandwidth Product
1000
1
10
100
500
300
100
20
50
IC, COLLECTOR CURRENT (mA)
Figure 3. Saturation and “ON” Voltages
1000
1
1
0.8
0.6
0.4
0
0.2
100
10
120
110
100
90
80
70
60
50
40
30
20
10
0
20
18
16
14
12
10
8
6
4
2
0
V, VOLTAGE (VOLTS)
Figure 4. Capacitances
VCE = 2 V
VCE = 2 V
V(BE)sat @ IC/IB = 10
V(BE)on @ VCE = 2 V
V(CE)sat @ IC/IB = 10
Cib
Cob


Podobny numer części - BCP53T1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
BCP53T1 MOTOROLA-BCP53T1 Datasheet
99Kb / 4P
   MEDIUM POWER PNP SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT
logo
ON Semiconductor
BCP53T1G ONSEMI-BCP53T1G Datasheet
141Kb / 5P
   PNP Silicon Epitaxial Transistors
November, 2011 ??Rev. 8
BCP53T1G ONSEMI-BCP53T1G Datasheet
100Kb / 5P
   PNP Silicon Epitaxial Transistors
February, 2011 ??Rev. 3
BCP53T1G ONSEMI-BCP53T1G Datasheet
100Kb / 5P
   PNP Silicon Epitaxial Transistors MEDIUM POWER HIGH CURRENT SURFACE MOUNT
September, 2013 ??Rev. 10
BCP53T1G ONSEMI-BCP53T1G Datasheet
85Kb / 5P
   PNP Silicon Epitaxial Transistors
September, 2013 ??Rev. 10
More results

Podobny opis - BCP53T1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
BCP53T1 MOTOROLA-BCP53T1 Datasheet
99Kb / 4P
   MEDIUM POWER PNP SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT
BCP69T1 MOTOROLA-BCP69T1 Datasheet
71Kb / 4P
   MEDIUM POWER PNP SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT
BCP68T1 MOTOROLA-BCP68T1 Datasheet
149Kb / 6P
   MEDIUM POWER NPN SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT
BCP56T1 MOTOROLA-BCP56T1 Datasheet
200Kb / 6P
   MEDIUM POWER NPN SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT
logo
ON Semiconductor
BCP68T1 ONSEMI-BCP68T1 Datasheet
110Kb / 6P
   MEDIUM POWER NPN SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT
1996 REV 1
BCP53 ONSEMI-BCP53 Datasheet
100Kb / 5P
   PNP Silicon Epitaxial Transistors MEDIUM POWER HIGH CURRENT SURFACE MOUNT
September, 2013 ??Rev. 10
NSL35TT1 ONSEMI-NSL35TT1 Datasheet
208Kb / 7P
   High Current Surface Mount PNP Silicon Mount PNP Silicon Transistor
August, 2006 ??Rev. 3
logo
Motorola, Inc
BSP62T1 MOTOROLA-BSP62T1 Datasheet
179Kb / 6P
   MEDIUM POWER PNP SILICON DARLINGTON TRANSISTOR SURFACE MOUNT
logo
Central Semiconductor C...
CZT751 CENTRAL-CZT751_10 Datasheet
533Kb / 2P
   SURFACE MOUNT HIGH CURRENT PNP SILICON TRANSISTOR
CZT751 CENTRAL-CZT751_15 Datasheet
533Kb / 2P
   SURFACE MOUNT HIGH CURRENT PNP SILICON TRANSISTOR
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com