Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

H02N60I Arkusz danych(PDF) 2 Page - Hi-Sincerity Mocroelectronics

Numer części H02N60I
Szczegółowy opis  N-Channel Power Field Effect Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HSMC [Hi-Sincerity Mocroelectronics]
Strona internetowa  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

H02N60I Arkusz danych(HTML) 2 Page - Hi-Sincerity Mocroelectronics

  H02N60I Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics H02N60I Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics H02N60I Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics H02N60I Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics H02N60I Datasheet HTML 5Page - Hi-Sincerity Mocroelectronics H02N60I Datasheet HTML 6Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : MOS200403
Issued Date : 2004.07.01
Revised Date : 2005.07.14
Page No. : 2/6
H02N60I, H02N60J, H02N60E, H02N60F
HSMC Product Specification
Thermal Characteristics
Symbol
Parameter
Value
Units
TO-251 / TO-252
2
TO-220AB
2
RθJC
Thermal Resistance Junction to Case Max.
TO-220FP
3.3
°C/W
RθJA
Thermal Resistance Junction to Ambient Max.
62.5
°C/W
ELectrical Characteristics (Tj=25°C, unless otherwise specified)
Symbol
Characteristic
Min.
Typ.
Max.
Unit
V
(BR)DSS
Drain-Source Breakdown Voltage (V
GS=0V, ID=250uA)
600
-
-
V
Drain-Source Leakage Current (V
DS=600V, VGS=0V)
-
-
1
uA
I
DSS
Drain-Source Leakage Current (V
DS=480V, VGS=0V, Tj=125°C)
-
-
50
uA
I
GSSF
Gate-Source Leakage Current-Forward (V
gsf=20V, VDS=0V)
-
-
100
nA
I
GSSR
Gate-Source Leakage Current-Reverse (V
gsr=-20V, VDS=0V)
-
-
-100
nA
V
GS(th)
Gate Threshold Voltage (V
DS=VGS, ID=250uA)
2
-
4
V
R
DS(on)
Static Drain-Source On-Resistance (V
GS=10V, ID=1A)*
-
-
4.4
g
FS
Forward Transconductance (V
DS≥50V, ID=1A)*
1
-
-
mhos
C
iss
Input Capacitance
-
435
-
C
oss
Output Capacitance
-
56
-
C
rss
Reverse Transfer Capacitance
V
GS=0V, VDS=25V, f=1MHz
-9.2
-
pF
t
d(on)
Turn-on Delay Time
-
12
-
t
r
Rise Time
-
21
-
t
d(off)
Turn-off Delay Time
-
30
-
t
f
Fall Time
(V
DD=300V, ID=2A, RG=18Ω,
V
GS=10V)*
-24
-
ns
Q
g
Total Gate Charge
-
13
22
Q
gs
Gate-Source Charge
-
2
-
Q
gd
Gate-Drain Charge
(V
DS=300V, ID=6A, VGS=10V)*
-6
-
nC
L
D
Internal Drain Inductance (Measured from the drain lead 0.25” from
package to center of die)
-4.5
-
nH
L
S
Internal Drain Inductance (Measured from the drain lead 0.25” from
package to source bond pad)
-7.5
-
nH
*: Pulse Test: Pulse Width
≤300us, Duty Cycle≤2%
Source-Drain Diode
Symbol
Characteristic
Min.
Typ.
Max.
Units
V
SD
Forward On Voltage(1)
I
S=2A, VGS=0V, TJ=25
oC-
-
1.6
V
t
on
Forward Turn-On Time
-
**
-
ns
t
rr
Reverse Recovery Time
I
S=2A, VGS=0V, dIS/dt=100A/us
-
340
-
ns
**: Negligible, Dominated by circuit inductance


Podobny numer części - H02N60I

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hi-Sincerity Mocroelect...
H02N60S HSMC-H02N60S Datasheet
77Kb / 6P
   N-Channel Power Field Effect Transistor
H02N60SE HSMC-H02N60SE Datasheet
77Kb / 6P
   N-Channel Power Field Effect Transistor
H02N60SF HSMC-H02N60SF Datasheet
77Kb / 6P
   N-Channel Power Field Effect Transistor
H02N60SI HSMC-H02N60SI Datasheet
77Kb / 6P
   N-Channel Power Field Effect Transistor
H02N60SJ HSMC-H02N60SJ Datasheet
77Kb / 6P
   N-Channel Power Field Effect Transistor
More results

Podobny opis - H02N60I

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hi-Sincerity Mocroelect...
H06N60 HSMC-H06N60 Datasheet
71Kb / 6P
   N-Channel Power Field Effect Transistor
H01N45A HSMC-H01N45A Datasheet
44Kb / 4P
   N-Channel Power Field Effect Transistor
H01N60S HSMC-H01N60S Datasheet
62Kb / 5P
   N-Channel Power Field Effect Transistor
H03N60 HSMC-H03N60 Datasheet
59Kb / 5P
   N-Channel Power Field Effect Transistor
H07N65 HSMC-H07N65 Datasheet
168Kb / 6P
   N-Channel Power Field Effect Transistor
H02N60S HSMC-H02N60S Datasheet
77Kb / 6P
   N-Channel Power Field Effect Transistor
H05N60 HSMC-H05N60 Datasheet
60Kb / 5P
   N-Channel Power Field Effect Transistor
H07N60 HSMC-H07N60 Datasheet
61Kb / 5P
   N-Channel Power Field Effect Transistor
H01N60 HSMC-H01N60 Datasheet
59Kb / 5P
   N-Channel Power Field Effect Transistor
H02N65 HSMC-H02N65 Datasheet
171Kb / 6P
   N-Channel Power Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com