Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TSC80251G2D-L16CB Arkusz danych(PDF) 8 Page - ATMEL Corporation

Numer części TSC80251G2D-L16CB
Szczegółowy opis  B/16-BIT MICROCONTROLLER WITH SERIAL COMMUNICATION INTERFACES
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ATMEL [ATMEL Corporation]
Strona internetowa  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSC80251G2D-L16CB Arkusz danych(HTML) 8 Page - ATMEL Corporation

Back Button TSC80251G2D-L16CB Datasheet HTML 4Page - ATMEL Corporation TSC80251G2D-L16CB Datasheet HTML 5Page - ATMEL Corporation TSC80251G2D-L16CB Datasheet HTML 6Page - ATMEL Corporation TSC80251G2D-L16CB Datasheet HTML 7Page - ATMEL Corporation TSC80251G2D-L16CB Datasheet HTML 8Page - ATMEL Corporation TSC80251G2D-L16CB Datasheet HTML 9Page - ATMEL Corporation TSC80251G2D-L16CB Datasheet HTML 10Page - ATMEL Corporation TSC80251G2D-L16CB Datasheet HTML 11Page - ATMEL Corporation TSC80251G2D-L16CB Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 76 page
background image
8
AT/TSC8x251G2D
4135D–8051–08/05
NMI
I
Non Maskable Interrupt
Holding this pin high for 24 oscillator periods triggers an interrupt.
When using the Product Name as a pin-for-pin replacement for a 8xC51
product, NMI can be unconnected without loss of compatibility or power
consumption increase (on-chip pull-down).
Not available on DIP package.
P0.0:7
I/O
Port 0
P0 is an 8-bit open-drain bidirectional I/O port. Port 0 pins that have 1s
written to them float and can be used as high impedance inputs. To avoid
any paraitic current consumption, Floating P0 inputs must be polarized to
V
DD or VSS.
AD7:0
P1.0:7
I/O
Port 1
P1 is an 8-bit bidirectional I/O port with internal pull-ups. P1 provides
interrupt capability for a keyboard interface.
P2.0:7
I/O
Port 2
P2 is an 8-bit bidirectional I/O port with internal pull-ups.
A15:8
P3.0:7
I/O
Port 3
P3 is an 8-bit bidirectional I/O port with internal pull-ups.
PROG#
I
Programming Pulse input
The programming pulse is applied to this input for programming the on-chip
EPROM/OTPROM.
PSEN#
O
Program Store Enable/Read signal output
PSEN# is asserted for a memory address range that depends on bits RD0
and RD1 in UCONFIG0 byte (see ).
RD#
O
Read or 17th Address Bit (A16)
Read signal output to external data memory depending on the values of
bits RD0 and RD1 in UCONFIG0 byte (see Table 13, Page 20).
P3.7
RST
I
Reset input to the chip
Holding this pin high for 64 oscillator periods while the oscillator is running
resets the device. The Port pins are driven to their reset conditions when a
voltage greater than V
IH1 is applied, whether or not the oscillator is running.
This pin has an internal pull-down resistor which allows the device to be
reset by connecting a capacitor between this pin and VDD.
Asserting RST when the chip is in Idle mode or Power-Down mode returns
the chip to normal operation.
RXD
I/O
Receive Serial Data
RXD sends and receives data in serial I/O mode 0 and receives data in
serial I/O modes 1, 2 and 3.
P3.0
SCL
I/O
TWI Serial Clock
When TWI controller is in master mode, SCL outputs the serial clock to
slave peripherals. When TWI controller is in slave mode, SCL receives
clock from the master controller.
P1.6
SCK
I/O
SPI Serial Clock
When SPI is in master mode, SCK outputs clock to the slave peripheral.
When SPI is in slave mode, SCK receives clock from the master controller.
P1.6
SDA
I/O
TWI Serial Data
SDA is the bidirectional TWI data line.
P1.7
SS#
I
SPI Slave Select Input
When in Slave mode, SS# enables the slave mode.
P1.4
Table 2. Product Name Signal Description (Continued)
Signal
Name
Type
Description
Alternate
Function


Podobny numer części - TSC80251G2D-L16CB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TEMIC Semiconductors
TSC80251G2D-L16CB TEMIC-TSC80251G2D-L16CB Datasheet
878Kb / 63P
   8/16-bit Microcontroller with Serial Communication Interfaces
logo
ATMEL Corporation
TSC80251G2D-L16CB ATMEL-TSC80251G2D-L16CB Datasheet
1Mb / 77P
   8/16-bit Microcontroller with Serial Communication Interfaces
More results

Podobny opis - TSC80251G2D-L16CB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ATMEL Corporation
TSC80251G2D ATMEL-TSC80251G2D_06 Datasheet
1Mb / 77P
   8/16-bit Microcontroller with Serial Communication Interfaces
logo
TEMIC Semiconductors
TSC80251G2D TEMIC-TSC80251G2D Datasheet
878Kb / 63P
   8/16-bit Microcontroller with Serial Communication Interfaces
TSC87251G1A TEMIC-TSC87251G1A Datasheet
341Kb / 52P
   Extended 8-bit Microcontroller with Serial Communication
logo
Intel Corporation
8044AH INTEL-8044AH Datasheet
1Mb / 26P
   HIGH PERFORMANCE 8 BIT MICROCONTROLLER WITH ON CHIP SERIAL COMMUNICATION CONTROLLER
logo
STMicroelectronics
ST7LITE49K2 STMICROELECTRONICS-ST7LITE49K2 Datasheet
3Mb / 245P
   Communication interfaces
February 2009 Rev 4
logo
TEMIC Semiconductors
TSC80251A1 TEMIC-TSC80251A1 Datasheet
776Kb / 166P
   Extended 8-bit Microcontroller with Analog Interfaces
logo
Intel Corporation
80C152JA INTEL-80C152JA Datasheet
262Kb / 17P
   UNIVERSAL COMMUNICATION CONTROLLER 8-BIT MICROCONTROLLER
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com