Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KM2520SRC03 Arkusz danych(PDF) 1 Page - Kingbright Corporation

Numer części KM2520SRC03
Szczegółowy opis  SUBMINIATURE SOLID STATE LAMP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KINGBRIGHT [Kingbright Corporation]
Strona internetowa  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KM2520SRC03 Arkusz danych(HTML) 1 Page - Kingbright Corporation

  KM2520SRC03 Datasheet HTML 1Page - Kingbright Corporation KM2520SRC03 Datasheet HTML 2Page - Kingbright Corporation KM2520SRC03 Datasheet HTML 3Page - Kingbright Corporation KM2520SRC03 Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPEC NO: DSAA5392
REV NO: V.2
DATE: NOV/13/2002
PAGE: 1 OF 4
APPROVED:J.LU
CHECKED:Allen Liu
DRAWN:S.J.HOU
Description
The Super Bright Red source color devices are made
with Gallium Aluminum Arsenide Red Light Emitting
Diode.
SUBMINIATURE SOLID STATE LAMP
KM2520SRC03
SUPER BRIGHT RED
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is
±0.25(0.01") unless otherwise noted.
3. Lead spacing is measured where the lead emerge package.
4. Specifications are subject to change without notice.
Features
SUBMINIATURE PACKAGE.
WIDE VIEWING ANGLE.
GULL WING.
LONG LIFE - SOLID STATE RELIABILITY.
LOW PACKAGE PROFILE.
PACKAGE : 1000PCS / REEL.
Package Dimensions


Podobny numer części - KM2520SRC03

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Kingbright Corporation
KM2520SRC09 KINGBRIGHT-KM2520SRC09 Datasheet
75Kb / 4P
   SUBMINIATURE SOLID STATE LAMP
More results

Podobny opis - KM2520SRC03

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Kingbright Corporation
AM2520EF-4ID KINGBRIGHT-AM2520EF-4ID Datasheet
381Kb / 5P
   SUBMINIATURE SOLID STATE LAMP
logo
Gilway Technical Lamp
GHB-GW20-R GILWAY-GHB-GW20-R Datasheet
142Kb / 4P
   SUBMINIATURE SOLID STATE LAMP
logo
Kingbright Corporation
AM27SEC09 KINGBRIGHT-AM27SEC09 Datasheet
138Kb / 4P
   SUBMINIATURE SOLID STATE LAMP
AM27SGC09 KINGBRIGHT-AM27SGC09 Datasheet
302Kb / 5P
   SUBMINIATURE SOLID STATE LAMP
AM2520SGC08 KINGBRIGHT-AM2520SGC08 Datasheet
112Kb / 4P
   SUBMINIATURE SOLID STATE LAMP
AM27ID09 KINGBRIGHT-AM27ID09 Datasheet
123Kb / 4P
   SUBMINIATURE SOLID STATE LAMP
AM27MBCK09 KINGBRIGHT-AM27MBCK09 Datasheet
122Kb / 4P
   SUBMINIATURE SOLID STATE LAMP
AM27MGC09 KINGBRIGHT-AM27MGC09 Datasheet
303Kb / 5P
   SUBMINIATURE SOLID STATE LAMP
AM27SYC03 KINGBRIGHT-AM27SYC03 Datasheet
122Kb / 4P
   SUBMINIATURE SOLID STATE LAMP
AM2520MGC03 KINGBRIGHT-AM2520MGC03_07 Datasheet
282Kb / 5P
   SUBMINIATURE SOLID STATE LAMP
AM2520SYC03 KINGBRIGHT-AM2520SYC03_05 Datasheet
120Kb / 4P
   SUBMINIATURE SOLID STATE LAMP
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com