Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TSC87251G2D-24IB Arkusz danych(PDF) 11 Page - TEMIC Semiconductors

Numer części TSC87251G2D-24IB
Szczegółowy opis  8/16-bit Microcontroller with Serial Communication Interfaces
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TEMIC [TEMIC Semiconductors]
Strona internetowa  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TSC87251G2D-24IB Arkusz danych(HTML) 11 Page - TEMIC Semiconductors

Back Button TSC87251G2D-24IB Datasheet HTML 7Page - TEMIC Semiconductors TSC87251G2D-24IB Datasheet HTML 8Page - TEMIC Semiconductors TSC87251G2D-24IB Datasheet HTML 9Page - TEMIC Semiconductors TSC87251G2D-24IB Datasheet HTML 10Page - TEMIC Semiconductors TSC87251G2D-24IB Datasheet HTML 11Page - TEMIC Semiconductors TSC87251G2D-24IB Datasheet HTML 12Page - TEMIC Semiconductors TSC87251G2D-24IB Datasheet HTML 13Page - TEMIC Semiconductors TSC87251G2D-24IB Datasheet HTML 14Page - TEMIC Semiconductors TSC87251G2D-24IB Datasheet HTML 15Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 63 page
background image
Rev. A - May 7, 1999
11
TSC80251G2D
Table 3. C251 Core SFRs
Note:
1. These SFRs can also be accessed by their corresponding registers in the register file.
Table 4. I/O Port SFRs
Table 5. Timers SFRs
Table 6. Serial I/O Port SFRs
Table 7. SSLC SFRs
Mnemonic
Name
Mnemonic
Name
ACC(1)
Accumulator
SPH(1)
Stack Pointer High - MSB of SPX
B(1)
B Register
DPL(1)
Data Pointer Low byte - LSB of DPTR
PSW
Program Status Word
DPH(1)
Data Pointer High byte - MSB of DPTR
PSW1
Program Status Word 1
DPXL(1)
Data Pointer Extended Low byte of DPX - Region
number
SP(1)
Stack Pointer - LSB of SPX
Mnemonic
Name
Mnemonic
Name
P0
Port 0
P2
Port 2
P1
Port 1
P3
Port 3
Mnemonic
Name
Mnemonic
Name
TL0
Timer/Counter 0 Low Byte
TMOD
Timer/Counter 0 and 1 Modes
TH0
Timer/Counter 0 High Byte
T2CON
Timer/Counter 2 Control
TL1
Timer/Counter 1 Low Byte
T2MOD
Timer/Counter 2 Mode
TH1
Timer/Counter 1 High Byte
RCAP2L
Timer/Counter 2 Reload/Capture Low Byte
TL2
Timer/Counter 2 Low Byte
RCAP2H
Timer/Counter 2 Reload/Capture High Byte
TH2
Timer/Counter 2 High Byte
WDTRST
WatchDog Timer Reset
TCON
Timer/Counter 0 and 1 Control
Mnemonic
Name
Mnemonic
Name
SCON
Serial Control
SADDR
Slave Address
SBUF
Serial Data Buffer
BRL
Baud Rate Reload
SADEN
Slave Address Mask
BDRCON
Baud Rate Control
Mnemonic
Name
Mnemonic
Name
SSCON
Synchronous Serial control
SSADR
Synchronous Serial Address
SSDAT
Synchronous Serial Data
SSBR
Synchronous Serial Bit Rate
SSCS
Synchronous Serial Control and Status


Podobny numer części - TSC87251G2D-24IB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ATMEL Corporation
TSC87251G2D-24IB ATMEL-TSC87251G2D-24IB Datasheet
1Mb / 76P
   B/16-BIT MICROCONTROLLER WITH SERIAL COMMUNICATION INTERFACES
More results

Podobny opis - TSC87251G2D-24IB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ATMEL Corporation
TSC80251G2D ATMEL-TSC80251G2D_06 Datasheet
1Mb / 77P
   8/16-bit Microcontroller with Serial Communication Interfaces
TSC80251G2D ATMEL-TSC80251G2D Datasheet
1Mb / 76P
   B/16-BIT MICROCONTROLLER WITH SERIAL COMMUNICATION INTERFACES
logo
TEMIC Semiconductors
TSC87251G1A TEMIC-TSC87251G1A Datasheet
341Kb / 52P
   Extended 8-bit Microcontroller with Serial Communication
TSC80251A1 TEMIC-TSC80251A1 Datasheet
776Kb / 166P
   Extended 8-bit Microcontroller with Analog Interfaces
logo
Intel Corporation
8044AH INTEL-8044AH Datasheet
1Mb / 26P
   HIGH PERFORMANCE 8 BIT MICROCONTROLLER WITH ON CHIP SERIAL COMMUNICATION CONTROLLER
80C152JA INTEL-80C152JA Datasheet
262Kb / 17P
   UNIVERSAL COMMUNICATION CONTROLLER 8-BIT MICROCONTROLLER
logo
ATMEL Corporation
ATMEGA168PA ATMEL-ATMEGA168PA_14 Datasheet
1Mb / 326P
   ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES
ATMEGA328P ATMEL-ATMEGA328P_14 Datasheet
1Mb / 344P
   ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES
ATMEGA328 ATMEL-ATMEGA328_14 Datasheet
1Mb / 39P
   ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES
logo
RDC Semiconductor
R8830LV RDC-R8830LV Datasheet
1,001Kb / 97P
   16-Bit Microcontroller with 8-bit external data bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com