Zakładka z wyszukiwarką danych komponentów |
|
LC895199K Arkusz danych(PDF) 9 Page - Sanyo Semicon Device |
|
LC895199K Arkusz danych(HTML) 9 Page - Sanyo Semicon Device |
9 / 12 page No. 6238-9/12 LC895199K Pin Functions LC895199K Pin Functions (When pin 103 (ATPINSEL) is high) Type I INPUT B BIDIRECTION NC NOT CONNECT O OUTPUT P POWER Pin No. Pin name Type Pin functions 1VSS0 P 2 ZRAS0 O Buffer DRAM RAS signal output 3 ZCAS0 O Buffer DRAM CAS signal output 0 (Normally held fixed at 0 (low).) 4 ZCAS1 O Buffer DRAM CAS signal output 1 5VSS0 P 6 ZOE O Buffer DRAM output enable 7 ZUWE O Buffer DRAM upper write enable 8 ZLWE O Buffer DRAM lower write enable 9VSS0 P 10 RA0 O 11 RA1 O 12 RA2 O 13 RA3 O Data buffer DRAM address signal outputs 14 RA4 O 15 RA5 O 16 RA6 O 17 RA7 O 18 VDD0 P 5.0 V 19 VSS0 P 20 RA8 O Data buffer DRAM address signal output 21 IO0 B 22 IO1 B 23 IO2 B Data buffer DRAM data input and output 24 IO3 B These pins have built-in pull-up resistors. 25 IO4 B 26 IO5 B 27 VSS0 P 28 IO6 B 29 IO7 B 30 IO8 B 31 IO9 B Data buffer DRAM data input and output 32 IO10 B These pins have built-in pull-up resistors. 33 IO11 B 34 IO12 B 35 IO13 B 36 VSS0 P 37 VDD1 P 3.3 V 38 IO14 B Data buffer DRAM data input and output 39 IO15 B These pins have built-in pull-up resistors. 40 NC 41 VSS0 P 42 IOP0 B 43 IOP1 B 44 IOP2 B 45 IOP3 B General-purpose input and output ports 46 IOP4 B 47 IOP5 B 48 IOP6 B 49 IOP7 B 50 NC 51 TEST0 I Test pin. This pin must be connected to VSS in normal operation. 52 XTALCK I Crystal oscillator circuit input Continued on next page. |
Podobny numer części - LC895199K |
|
Podobny opis - LC895199K |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |