Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BCW33LT1 Arkusz danych(PDF) 5 Page - ON Semiconductor

Numer części BCW33LT1
Szczegółowy opis  General Purpose Transistor(NPN Silicon)?
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BCW33LT1 Arkusz danych(HTML) 5 Page - ON Semiconductor

  BCW33LT1 Datasheet HTML 1Page - ON Semiconductor BCW33LT1 Datasheet HTML 2Page - ON Semiconductor BCW33LT1 Datasheet HTML 3Page - ON Semiconductor BCW33LT1 Datasheet HTML 4Page - ON Semiconductor BCW33LT1 Datasheet HTML 5Page - ON Semiconductor BCW33LT1 Datasheet HTML 6Page - ON Semiconductor BCW33LT1 Datasheet HTML 7Page - ON Semiconductor BCW33LT1 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
BCW33LT1
http://onsemi.com
5
TYPICAL DYNAMIC CHARACTERISTICS
Figure 12. Turn-On Time
IC, COLLECTOR CURRENT (mA)
300
Figure 13. Turn-Off Time
IC, COLLECTOR CURRENT (mA)
2.0
5.0
10
20
30
50
1000
Figure 14. Current-Gain — Bandwidth Product
IC, COLLECTOR CURRENT (mA)
Figure 15. Capacitance
VR, REVERSE VOLTAGE (VOLTS)
3.0
1.0
500
0.5
10
3.0
5.0
7.0
10
20
30
50
70
100
200
7.0
70 100
VCC = 3.0 V
IC/IB = 10
TJ = 25°C
td @ VBE(off) = 0.5 Vdc
tr
10
20
30
50
70
100
200
300
500
700
2.0
5.0
10
20
30
50
3.0
1.0
7.0
70 100
VCC = 3.0 V
IC/IB = 10
IB1 = IB2
TJ = 25°C
ts
tf
50
70
100
200
300
0.7 1.0
2.0
3.0
5.0 7.0 10
20
30
50
TJ = 25°C
f = 100 MHz
VCE = 20 V
5.0 V
1.0
2.0
3.0
5.0
7.0
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
0.05
TJ = 25°C
f = 1.0 MHz
Cib
Cob
Figure 16. Thermal Response
t, TIME (ms)
1.0
0.01
0.01
0.02
0.03
0.05
0.07
0.1
0.2
0.3
0.5
0.7
0.02
0.05
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100 200
500 1.0k 2.0k
5.0k 10k 20k 50k 100k
D = 0.5
0.2
0.1
0.05
0.02
0.01
SINGLE PULSE
DUTY CYCLE, D = t1/t2
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1 (SEE AN-569)
ZqJA(t) = r(t) w RqJA
TJ(pk) - TA = P(pk) ZqJA(t)
t1
t2
P(pk)
FIGURE 19A


Podobny numer części - BCW33LT1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
BCW33LT1 MOTOROLA-BCW33LT1 Datasheet
371Kb / 8P
   General Purpose Transistor
logo
Leshan Radio Company
BCW33LT1 LRC-BCW33LT1 Datasheet
265Kb / 6P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
BCW33LT1 ONSEMI-BCW33LT1 Datasheet
262Kb / 6P
   General Purpose Transistor
August, 2009 ??Rev. 4
BCW33LT1D ONSEMI-BCW33LT1D Datasheet
262Kb / 6P
   General Purpose Transistor
August, 2009 ??Rev. 4
BCW33LT1G ONSEMI-BCW33LT1G Datasheet
262Kb / 6P
   General Purpose Transistor
August, 2009 ??Rev. 4
More results

Podobny opis - BCW33LT1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Weitron Technology
MMBT3904W WEITRON-MMBT3904W Datasheet
368Kb / 7P
   General Purpose Transistor NPN Silicon
logo
Zowie Technology Corpor...
MMBT3906 ZOWIE-MMBT3906 Datasheet
107Kb / 5P
   GENERAL PURPOSE TRANSISTOR NPN SILICON
BC847A ZOWIE-BC847A Datasheet
79Kb / 4P
   GENERAL PURPOSE TRANSISTOR NPN SILICON
BC849B ZOWIE-BC849B Datasheet
78Kb / 4P
   GENERAL PURPOSE TRANSISTOR NPN SILICON
MMBT2222AGH ZOWIE-MMBT2222AGH Datasheet
84Kb / 5P
   General Purpose Transistor NPN Silicon
logo
SeCoS Halbleitertechnol...
2SC1213 SECOS-2SC1213 Datasheet
77Kb / 2P
   NPN Silicon General Purpose Transistor
2SC2235 SECOS-2SC2235 Datasheet
181Kb / 2P
   NPN Silicon General Purpose Transistor
2SC2412 SECOS-2SC2412 Datasheet
331Kb / 3P
   NPN Silicon General Purpose Transistor
logo
SEMTECH ELECTRONICS LTD...
MMBT4401 SEMTECH_ELEC-MMBT4401 Datasheet
185Kb / 2P
   NPN Silicon General Purpose Transistor
logo
SeCoS Halbleitertechnol...
2SC4618 SECOS-2SC4618_11 Datasheet
456Kb / 2P
   NPN Silicon General Purpose Transistor
logo
ON Semiconductor
2N4264 ONSEMI-2N4264 Datasheet
169Kb / 6P
   General Purpose Transistor(NPN Silicon)
1997 REV 2
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com