Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADNS-2001 Arkusz danych(PDF) 4 Page - Agilent(Hewlett-Packard)

Numer części ADNS-2001
Szczegółowy opis  Optical Mouse Sensor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HP [Agilent(Hewlett-Packard)]
Strona internetowa  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ADNS-2001 Arkusz danych(HTML) 4 Page - Agilent(Hewlett-Packard)

  ADNS-2001 Datasheet HTML 1Page - Agilent(Hewlett-Packard) ADNS-2001 Datasheet HTML 2Page - Agilent(Hewlett-Packard) ADNS-2001 Datasheet HTML 3Page - Agilent(Hewlett-Packard) ADNS-2001 Datasheet HTML 4Page - Agilent(Hewlett-Packard) ADNS-2001 Datasheet HTML 5Page - Agilent(Hewlett-Packard) ADNS-2001 Datasheet HTML 6Page - Agilent(Hewlett-Packard) ADNS-2001 Datasheet HTML 7Page - Agilent(Hewlett-Packard) ADNS-2001 Datasheet HTML 8Page - Agilent(Hewlett-Packard) ADNS-2001 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Exploded View Drawing
Figure 4.
Typical Application using PS/2 Output
18 MHz Operation for generic PS/2
compatibility
VDD5
VDD5
13
14
2
MODE/XA
PS2_C
1
PS2_D
16
RB
3
MB
4
LB
5
CLK (5)
DATA (1)
GND (3)
L
BUTTONS
GND
GND
10
12
18.432 MHz
0.1 µF
0.22 µF
7
8
0.1 µF
1.0 µF
REFB
XY_LED
NRESET
6
15
3.3 V
REGULATOR
LP2950ACZ-3.3
R1
2N3904
HLMP-ED80
SURFACE
+5 V (4)
5
3
1
2
6
4
PS/2
CONNECTOR
VDD3
HDNS-2100
LENS
INTERNAL
IMAGE
SENSOR
ADNS
2001
M
R
OSC1
OSC2
9
11
18.432 MHz CERAMIC RESONATOR SUCH AS
AVX
KBR-18-432-MSA or
MURATA
CSA18.432MXZ040
Note:
0.1
µF between pins 7 and 8 must be ceraminc, and must be trace lengths less than 5 mm.
HDNS-2200 (CLIP)
HLMP-ED80 (LED)
ADNS-2001 (SENSOR)
CUSTOMER SUPPLIED PCB
HDNS-2100 (LENS)
CUSTOMER SUPPLIED BASE PLATE
WITH RECOMMENDED ALIGNMENT
FEATURES PER IGES DRAWING


Podobny numer części - ADNS-2001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADNS-2030 AD-ADNS-2030 Datasheet
121Kb / 1P
   Solid-State Optical Mouse Sensor Sample Kit
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-2030 AVAGO-ADNS-2030 Datasheet
566Kb / 34P
   Precise optical navigation technology
logo
Broadcom Corporation.
ADNS-2030 BOARDCOM-ADNS-2030 Datasheet
402Kb / 7P
   Optical Mouse Designer?셲 Kit
logo
Agilent(Hewlett-Packard...
ADNS-2051 HP-ADNS-2051 Datasheet
454Kb / 40P
   Optical Mouse Sensor
ADNS-2051 HP-ADNS-2051 Datasheet
717Kb / 51P
   Solid-State Optical Mouse Sensor
More results

Podobny opis - ADNS-2001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5020-EN AVAGO-ADNS-5020-EN Datasheet
330Kb / 24P
   Optical Mouse Sensor
ADNK-5030 AVAGO-ADNK-5030 Datasheet
89Kb / 1P
   Optical Mouse Sensor
ADNS-2051 AVAGO-ADNS-2051 Datasheet
588Kb / 40P
   Optical Mouse Sensor
logo
Broadcom Corporation.
ADNK-2052 BOARDCOM-ADNK-2052 Datasheet
106Kb / 1P
   Optical Mouse Sensor
ADNK-3000 BOARDCOM-ADNK-3000 Datasheet
58Kb / 1P
   Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-5020-EN AVAGO-ADNK-5020-EN Datasheet
108Kb / 1P
   Optical Mouse Sensor
ADNK-2620 AVAGO-ADNK-2620 Datasheet
107Kb / 1P
   Optical Mouse Sensor
ADNK-3550 AVAGO-ADNK-3550 Datasheet
100Kb / 1P
   Optical Mouse Sensor
logo
Broadcom Corporation.
ADNK-2080 BOARDCOM-ADNK-2080 Datasheet
185Kb / 1P
   Optical Mouse Sensor
ADNK-5030 BOARDCOM-ADNK-5030 Datasheet
89Kb / 1P
   Optical Mouse Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com