Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM186EM Arkusz danych(PDF) 10 Page - Advanced Micro Devices

Numer części AM186EM
Szczegółowy opis  High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMD [Advanced Micro Devices]
Strona internetowa  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186EM Arkusz danych(HTML) 10 Page - Advanced Micro Devices

Back Button AM186EM Datasheet HTML 6Page - Advanced Micro Devices AM186EM Datasheet HTML 7Page - Advanced Micro Devices AM186EM Datasheet HTML 8Page - Advanced Micro Devices AM186EM Datasheet HTML 9Page - Advanced Micro Devices AM186EM Datasheet HTML 10Page - Advanced Micro Devices AM186EM Datasheet HTML 11Page - Advanced Micro Devices AM186EM Datasheet HTML 12Page - Advanced Micro Devices AM186EM Datasheet HTML 13Page - Advanced Micro Devices AM186EM Datasheet HTML 14Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 98 page
background image
10
Am186/188EM and Am186/188EMLV Microcontrollers
PRELIMINA R Y
KEY FEATURES AND BENEFITS
The Am186EM and Am188EM microcontrollers extend
the AMD family of microcontrollers based on the indus-
try-standard x86 architecture. The Am186EM and
Am188EM microcontrollers are higher-performance,
more integrated versions of the 80C186/188 micropro-
cessors, offering a migration path that was previously
unava ilabl e. Upgr adi ng to the Am 186EM and
Am188EM microcontrollers is an attractive solution for
several reasons:
n Minimized total system cost—New peripherals and
on-chip system interface logic on the Am186EM and
Am188EM microcontrollers reduce the cost of existing
80C186/188 designs.
n X86 software compatibility—80C186/188-com-
patible and upward-compatible with the other mem-
bers of the AMD E86 family.
n Enhanced performance—The Am186EM and
Am188EM microcontrollers increase the perfor-
mance of 80C186/188 systems, and the demulti-
plexed address bus offers faster, unbuffered access
to memory.
n Enhanced functionality—The new and enhanced
on-chip peripherals of the Am186EM and Am188EM
microcontrollers include an asynchronous serial
port, 32 PIOs, a watchdog timer, an additional inter-
rupt pin, a synchronous serial interface, a PSRAM
controller, a 16-bit reset configuration register, and
enhanced chip-select functionality.
Application Considerations
The integration enhancements of the Am186EM and
Am188EM microcontrollers provide a high-perfor-
mance, low-system-cost solution for 16-bit embedded
microcontroller designs. The nonmultiplexed address
bus eliminates the need for system-support logic to in-
terface memory devices, while the multiplexed ad-
dress/data bus maintains the value of previously
engineered, customer-specific peripherals and circuits
within the upgraded design.
Figure 1 illustrates an example system design that
uses the integrated peripheral set to achieve high per-
formance with reduced system cost.
Clock Generation
The integrated clock generation circuitry of the
Am186EM and Am188EM microcontrollers allows the
use of a times-one crystal frequency. The design in
Figure 1 achieves 40-MHz CPU operation while using
a 40-MHz crystal.
Memory Interface
The int egrat ed m em ory co ntrolle r lo gic o f the
Am186EM and Am188EM microcontrollers provides a
direct address bus interface to memory devices. The
use of an external address latch controlled by the ad-
dress latch enable (ALE) signal is no longer needed.
Individual byte-write-enable signals are provided to
eliminate the need for external high/low byte-write-en-
able circuitry. The maximum bank size that is program-
mable for the memory chip-select signals has been
increased to facilitate the use of high-density memory
devices.
The improved memory timing specifications for the
Am186EM and Am188EM microcontrollers allow no
wait-state operation with 70-ns memory access times
at a 40-MHz CPU clock speed. This reduces overall
system cost significantly by allowing the use of a more
commonly available memory speed and technology.
Direct Memory Interface Example
Figure 1 illustrates the Am186EM microcontroller direct
memory interface. The processor A19–A0 bus con-
nects to the memory address inputs, the AD bus con-
nects to the data inputs and outputs, and the chip
selects connect to the memory chip-select inputs.
The RD output connects to the SRAM Output Enable
(OE) pin for read operations. Write operations use the byte
write enables connected to the SRAM Write Enable (WE)
pins.
The example design uses 2-Mbit memory technology
(256 Kbytes) to fully populate the available address
space. Two flash PROM devices provide 512 Kbytes of
nonvolatile program storage and two static RAM de-
vices provide 512 Kbytes of data storage area.
Figure 1 also shows an implementation of an RS-232
console or modem communications port. The RS-232-
to-CMOS voltage-level converter is required for the
electrical interface with the external device.
Figure 1.
Example System Design
X2
X1
RS-232
Level
Converter
TXD
RXD
LCS
UCS
WHB
WLB
WE
RD
WE
OE
CS
WE
AD15
AD0
A19
A0
Flash PROM
Static RAM
Serial Port
Am186EM
Microcontroller
40-MHz
Crystal
Address
Data
WE
Data
OE
CS
Address


Podobny numer części - AM186EM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
AM186EM ETC-AM186EM Datasheet
15Kb / 1P
   MICROCONTROLLER BLOCK DIAGRAM
logo
InnovASIC, Inc
AM186EM-20VCW INNOVASIC-AM186EM-20VCW Datasheet
1Mb / 146P
   8-Bit/16-Bit Microcontrollers
AM186EM-20VIW INNOVASIC-AM186EM-20VIW Datasheet
1Mb / 146P
   8-Bit/16-Bit Microcontrollers
AM186EM-25VCW INNOVASIC-AM186EM-25VCW Datasheet
1Mb / 146P
   8-Bit/16-Bit Microcontrollers
AM186EM-25VIW INNOVASIC-AM186EM-25VIW Datasheet
1Mb / 146P
   8-Bit/16-Bit Microcontrollers
More results

Podobny opis - AM186EM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advanced Micro Devices
AM188ES-40KCW AMD-AM188ES-40KCW Datasheet
1Mb / 102P
   High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
AM186ED AMD-AM186ED Datasheet
1Mb / 88P
   High Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers
AM186 AMD-AM186 Datasheet
2Mb / 112P
   High-Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers with RAM
logo
Microchip Technology
70592C MICROCHIP-70592C Datasheet
4Mb / 314P
   High-Performance, 16-bit Microcontrollers
2011
PIC24HJ128GP206-I MICROCHIP-PIC24HJ128GP206-I Datasheet
2Mb / 286P
   High-Performance, 16-Bit Microcontrollers
06/25/07
PIC24HJXXXGPX06A MICROCHIP-PIC24HJXXXGPX06A Datasheet
4Mb / 294P
   High-Performance, 16-Bit Microcontrollers
2009
PIC24HJ32GP202 MICROCHIP-PIC24HJ32GP202_11 Datasheet
3Mb / 272P
   High-Performance, 16-bit Microcontrollers
2011
PIC24HJ64GP206A-I MICROCHIP-PIC24HJ64GP206A-I Datasheet
2Mb / 304P
   High-Performance,16-bit Microcontrollers
03/26/09
PIC24HJ128GP510-I MICROCHIP-PIC24HJ128GP510-I Datasheet
2Mb / 286P
   High-Performance, 16-Bit Microcontrollers
06/25/07
PIC24HJXXXGPX06 MICROCHIP-PIC24HJXXXGPX06 Datasheet
4Mb / 286P
   High-Performance, 16-Bit Microcontrollers
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com