Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM188EM Arkusz danych(PDF) 11 Page - Advanced Micro Devices

Numer części AM188EM
Szczegółowy opis  High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMD [Advanced Micro Devices]
Strona internetowa  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM188EM Arkusz danych(HTML) 11 Page - Advanced Micro Devices

Back Button AM188EM Datasheet HTML 7Page - Advanced Micro Devices AM188EM Datasheet HTML 8Page - Advanced Micro Devices AM188EM Datasheet HTML 9Page - Advanced Micro Devices AM188EM Datasheet HTML 10Page - Advanced Micro Devices AM188EM Datasheet HTML 11Page - Advanced Micro Devices AM188EM Datasheet HTML 12Page - Advanced Micro Devices AM188EM Datasheet HTML 13Page - Advanced Micro Devices AM188EM Datasheet HTML 14Page - Advanced Micro Devices AM188EM Datasheet HTML 15Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 98 page
background image
Am186/188EM and Am186/188EMLV Microcontrollers
11
P R E L IMINAR Y
TQFP CONNECTION DIAGRAMS AND PINOUTS
Am186EM Microcontroller
Top Side View—100-Pin Thin Quad Flat Pack (TQFP)
Note:
Pin 1 is marked for orientation.
AD0
1
AD8
2
AD1
3
AD9
4
AD2
5
AD10
6
AD3
7
AD11
8
AD4
9
AD12
10
AD5
11
12
AD13
13
AD6
14
15
AD14
16
AD7
17
AD15
18
19
20
TXD
21
RXD
22
SDATA
23
SDEN1
24
SDEN0
25
VCC
75
INT4
74
73
72
71
70
NMI
69
SRDY
68
HOLD
67
HLDA
66
65
64
63
A0
62
A1
61
60
A2
59
A3
58
A4
57
A5
56
A6
55
A7
54
A8
53
A9
52
A10
51
A11
VCC
GND
GND
WHB
WLB
DT/R
DEN
MCS0
MCS1
S6/CLKDIV2
UZI
Am186EM Microcontroller


Podobny numer części - AM188EM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rochester Electronics
AM188EM-20KC ROCHESTER-AM188EM-20KC Datasheet
2Mb / 1P
   EMBEDDED STORAGE PRODUCT used in everyday office applications 16-Bit Microcontroller
AM188EM-20KI ROCHESTER-AM188EM-20KI Datasheet
2Mb / 1P
   EMBEDDED STORAGE PRODUCT used in everyday office applications 16-Bit Microcontroller
AM188EM-20KW ROCHESTER-AM188EM-20KW Datasheet
2Mb / 1P
   EMBEDDED STORAGE PRODUCT used in everyday office applications 16-Bit Microcontroller
AM188EM-20VC ROCHESTER-AM188EM-20VC Datasheet
2Mb / 1P
   EMBEDDED STORAGE PRODUCT used in everyday office applications 16-Bit Microcontroller
logo
InnovASIC, Inc
AM188EM-20VCW INNOVASIC-AM188EM-20VCW Datasheet
1Mb / 146P
   8-Bit/16-Bit Microcontrollers
More results

Podobny opis - AM188EM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advanced Micro Devices
AM188ES-40KCW AMD-AM188ES-40KCW Datasheet
1Mb / 102P
   High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
AM186ED AMD-AM186ED Datasheet
1Mb / 88P
   High Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers
AM186 AMD-AM186 Datasheet
2Mb / 112P
   High-Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers with RAM
logo
Microchip Technology
70592C MICROCHIP-70592C Datasheet
4Mb / 314P
   High-Performance, 16-bit Microcontrollers
2011
PIC24HJ128GP206-I MICROCHIP-PIC24HJ128GP206-I Datasheet
2Mb / 286P
   High-Performance, 16-Bit Microcontrollers
06/25/07
PIC24HJXXXGPX06A MICROCHIP-PIC24HJXXXGPX06A Datasheet
4Mb / 294P
   High-Performance, 16-Bit Microcontrollers
2009
PIC24HJ32GP202 MICROCHIP-PIC24HJ32GP202_11 Datasheet
3Mb / 272P
   High-Performance, 16-bit Microcontrollers
2011
PIC24HJ64GP206A-I MICROCHIP-PIC24HJ64GP206A-I Datasheet
2Mb / 304P
   High-Performance,16-bit Microcontrollers
03/26/09
PIC24HJ128GP510-I MICROCHIP-PIC24HJ128GP510-I Datasheet
2Mb / 286P
   High-Performance, 16-Bit Microcontrollers
06/25/07
PIC24HJXXXGPX06 MICROCHIP-PIC24HJXXXGPX06 Datasheet
4Mb / 286P
   High-Performance, 16-Bit Microcontrollers
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com