Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS4391A-KS Arkusz danych(PDF) 7 Page - Cirrus Logic

Numer części CS4391A-KS
Szczegółowy opis  24-BIT, 192 kHz STEREO DAC WITH VOLUME CONTROL
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CIRRUS [Cirrus Logic]
Strona internetowa  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4391A-KS Arkusz danych(HTML) 7 Page - Cirrus Logic

Back Button CS4391A-KS Datasheet HTML 3Page - Cirrus Logic CS4391A-KS Datasheet HTML 4Page - Cirrus Logic CS4391A-KS Datasheet HTML 5Page - Cirrus Logic CS4391A-KS Datasheet HTML 6Page - Cirrus Logic CS4391A-KS Datasheet HTML 7Page - Cirrus Logic CS4391A-KS Datasheet HTML 8Page - Cirrus Logic CS4391A-KS Datasheet HTML 9Page - Cirrus Logic CS4391A-KS Datasheet HTML 10Page - Cirrus Logic CS4391A-KS Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
CS4391A
DS600PP3
7
ANALOG CHARACTERISTICS (continued)
Notes: 1.
Triangular PDF dithered data.
2.
THD+N specifications for 48 kHz sample rates are made over a 20 kHz Bandwidth.
3. Valid with the recommended capacitor values on FILT+ and CMOUT as shown in Figure 1. Increasing
the capacitance will also increase the PSRR.
4. Response is clock dependent and will scale with Fs. Note that the response plots (Figures 18-25) have
been normalized to Fs and can be de-normalized by multiplying the X-axis scale by Fs.
5. For Single-Speed Mode, the Measurement Bandwidth is 0.5465 Fs to 3 Fs.
For Double-Speed Mode, the Measurement Bandwidth is 0.577 Fs to 1.4 Fs.
Parameter
Symbol
Min
Typ
Max
Unit
Combined Digital and On-chip Analog Filter Response - Single Speed Mode
Passband
(Note 3)
to -0.05 dB corner
to -3 dB corner
0
0
-
-
.4535
.4998
Fs
Fs
Frequency Response 10 Hz to 20 kHz
-.02
-
+.035
dB
StopBand
.5465
-
-
Fs
StopBand Attenuation
(Note 5)
50
-
-
dB
Group Delay
tgd
-
9/Fs
-
s
Passband Group Delay Deviation
0 - 20 kHz
-
±0.36/Fs
-
s
De-emphasis Error
(Relative to 1 kHz)
Control Port Mode
Fs = 32 kHz
Fs = 44.1 kHz
Fs = 48 kHz
Stand-Alone Mode
Fs = 44.1 kHz
-
-
-
-
-
-
-
-
+.2/-.1
+.05/-.14
+0/.22
+.05/-.14
dB
dB
dB
dB
Combined Digital and On-chip Analog Filter Response - Double Speed Mode
Passband
(Note 4)
to -0.1 dB corner
to -3 dB corner
0
0
-
-
.4621
.4982
Fs
Fs
Frequency Response 10 Hz to 20 kHz
-0.1
-
0
dB
StopBand
.577
-
-
Fs
StopBand Attenuation
(Note 5)
55
-
-
dB
Group Delay
tgd
-
9/Fs
-
s
Passband Group Delay Deviation
0 - 20 kHz
-
±0.23/Fs
-
s
On-chip Analog Filter Response - Quad Speed Mode
Passband
(Note 4)
to -3 dB corner
0
-
0.25
Fs
Frequency Response 10 Hz to 20 kHz
-0.7
-
0
dB
On-chip Analog Filter Response - DSD Mode
Passband
(Note 4)
to -3 dB corner
0
-
1.0
Fs
Frequency Response 10 Hz to 20 kHz
-0.7
-
0
dB


Podobny numer części - CS4391A-KS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS4391 CIRRUS-CS4391 Datasheet
576Kb / 40P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4391 CIRRUS-CS4391 Datasheet
823Kb / 38P
   24-Bit, 192 kHz Stereo DAC with Volume Control
CS4391-KZ CIRRUS-CS4391-KZ Datasheet
576Kb / 40P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4391-KZ CIRRUS-CS4391-KZ Datasheet
823Kb / 38P
   24-Bit, 192 kHz Stereo DAC with Volume Control
logo
List of Unclassifed Man...
CS4391-KZ ETC2-CS4391-KZ Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Podobny opis - CS4391A-KS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS4391 CIRRUS-CS4391_04 Datasheet
823Kb / 38P
   24-Bit, 192 kHz Stereo DAC with Volume Control
CS4392 CIRRUS-CS4392_04 Datasheet
1Mb / 40P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4341A CIRRUS-CS4341A_04 Datasheet
1Mb / 34P
   24-Bit, 192 kHz Stereo DAC with Volume Control
CS4392 CIRRUS-CS4392 Datasheet
978Kb / 42P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4391 CIRRUS-CS4391 Datasheet
576Kb / 40P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4341A CIRRUS-CS4341A Datasheet
716Kb / 32P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4341 CIRRUS-CS4341_05 Datasheet
909Kb / 34P
   24-Bit, 96 kHz Stereo DAC with Volume Control
CS4341 CIRRUS-CS4341 Datasheet
923Kb / 36P
   24-Bit, 96 kHz Stereo DAC with Volume Control?
logo
Wolfson Microelectronic...
WM8727 WOLFSON-WM8727 Datasheet
180Kb / 16P
   24 BIT 192 KHZ STEREO DAC
logo
Analog Devices
AD1853 AD-AD1853 Datasheet
416Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com