Zakładka z wyszukiwarką danych komponentów |
|
BDW42 Arkusz danych(PDF) 1 Page - ON Semiconductor |
|
BDW42 Arkusz danych(HTML) 1 Page - ON Semiconductor |
1 / 6 page © Semiconductor Components Industries, LLC, 2004 June, 2004 − Rev. 11 Publication Order Number: BDW42/D BDW42* − NPN, BDW46, BDW47* − PNP Preferred Device Darlington Complementary Silicon Power Transistors This series of plastic, medium−power silicon NPN and PNP Darlington transistors are designed for general purpose and low speed switching applications. Features • Pb−Free Package is Available** • High DC Current Gain − h FE = 2500 (typ) @ IC = 5.0 Adc. • Collector Emitter Sustaining Voltage @ 30 mAdc: VCEO(sus) = 80 Vdc (min) − BDW46 100 Vdc (min.) − BDW42/BDW47 • Low Collector Emitter Saturation Voltage VCE(sat) = 2.0 Vdc (max) @ IC = 5.0 Adc 3.0 Vdc (max) @ IC = 10.0 Adc • Monolithic Construction with Built−In Base Emitter Shunt resistors • TO−220AB Compact Package MAXIMUM RATINGS Rating Symbol Value Unit Collector-Emitter Voltage BDW46 BDW42, BDW47 VCEO 80 100 Vdc Collector-Base Voltage BDW46 BDW42, BDW47 VCB 80 100 Vdc Emitter-Base Voltage VEB 5.0 Vdc Collector Current IC 15 Adc Base Current IB 0.5 Adc Total Device Dissipation @ TC = 25°C Derate above 25 °C PD 85 0.68 W W/ °C Operating and Storage Junction Temperature Range TJ, Tstg −55 to +150 °C Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. THERMAL CHARACTERISTICS Characteristic Symbol Max Unit Thermal Resistance, Junction−to−Case RqJC 1.47 °C/W **For additional information on our Pb−Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D. TO−220AB CASE 221A STYLE 1 MARKING DIAGRAM 15 A DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 80−100 V, 85 W http://onsemi.com 1 2 3 4 Device Package Shipping† ORDERING INFORMATION BDW42 TO−220AB 50 Units/Rail BDW46 TO−220AB 50 Units/Rail BDW47G 50 Units/Rail BDW47 TO−220AB (Pb−Free) 50 Units/Rail †For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. TO−220AB *Preferred devices are ON Semiconductor recommended choices for future use and best overall value BDWxx YYWW xx = 42, 46 or 47 YY = Year WW = Work Week |
Podobny numer części - BDW42 |
|
Podobny opis - BDW42 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |