Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BDW42 Arkusz danych(PDF) 2 Page - ON Semiconductor

Numer części BDW42
Szczegółowy opis  DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BDW42 Arkusz danych(HTML) 2 Page - ON Semiconductor

  BDW42 Datasheet HTML 1Page - ON Semiconductor BDW42 Datasheet HTML 2Page - ON Semiconductor BDW42 Datasheet HTML 3Page - ON Semiconductor BDW42 Datasheet HTML 4Page - ON Semiconductor BDW42 Datasheet HTML 5Page - ON Semiconductor BDW42 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BDW42* − NPN, BDW46, BDW47* − PNP
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector Emitter Sustaining Voltage (Note 1)
(IC = 30 mAdc, IB = 0)
BDW46
BDW42/BDW47
VCEO(sus)
80
100
Vdc
Collector Cutoff Current
(VCE = 40 Vdc, IB = 0)
BDW46
(VCE = 50 Vdc, IB = 0)
BDW42/BDW47
ICEO
2.0
2.0
mAdc
Collector Cutoff Current
(VCB = 80 Vdc, IE = 0)
BDW46
(VCB = 100 Vdc, IE = 0)
BDW42/BDW47
ICBO
1.0
1.0
mAdc
Emitter Cutoff Current
(VBE = 5.0 Vdc, IC = 0)
IEBO
2.0
mAdc
ON CHARACTERISTICS (Note 1)
DC Current Gain
(IC = 5.0 Adc, VCE = 4.0 Vdc)
(IC = 10 Adc, VCE = 4.0 Vdc)
hFE
1000
250
Collector−Emitter Saturation Voltage
(IC = 5.0 Adc, IB = 10 mAdc)
(IC = 10 Adc, IB = 50 mAdc)
VCE(sat)
2.0
3.0
Vdc
Base−Emitter On Voltage
(IC = 10 Adc, VCE = 4.0 Vdc)
VBE(on)
3.0
Vdc
SECOND BREAKDOWN (Note 2)
Second Breakdown Collector
Current with Base Forward Biased
BDW42
VCE = 28.4 Vdc
VCE = 40 Vdc
BDW46/BDW47
VCE = 22.5 Vdc
VCE = 36 Vdc
IS/b
3.0
1.2
3.8
1.2
Adc
DYNAMIC CHARACTERISTICS
Magnitude of common emitter small signal short circuit current transfer ratio
(IC = 3.0 Adc, VCE = 3.0 Vdc, f = 1.0 MHz)
fT
4.0
MHz
Output Capacitance
(VCB = 10 Vdc, IE = 0, f = 0.1 MHz)
BDW42
BDW46/BDW47
Cob
200
300
pF
Small−Signal Current Gain
(IC = 3.0 Adc, VCE = 3.0 Vdc, f = 1.0 kHz)
hfe
300
1. Pulse Test: Pulse Width = 300
µs, Duty Cycle = 2.0%.
2. Pulse Test non repetitive: Pulse Width = 250 ms.
90
60
40
20
0
25
50
75
100
125
150
Figure 1. Power Temperature Derating Curve
TC, CASE TEMPERATURE (°C)
80
70
50
30
10


Podobny numer części - BDW42

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
BDW42 MOTOROLA-BDW42 Datasheet
176Kb / 6P
   Darlington Complementary Silicon Power Transistors
logo
ON Semiconductor
BDW42 ONSEMI-BDW42 Datasheet
75Kb / 8P
   Darlington Complementary Silicon Power Transistors
June, 2004 ??Rev. 11
logo
Motorola, Inc
BDW42 MOTOROLA-BDW42 Datasheet
414Kb / 6P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
BDW42 ONSEMI-BDW42 Datasheet
95Kb / 7P
   Darlington Complementary Silicon Power Transistors
October, 2005 ??Rev. 12
logo
Savantic, Inc.
BDW42 SAVANTIC-BDW42 Datasheet
92Kb / 3P
   Silicon NPN Power Transistors
More results

Podobny opis - BDW42

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
MJ2501 STMICROELECTRONICS-MJ2501 Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
MJD112 STMICROELECTRONICS-MJD112 Datasheet
84Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
BDX87C STMICROELECTRONICS-BDX87C Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
SGSD100 STMICROELECTRONICS-SGSD100_03 Datasheet
894Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
October 2003
TIP122FP STMICROELECTRONICS-TIP122FP Datasheet
29Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
TIP140 STMICROELECTRONICS-TIP140 Datasheet
48Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
ON Semiconductor
TIP100 ONSEMI-TIP100 Datasheet
218Kb / 6P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1995 REV 7
MJ11017 ONSEMI-MJ11017 Datasheet
235Kb / 6P
   DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON
1995
logo
STMicroelectronics
BDW83C STMICROELECTRONICS-BDW83C Datasheet
67Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
BDX53B STMICROELECTRONICS-BDX53B Datasheet
80Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
Boca Semiconductor Corp...
2N6298 BOCA-2N6298 Datasheet
184Kb / 4P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com