Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BDW46 Arkusz danych(PDF) 5 Page - ON Semiconductor

Numer części BDW46
Szczegółowy opis  DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BDW46 Arkusz danych(HTML) 5 Page - ON Semiconductor

  BDW46 Datasheet HTML 1Page - ON Semiconductor BDW46 Datasheet HTML 2Page - ON Semiconductor BDW46 Datasheet HTML 3Page - ON Semiconductor BDW46 Datasheet HTML 4Page - ON Semiconductor BDW46 Datasheet HTML 5Page - ON Semiconductor BDW46 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
BDW42* − NPN, BDW46, BDW47* − PNP
http://onsemi.com
5
0.1
Figure 9. DC Current Gain
IC, COLLECTOR CURRENT (AMP)
0.2
0.3
0.5 0.7
1.0
2.0
10
500
300
TJ = 150°C
25
°C
−55
°C
VCE = 3.0 V
200
7.0
BDW42 (NPN)
BDW46, 47 (PNP)
20,000
5000
10,000
3000
2000
1000
3.0
5.0
0.1
IC, COLLECTOR CURRENT (AMP)
0.2
0.3
0.5 0.7
1.0
2.0
10
500
300
TJ = 150°C
25
°C
−55
°C
VCE = 3.0 V
200
7.0
20,000
5000
10,000
3000
2000
1000
3.0
5.0
7000
700
Figure 10. Collector Saturation Region
3.0
IB, BASE CURRENT (mA)
0.3
0.5
1.0
2.0 3.0
5.0 7.0
30
2.6
2.2
1.8
1.4
IC = 2.0 A
TJ = 25°C
4.0 A
6.0 A
1.0
0.7
20
10
3.0
IB, BASE CURRENT (mA)
0.3
0.5
1.0
2.0
3.0
5.0 7.0
30
2.6
2.2
1.8
1.4
IC = 2.0 A
TJ = 25°C
4.0 A
6.0 A
1.0
0.7
20
10
IC, COLLECTOR CURRENT (AMP)
VBE(sat) @ IC/IB = 250
Figure 11. “On” Voltages
IC, COLLECTOR CURRENT (AMP)
VBE(sat) @ IC/IB = 250
VCE(sat) @ IC/IB = 250
TJ = 25°C
VBE @ VCE = 4.0 V
VBE @ VCE = 4.0 V
VCE(sat) @ IC/IB = 250
TJ = 25°C
0.1
0.2 0.3
0.5 0.7
1.0
2.0
10
7.0
3.0
5.0
0.1
0.2 0.3
0.5 0.7 1.0
2.0
10
7.0
3.0
5.0
3.0
2.5
2.0
1.5
1.0
0.5
3.0
2.5
2.0
1.5
1.0
0.5


Podobny numer części - BDW46

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
BDW46 MOTOROLA-BDW46 Datasheet
176Kb / 6P
   Darlington Complementary Silicon Power Transistors
logo
ON Semiconductor
BDW46 ONSEMI-BDW46 Datasheet
75Kb / 8P
   Darlington Complementary Silicon Power Transistors
June, 2004 ??Rev. 11
logo
Motorola, Inc
BDW46 MOTOROLA-BDW46 Datasheet
414Kb / 6P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
BDW46 ONSEMI-BDW46 Datasheet
95Kb / 7P
   Darlington Complementary Silicon Power Transistors
October, 2005 ??Rev. 12
logo
Inchange Semiconductor ...
BDW46 ISC-BDW46 Datasheet
250Kb / 2P
   isc Silicon PNP Darlington Power Transistor
More results

Podobny opis - BDW46

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
MJ2501 STMICROELECTRONICS-MJ2501 Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
MJD112 STMICROELECTRONICS-MJD112 Datasheet
84Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
BDX87C STMICROELECTRONICS-BDX87C Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
SGSD100 STMICROELECTRONICS-SGSD100_03 Datasheet
894Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
October 2003
TIP122FP STMICROELECTRONICS-TIP122FP Datasheet
29Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
TIP140 STMICROELECTRONICS-TIP140 Datasheet
48Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
ON Semiconductor
TIP100 ONSEMI-TIP100 Datasheet
218Kb / 6P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1995 REV 7
MJ11017 ONSEMI-MJ11017 Datasheet
235Kb / 6P
   DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON
1995
logo
STMicroelectronics
BDW83C STMICROELECTRONICS-BDW83C Datasheet
67Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
BDX53B STMICROELECTRONICS-BDX53B Datasheet
80Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
Boca Semiconductor Corp...
2N6298 BOCA-2N6298 Datasheet
184Kb / 4P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com